Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADIS16488A Datasheet(PDF) 26 Page - Analog Devices

Part # ADIS16488A
Description  Tactical Grade, Ten Degrees of Freedom Inertial Sensor
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16488A Datasheet(HTML) 26 Page - Analog Devices

Back Button ADIS16488A Datasheet HTML 22Page - Analog Devices ADIS16488A Datasheet HTML 23Page - Analog Devices ADIS16488A Datasheet HTML 24Page - Analog Devices ADIS16488A Datasheet HTML 25Page - Analog Devices ADIS16488A Datasheet HTML 26Page - Analog Devices ADIS16488A Datasheet HTML 27Page - Analog Devices ADIS16488A Datasheet HTML 28Page - Analog Devices ADIS16488A Datasheet HTML 29Page - Analog Devices ADIS16488A Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 35 page
background image
Product
Overview
Online
Documentation
Design
Resources
Discussion
Sample
& Buy
ADIS16488A
Data Sheet
Rev. C | Page 26 of 35
Hard Iron Correction
Table 85, Table 86, and Table 87 describe the registerformatfor
the hard iron correction factors: HX, HY, and HZ. These registers
use a twos complementformat.Table88 provides somenumerical
examples forconverting the digital codes for theseregisters into
their decimal equivalent.
Table 85. HARD_IRON_X (Page2, Base Address = 0x28)
Bits
Description (Default = 0x0000)
[15:0]
X-axis magnetometer hard ironcorrection factor, HX,
twos complement, ±3.2767 gauss range,
0.1 mgauss/LSB, 0 gauss = 0x0000 (see Table 88)
Table 86. HARD_IRON_Y(Page 2, Base Address = 0x2A)
Bits
Description (Default = 0x0000)
[15:0]
Y-axis magnetometer hard iron correction factor, HY,
twos complement, ±3.2767 gauss range,
0.1 mgauss/LSB, 0 gauss = 0x0000 (see Table 88)
Table 87. HARD_IRON_Z (Page2, Base Address = 0x2C)
Bits
Description (Default = 0x0000)
[15:0]
Z-axis magnetometer hard iron correction factor, Hz,
twos complement, ±3.2767 gauss range,
0.1 mgauss/LSB, 0 gauss = 0x0000 (see Table 88)
Table 88. HARD_IRON_x Numerical Examples
Magnetic Field
Decimal
Hex
Binary
+3.2767 gauss
+32,767
0x7FFF
0111 1111 1111 1111
+0.2 mgauss
+2
0x0002
0000 0000 0000 0010
+0.1 mgauss
+1
0x0001
0000 0000 0000 0001
0 gauss
0
0x0000
0000 0000 0000 0000
−0.1 mgauss
−1
0xFFFF
1111 1111 1111 1111
−0.2 mgauss
−2
0xFFFE
1111 1111 1111 1110
−3.2768 gauss
−32,768
0x8000
1000 0000 0000 0000
Soft Iron Correction Matrix
The soft iron correction matrix contains correction factorsfor
both sensitivity (S11, S22, S33) and alignment (S12, S13, S21, S23, S31,
S32). The registers that represent each softiron correction factor
are in Table 89 (S11), Table 90 (S12), Table 91 (S13), Table 92 (S21),
Table 93 (S22), Table 94 (S23), Table 95 (S31), Table 96 (S32), and
Table 97 (S33). Table 98 offers some numerical examples for
converting between the digital codes and their effect on the
magnetometer output, in terms of percent change.
Table 89. SOFT_IRON_S11(Page 2, Base Address = 0x2E)
Bits
Description (Default = 0x0000)
[15:0]
Magnetometer soft iron correction factor, S11,
twos complement format, see Table 98 for examples
Table 90. SOFT_IRON_S12(Page 2, Base Address = 0x30)
Bits
Description (Default = 0x0000)
[15:0]
Magnetometer soft iron correction factor, S12,
twos complement format, see Table 98 for examples
Table 91. SOFT_IRON_S13(Page 2, Base Address = 0x32)
Bits
Description (Default = 0x0000)
[15:0]
Magnetometer soft iron correction factor, S13,
twos complement format, see Table 98 for examples
Table 92. SOFT_IRON_S21(Page 2, Base Address = 0x34)
Bits
Description (Default = 0x0000)
[15:0]
Magnetometer soft iron correction factor, S21, twos
complement format, see Table 98 for examples
Table 93. SOFT_IRON_S22(Page 2, Base Address = 0x36)
Bits
Description (Default = 0x0000)
[15:0]
Magnetometer soft iron correction factor, S22,
twos complement format, see Table 98 for examples
Table 94. SOFT_IRON_S23(Page 2, Base Address = 0x38)
Bits
Description (Default = 0x0000)
[15:0]
Magnetometer soft iron correction factor, S23,
twos complement format, see Table 98 for examples
Table 95. SOFT_IRON_S31(Page 2, Base Address = 0x3A)
Bits
Description (Default = 0x0000)
[15:0]
Magnetometer soft-ironcorrection factor, S31,
twos complement format, see Table 98 for examples
Table 96. SOFT_IRON_S32(Page 2, Base Address = 0x3C)
Bits
Description (Default = 0x0000)
[15:0]
Magnetometer soft iron correction factor, S32,
twos complement format, see Table 98 for examples
Table 97. SOFT_IRON_S33(Page 2, Base Address = 0x3E)
Bits
Description (Default = 0x0000)
[15:0]
Magnetometer soft iron correction factor, S33,
twos complement format, see Table 98 for examples
Table 98. SoftIronCorrection, Numerical Examples
Delta (%)
Decimal
Hex
Binary
+100 – 1/216
+32,767
0x7FFF
0111 1111 1111 1111
+200/215
+2
0x0002
0000 0000 0000 0010
+100/215
+1
0x0001
0000 0000 0000 0001
0
0
0x0000
0000 0000 0000 0000
−100/215
−1
0xFFFF
1111 1111 1111 1111
−200/215
−2
0xFFFE
1111 1111 1111 1110
−100
−32,768
0x8000
1000 0000 0000 0000


Similar Part No. - ADIS16488A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADIS16488AMLZ AD-ADIS16488AMLZ Datasheet
793Kb / 36P
Ten Degrees of Freedom Inertial Sensor
REV. B
ADIS16488AMLZ AD-ADIS16488AMLZ Datasheet
1Mb / 12P
Evaluation Board User Guide
REV. B
More results

Similar Description - ADIS16488A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADIS16480 AD-ADIS16480 Datasheet
961Kb / 40P
Ten Degrees of Freedom Inertial Sensor
REV. 0
ADIS16495 AD-ADIS16495 Datasheet
986Kb / 42P
Tactical Grade, Six Degrees of Freedom Inertial Sensor
ADIS16488 AD-ADIS16488 Datasheet
793Kb / 36P
Ten Degrees of Freedom Inertial Sensor
REV. B
ADIS16485 AD-ADIS16485_15 Datasheet
824Kb / 32P
Tactical Grade, Six Degrees of Freedom Inertial Sensor
Rev. E
ADIS16497 AD-ADIS16497 Datasheet
769Kb / 43P
Tactical Grade, Six Degrees of Freedom Inertial Sensor
ADIS16448AMLZ AD-ADIS16448AMLZ Datasheet
564Kb / 24P
Compact, Precision Ten Degrees of Freedom Inertial Sensor
REV. B
ADIS16407 AD-ADIS16407 Datasheet
459Kb / 24P
Ten Degrees of Freedom Inertial Sensor Platform stabilization and control
REV. A
ADIS16480 AD-ADIS16480_15 Datasheet
993Kb / 44P
Ten Degrees of Freedom Inertial Sensor with Dynamic Orientation Outputs
Rev. E
ADIS16385 AD-ADIS16385 Datasheet
450Kb / 20P
Six Degrees of Freedom Inertial Sensor
Rev. PrA
ADIS16362 AD-ADIS16362 Datasheet
512Kb / 20P
Six Degrees of Freedom Inertial Sensor
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com