Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADIS16488A Datasheet(PDF) 28 Page - Analog Devices

Part # ADIS16488A
Description  Tactical Grade, Ten Degrees of Freedom Inertial Sensor
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16488A Datasheet(HTML) 28 Page - Analog Devices

Back Button ADIS16488A Datasheet HTML 24Page - Analog Devices ADIS16488A Datasheet HTML 25Page - Analog Devices ADIS16488A Datasheet HTML 26Page - Analog Devices ADIS16488A Datasheet HTML 27Page - Analog Devices ADIS16488A Datasheet HTML 28Page - Analog Devices ADIS16488A Datasheet HTML 29Page - Analog Devices ADIS16488A Datasheet HTML 30Page - Analog Devices ADIS16488A Datasheet HTML 31Page - Analog Devices ADIS16488A Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 35 page
background image
Product
Overview
Online
Documentation
Design
Resources
Discussion
Sample
& Buy
ADIS16488A
Data Sheet
Rev. C | Page 28 of 35
ALARMS
Each sensor has an independentalarm function that provides
controls for alarm magnitude, polarity, andenabling a dynamic
rate-of-change option. The ALM_STS register(see Table 50)
contains the alarm outputflags and the FNCTIO_CTRLregister
(see Table 118)provides an option for configuring oneof the
digital input/output lines as an alarm indicator.
STATIC ALARM USE
The staticalarm setting compares the output of each sensor
with the trigger settings in the xx_ALM_MAGN registers (see
Table 101 through Table 110)of that sensor.
Table 101. XG_ALM_MAGN(Page 3, Base Address = 0x28)
Bits
Description (Default = 0x0000)
[15:0]
X-axis gyroscope alarm threshold settings,
twos complement, 0°/sec = 0x0000, 1 LSB = 0.02°/sec
Table 102. YG_ALM_MAGN (Page 3, Base Address = 0x2A)
Bits
Description (Default = 0x0000)
[15:0]
Y-axis gyroscope alarm threshold settings,
twos complement, 0°/sec = 0x0000, 1 LSB = 0.02°/sec
Table 103. ZG_ALM_MAGN(Page 3, Base Address = 0x2C)
Bits
Description (Default = 0x0000)
[15:0]
Z-axis gyroscope alarm threshold settings,
twos complement, 0°/sec = 0x0000, 1 LSB = 0.02°/sec
Table 104. XA_ALM_MAGN (Page3, Base Address = 0x2E)
Bits
Description (Default = 0x0000)
[15:0]
X-axis accelerometer alarm threshold settings,
twos complement, 0 g = 0x0000, 1 LSB = 0.8 mg
Table 105. YA_ALM_MAGN(Page 3, Base Address = 0x30)
Bits
Description (Default = 0x0000)
[15:0]
Y-axis accelerometer alarm threshold settings,
twos complement, 0 g = 0x0000, 1 LSB = 0.8 mg
Table 106. ZA_ALM_MAGN (Page 3, Base Address = 0x32)
Bits
Description (Default = 0x0000)
[15:0]
Z-axis accelerometer alarm threshold settings,
twos complement, 0 g = 0x0000, 1 LSB = 0.8 mg
Table 107. XM_ALM_MAGN(Page 3, Base Address = 0x34)
Bits
Description (Default = 0x0000)
[15:0]
X-axis magnetometer alarm threshold settings,
twos complement, 0 gauss = 0x0000,
1 LSB = 0.1 mgauss
Table 108. YM_ALM_MAGN (Page 3, Base Address = 0x36)
Bits
Description (Default = 0x0000)
[15:0]
Y-axis magnetometer alarm threshold settings,
twos complement, 0 gauss = 0x0000,
1 LSB = 0.1 mgauss
Table 109. ZM_ALM_MAGN(Page 3, Base Address = 0x38)
Bits
Description (Default = 0x0000)
[15:0]
Z-axis magnetometer alarm thresholdsettings,
twos complement, 0 gauss = 0x0000,
1 LSB = 0.1 mgauss
Table 110. BR_ALM_MAGN (Page 3, Base Address = 0x3A)
Bits
Description (Default = 0x0000)
[15:0]
Z-axis barometer alarm threshold settings,
twos complement, 0 bar = 0x0000, 1 LSB = 40 µbar
Static Alarm Polarity Controls
The alarm polarity settings, locatedin the ALM_CNFG_x
registers (see Table111 to Table 113), establish the relationship
for the condition that causes the corresponding alarmflag to be
active. For example, when ALM_CNFG_0[13]= 1, the alarm
flag for the x-axis accelerometer(ALM_STS[3], see Table 50)
becomes active (equal to 1)when X_ACCL_OUT is greater
than XA_ALM_MAGN.
Table 111. ALM_CNFG_0(Page3, Base Address = 0x20)
Bits
Description (Default = 0x0000)
15
X-axis accelerometer alarm (1 = enabled)
14
Not used
13
X-axis accelerometer alarm polarity (1 = greater than)
12
X-axis accelerometer dynamic enable (1 = enabled)
11
Z-axis gyroscope alarm (1 = enabled)
10
Not used
9
Z-axis gyroscope alarm polarity (1 = greater than)
8
Z-axis gyroscope dynamic enable (1 = enabled)
7
Y-axis gyroscope alarm (1 = enabled)
6
Not used
5
Y-axis gyroscope alarm polarity (1 = greater than)
4
Y-axis gyroscope dynamic enable (1 = enabled)
3
X-axis gyroscope alarm (1 = enabled)
2
Not used
1
X-axis gyroscope alarm polarity (1 = greater than)
0
X-axis gyroscope dynamic enable (1 = enabled)


Similar Part No. - ADIS16488A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADIS16488AMLZ AD-ADIS16488AMLZ Datasheet
793Kb / 36P
Ten Degrees of Freedom Inertial Sensor
REV. B
ADIS16488AMLZ AD-ADIS16488AMLZ Datasheet
1Mb / 12P
Evaluation Board User Guide
REV. B
More results

Similar Description - ADIS16488A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADIS16480 AD-ADIS16480 Datasheet
961Kb / 40P
Ten Degrees of Freedom Inertial Sensor
REV. 0
ADIS16495 AD-ADIS16495 Datasheet
986Kb / 42P
Tactical Grade, Six Degrees of Freedom Inertial Sensor
ADIS16488 AD-ADIS16488 Datasheet
793Kb / 36P
Ten Degrees of Freedom Inertial Sensor
REV. B
ADIS16485 AD-ADIS16485_15 Datasheet
824Kb / 32P
Tactical Grade, Six Degrees of Freedom Inertial Sensor
Rev. E
ADIS16497 AD-ADIS16497 Datasheet
769Kb / 43P
Tactical Grade, Six Degrees of Freedom Inertial Sensor
ADIS16448AMLZ AD-ADIS16448AMLZ Datasheet
564Kb / 24P
Compact, Precision Ten Degrees of Freedom Inertial Sensor
REV. B
ADIS16407 AD-ADIS16407 Datasheet
459Kb / 24P
Ten Degrees of Freedom Inertial Sensor Platform stabilization and control
REV. A
ADIS16480 AD-ADIS16480_15 Datasheet
993Kb / 44P
Ten Degrees of Freedom Inertial Sensor with Dynamic Orientation Outputs
Rev. E
ADIS16385 AD-ADIS16385 Datasheet
450Kb / 20P
Six Degrees of Freedom Inertial Sensor
Rev. PrA
ADIS16362 AD-ADIS16362 Datasheet
512Kb / 20P
Six Degrees of Freedom Inertial Sensor
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com