Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADIS16488A Datasheet(PDF) 29 Page - Analog Devices

Part # ADIS16488A
Description  Tactical Grade, Ten Degrees of Freedom Inertial Sensor
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16488A Datasheet(HTML) 29 Page - Analog Devices

Back Button ADIS16488A Datasheet HTML 25Page - Analog Devices ADIS16488A Datasheet HTML 26Page - Analog Devices ADIS16488A Datasheet HTML 27Page - Analog Devices ADIS16488A Datasheet HTML 28Page - Analog Devices ADIS16488A Datasheet HTML 29Page - Analog Devices ADIS16488A Datasheet HTML 30Page - Analog Devices ADIS16488A Datasheet HTML 31Page - Analog Devices ADIS16488A Datasheet HTML 32Page - Analog Devices ADIS16488A Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 35 page
background image
Product
Overview
Online
Documentation
Design
Resources
Discussion
Sample
& Buy
Data Sheet
ADIS16488A
Rev. C | Page 29 of 35
Table 112. ALM_CNFG_1(Page3, Base Address = 0x22)
Bits
Description (Default = 0x0000)
15
Y-axis magnetometer alarm (1 = enabled)
14
Not used
13
Y-axis magnetometer alarm polarity (1 = greater than)
12
Y-axis magnetometer dynamic enable (1 = enabled)
11
X-axis magnetometer (1 = enabled)
10
Not used
9
X-axis magnetometer alarm polarity(1 = greater than)
8
X-axis magnetometer dynamic enable (1 = enabled)
7
Z-axis accelerometer alarm (1 = enabled)
6
Not used
5
Z-axis accelerometer alarm polarity (1 = greater than)
4
Z-axis accelerometer dynamic enable (1 = enabled)
3
Y-axis accelerometer alarm (1 = enabled)
2
Not used
1
Y-axis accelerometer alarm polarity (1 = greater than)
0
Y-axis accelerometer dynamic enable (1 = enabled)
Table 113. ALM_CNFG_2(Page3, Base Address = 0x24)
Bits
Description (Default = 0x0000)
[15:8]
Not used
7
Barometer alarm (1 = enabled)
6
Not used
5
Barometer alarm polarity (1 = greater than)
4
Barometer dynamic enable (1 = enabled)
3
Z-axis magnetometer alarm (1 = enabled)
2
Not used
1
Z-axis magnetometer alarm polarity (1 = greater than)
0
Z-axis magnetometer dynamic enable (1 = enabled)
DYNAMIC ALARM USE
The dynamicalarm settingprovidestheoptionto comparethe
change in theoutput of eachsensorover a periodof48.7 mswith
that sensor’sxx_ALM_MAGNregister.
Alarm Example
Table 114 offers an alarmconfigurationexample,which setsthe
z-axis gyroscopealarmto tripwhen Z_GYRO_OUT> 131.1°/sec
(0x199B).
Table 114. Alarm ConfigurationExample
DIN
Description
0xAC9B
Set ZG_ALM_MAGN[7:0] = 0x9B
0xAD19
Set ZG_ALM_MAGN[15:8] = 0x19
0xA000
Set ALM_CNFG_0[7:0] = 0x00
0xA103
Set ALM_CNFG_0[15:8] = 0x03


Similar Part No. - ADIS16488A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADIS16488AMLZ AD-ADIS16488AMLZ Datasheet
793Kb / 36P
Ten Degrees of Freedom Inertial Sensor
REV. B
ADIS16488AMLZ AD-ADIS16488AMLZ Datasheet
1Mb / 12P
Evaluation Board User Guide
REV. B
More results

Similar Description - ADIS16488A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADIS16480 AD-ADIS16480 Datasheet
961Kb / 40P
Ten Degrees of Freedom Inertial Sensor
REV. 0
ADIS16495 AD-ADIS16495 Datasheet
986Kb / 42P
Tactical Grade, Six Degrees of Freedom Inertial Sensor
ADIS16488 AD-ADIS16488 Datasheet
793Kb / 36P
Ten Degrees of Freedom Inertial Sensor
REV. B
ADIS16485 AD-ADIS16485_15 Datasheet
824Kb / 32P
Tactical Grade, Six Degrees of Freedom Inertial Sensor
Rev. E
ADIS16497 AD-ADIS16497 Datasheet
769Kb / 43P
Tactical Grade, Six Degrees of Freedom Inertial Sensor
ADIS16448AMLZ AD-ADIS16448AMLZ Datasheet
564Kb / 24P
Compact, Precision Ten Degrees of Freedom Inertial Sensor
REV. B
ADIS16407 AD-ADIS16407 Datasheet
459Kb / 24P
Ten Degrees of Freedom Inertial Sensor Platform stabilization and control
REV. A
ADIS16480 AD-ADIS16480_15 Datasheet
993Kb / 44P
Ten Degrees of Freedom Inertial Sensor with Dynamic Orientation Outputs
Rev. E
ADIS16385 AD-ADIS16385 Datasheet
450Kb / 20P
Six Degrees of Freedom Inertial Sensor
Rev. PrA
ADIS16362 AD-ADIS16362 Datasheet
512Kb / 20P
Six Degrees of Freedom Inertial Sensor
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com