Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADIS16485 Datasheet(PDF) 30 Page - Analog Devices

Part # ADIS16485
Description  Tactical Grade, Six Degrees of Freedom Inertial Sensor
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16485 Datasheet(HTML) 30 Page - Analog Devices

Back Button ADIS16485_15 Datasheet HTML 24Page - Analog Devices ADIS16485_15 Datasheet HTML 25Page - Analog Devices ADIS16485_15 Datasheet HTML 26Page - Analog Devices ADIS16485_15 Datasheet HTML 27Page - Analog Devices ADIS16485_15 Datasheet HTML 28Page - Analog Devices ADIS16485_15 Datasheet HTML 29Page - Analog Devices ADIS16485_15 Datasheet HTML 30Page - Analog Devices ADIS16485_15 Datasheet HTML 31Page - Analog Devices ADIS16485_15 Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 30 / 32 page
background image
ADIS16485
Data Sheet
Rev. E | Page 30 of 32
APPLICATIONS INFORMATION
MOUNTING TIPS
For best performance, follow these simple rules when installing
the ADIS16485 into a system.
1.
Eliminate opportunity for translational force (x-axis and
y-axis direction; see Figure 6.
2.
Isolate mounting force to the four corners, on the part of
the package surface that surrounds the mounting holes.
3.
Use uniform mounting forces on all four corners. The
suggested torque setting is 40 inch-ounces (0.285 N-m).
These three rules help prevent nonuniform force profiles, which
can warp the package and introduce bias errors in the sensors.
Figure 26 provides an example that leverages washers to set the
package off the mounting surface and uses 2.85 mm pass-through
holes and backside washers/nuts for attachment. Figure 27 and
Figure 28 provide some details from mounting hole and connector
alignment pin drill locations. For more information on mounting
the ADIS16485, see the AN-1295 Application Note, Mechanical
Design Tips for ADIS16375, ADIS16480, ADIS16485, and
ADIS16488.
MOUNTING SCREWS
M2 × 0.4mm, 4×
WASHERS (OPTIONAL)
M2, 4×
ADIS16488A
WASHERS (OPTIONAL)
M2, 4×
NUTS
M2 × 0.4mm, 4×
MATING CONNECTOR
CLM-112-02
PCB
PASS-THROUGH HOLES
DIAMETER ≥ 2.85mm
SPACERS/WASHERS
SUGGESTED, 4×
Figure 26. Mounting Example
0.560 BSC 2×
ALIGNMENT HOLES
FOR MATING SOCKET
PASS-THROUGH HOLE
FOR MOUNTING SCREWS
DIAMETER OF THE HOLE
MUST ACCOMMODATE
DIMENSIONAL TOLERANCE
BETWEEN THE CONNECTOR
AND HOLES.
19.800 BSC
39.600 BSC
5BSC
5BSC
NOTES
1. ALL DIMENSIONS IN mm UNITS.
2. THE CONNECTOR FACES DOWN AND ARE NOT VISIBLE FROM THIS VIEW.
ADIS16485AMLZ
OUTLINE
Figure 27. Suggested PCB Layout Pattern, Connector Down
0.4334 [11.0]
0.0240 [0.610]
0.019685
[0.5000]
(TYP)
0.054 [1.37]
0.0394 [1.00]
0.0394 [1.00] 0.1800
[4.57]
NONPLATED
THROUGH HOLE 2×
0.022±
DIA (TYP)
0.022 DIA THROUGH HOLE (TYP)
NONPLATED THROUGH HOLE
Figure 28. Suggested Layout and Mechanical Design when Using Samtec
P/N CLM-112-02-G-D-A for the Mating Connector


Similar Part No. - ADIS16485_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADIS16485/PCBZ AD-ADIS16485/PCBZ Datasheet
735Kb / 28P
Six Degrees of Freedom Inertial Sensor
REV. 0
ADIS16485AMLZ AD-ADIS16485AMLZ Datasheet
735Kb / 28P
Six Degrees of Freedom Inertial Sensor
REV. 0
ADIS16485AMLZ AD-ADIS16485AMLZ Datasheet
1Mb / 12P
Evaluation Board User Guide
REV. B
More results

Similar Description - ADIS16485_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADIS16364 AD-ADIS16364 Datasheet
257Kb / 16P
Six Degrees of Freedom Inertial Sensor
Rev. PrA
ADIS16362 AD-ADIS16362 Datasheet
512Kb / 20P
Six Degrees of Freedom Inertial Sensor
REV. 0
ADIS16385 AD-ADIS16385 Datasheet
450Kb / 20P
Six Degrees of Freedom Inertial Sensor
Rev. PrA
ADIS16485 AD-ADIS16485 Datasheet
735Kb / 28P
Six Degrees of Freedom Inertial Sensor
REV. 0
ADIS16460 AD-ADIS16460 Datasheet
598Kb / 26P
Compact, Precision, Six Degrees of Freedom Inertial Sensor
Rev. 0
ADIS16488A AD-ADIS16488A Datasheet
1Mb / 35P
Tactical Grade, Ten Degrees of Freedom Inertial Sensor
Rev. C
ADIS16486 AD-ADIS16486 Datasheet
1Mb / 38P
Six Degrees of Freedom Inertial Sensor
ADIS16446 AD-ADIS16446 Datasheet
590Kb / 23P
Compact, Precision Six Degrees of Freedom Inertial Sensor
ADIS16495 AD-ADIS16495 Datasheet
986Kb / 42P
Tactical Grade, Six Degrees of Freedom Inertial Sensor
ADIS16497 AD-ADIS16497 Datasheet
769Kb / 43P
Tactical Grade, Six Degrees of Freedom Inertial Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com