Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADIS16485 Datasheet(PDF) 31 Page - Analog Devices

Part # ADIS16485
Description  Tactical Grade, Six Degrees of Freedom Inertial Sensor
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16485 Datasheet(HTML) 31 Page - Analog Devices

Back Button ADIS16485_15 Datasheet HTML 24Page - Analog Devices ADIS16485_15 Datasheet HTML 25Page - Analog Devices ADIS16485_15 Datasheet HTML 26Page - Analog Devices ADIS16485_15 Datasheet HTML 27Page - Analog Devices ADIS16485_15 Datasheet HTML 28Page - Analog Devices ADIS16485_15 Datasheet HTML 29Page - Analog Devices ADIS16485_15 Datasheet HTML 30Page - Analog Devices ADIS16485_15 Datasheet HTML 31Page - Analog Devices ADIS16485_15 Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 31 / 32 page
background image
Data Sheet
ADIS16485
EVALUATION TOOLS
Breakout Board, ADIS16IMU/PCBZ
The ADIS16IMU1/PCBZ (sold separately) provides a breakout
board function for the ADIS16485, which means that it provides
access to the ADIS16485 through larger connectors that support
standard 1 mm ribbon cabling. It also provides four mounting
holes for attachment of the ADIS16485 to the breakout board.
For more information on the ADIS16IMU1/PCBZ, see
http://www.analog.com/en/evaluation/eval-adis16imu1/eb.html.
PC-Based Evaluation, EVAL-ADIS
The EVAL-ADIS system support PC-based evaluation of the
ADIS16485. For more information on the EVAL-ADIS system,
see http://www.analog.com/EVAL-ADIS.
POWER SUPPLY CONSIDERATIONS
The ADIS16485 has approximately ~24 µF of capacitance across
the VDD and GND pins. While this capacitor bank provides a
large amount of localized filtering, it also presents an opportunity
for excessive charging current when the VDD voltage ramps too
quickly. Use the following relationship to help determine the
appropriate VDD voltage profile, with respect to any current
limit functions that can cause the power supply to lose regulation
and potentially introduce unsafe conditions for the ADIS16485.
( )
dt
dV
C
t
i =
In addition to managing the initial voltage ramp, take note of the
transient current demand that the ADIS16485 requires during
its start-up/self-initialization process. Once VDD reaches 2.85 V,
the ADIS16485 begins its start-up process. Figure 29 offers a
broad connection that communicates when to expect the spikes
in current, and Figure 30 provides more detail on the current/time
behavior during the peak transient condition, which typically
occurs approximately 350 ms after VDD reaches 2.85 V. In
Figure 30 notice that the peak current approaches 600 mA and
the transient condition lasts for approximately 1.75 ms.
CH1 2.00V
CH4 100mA Ω
1M POINTS
1.00ms 1.00MS/s
CH1
2.72V
T 9.800%
1
4
T
VDD
CURRENT
Figure 29. Transient Current Demand, Start-Up
CH4 100mA Ω
1M POINTS
1.00ms 1.00MS/s
CH1
2.72V
T 9.800%
4
T
CURRENT
Figure 30. Transient Current Demand, Peak Demand
Rev. E | Page 31 of 32


Similar Part No. - ADIS16485_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADIS16485/PCBZ AD-ADIS16485/PCBZ Datasheet
735Kb / 28P
Six Degrees of Freedom Inertial Sensor
REV. 0
ADIS16485AMLZ AD-ADIS16485AMLZ Datasheet
735Kb / 28P
Six Degrees of Freedom Inertial Sensor
REV. 0
ADIS16485AMLZ AD-ADIS16485AMLZ Datasheet
1Mb / 12P
Evaluation Board User Guide
REV. B
More results

Similar Description - ADIS16485_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADIS16364 AD-ADIS16364 Datasheet
257Kb / 16P
Six Degrees of Freedom Inertial Sensor
Rev. PrA
ADIS16362 AD-ADIS16362 Datasheet
512Kb / 20P
Six Degrees of Freedom Inertial Sensor
REV. 0
ADIS16385 AD-ADIS16385 Datasheet
450Kb / 20P
Six Degrees of Freedom Inertial Sensor
Rev. PrA
ADIS16485 AD-ADIS16485 Datasheet
735Kb / 28P
Six Degrees of Freedom Inertial Sensor
REV. 0
ADIS16460 AD-ADIS16460 Datasheet
598Kb / 26P
Compact, Precision, Six Degrees of Freedom Inertial Sensor
Rev. 0
ADIS16488A AD-ADIS16488A Datasheet
1Mb / 35P
Tactical Grade, Ten Degrees of Freedom Inertial Sensor
Rev. C
ADIS16486 AD-ADIS16486 Datasheet
1Mb / 38P
Six Degrees of Freedom Inertial Sensor
ADIS16446 AD-ADIS16446 Datasheet
590Kb / 23P
Compact, Precision Six Degrees of Freedom Inertial Sensor
ADIS16495 AD-ADIS16495 Datasheet
986Kb / 42P
Tactical Grade, Six Degrees of Freedom Inertial Sensor
ADIS16497 AD-ADIS16497 Datasheet
769Kb / 43P
Tactical Grade, Six Degrees of Freedom Inertial Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com