Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADIS16485 Datasheet(PDF) 5 Page - Analog Devices

Part # ADIS16485
Description  Tactical Grade, Six Degrees of Freedom Inertial Sensor
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16485 Datasheet(HTML) 5 Page - Analog Devices

  ADIS16485_15 Datasheet HTML 1Page - Analog Devices ADIS16485_15 Datasheet HTML 2Page - Analog Devices ADIS16485_15 Datasheet HTML 3Page - Analog Devices ADIS16485_15 Datasheet HTML 4Page - Analog Devices ADIS16485_15 Datasheet HTML 5Page - Analog Devices ADIS16485_15 Datasheet HTML 6Page - Analog Devices ADIS16485_15 Datasheet HTML 7Page - Analog Devices ADIS16485_15 Datasheet HTML 8Page - Analog Devices ADIS16485_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
Data Sheet
ADIS16485
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
FLASH MEMORY
Endurance4
100,000
Cycles
Data Retention5
TJ = 85°C
20
Years
FUNCTIONAL TIMES6
Time until data is available
Power-On, Start-Up Time
400 ± 160
ms
Reset Recovery Time7
400 ± 160
ms
Sleep Mode Recovery Time
500
µs
Flash Memory Update Time
900
ms
Flash Memory Test Time
66
ms
Automatic Self Test Time
Using internal clock, 100 SPS
12
ms
CONVERSION RATE
2.46
kSPS
Initial Clock Accuracy
0.02
%
Temperature Coefficient
40
ppm/°C
Sync Input Clock8
0.7
2.4
kHz
POWER SUPPLY, VDD
Operating voltage range
3.0
3.6
V
Power Supply Current9
Normal mode, VDD = 3.3 V, µ ± σ
197
mA
Sleep mode, VDD = 3.3 V
12.2
mA
Power-down mode, VDD = 3.3 V
37
µA
POWER SUPPLY, VDDRTC
Operating voltage range
3.0
3.6
V
Real-Time Clock Supply Current
Normal mode, VDDRTC = 3.3 V
13
µA
1
The repeatability specifications represent analytical projections that are based off of the following drift contributions and conditions: temperature hysteresis (−40°C to
+85°C), electronics drift (high temperature operating life test: +110°C, 500 hours), drift from temperature cycling (JESD22, Method A104-C, Method N, 500 cycles,
−40°C to +85°C), rate random walk (10 year projection), and broadband noise
2
Bias repeatability describes a long-term behavior over a variety of conditions. Short-term repeatability is related to the in-run bias stability and noise density
specifications.
3
The digital I/O signals use a 3.3 V system.
4
Endurance is qualified as per JEDEC Standard 22, Method A117, and measured at −40°C, +25°C, +85°C, and +125°C.
5
The data retention specification assumes a junction temperature (TJ) of 85°C as per JEDEC Standard 22, Method A117. Data retention lifetime decreases with TJ.
6
These times do not include thermal settling and internal filter response times, which may affect overall accuracy.
7
The RST line must be in a low state for at least 10 μs to assure a proper reset initiation and recovery.
8
The device functions at clock rates below 0.7 kHz but at reduced performance levels.
9
Supply current transients can reach 600 mA during start-up and reset recovery.
Rev. E | Page 5 of 32


Similar Part No. - ADIS16485_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADIS16485/PCBZ AD-ADIS16485/PCBZ Datasheet
735Kb / 28P
   Six Degrees of Freedom Inertial Sensor
REV. 0
ADIS16485AMLZ AD-ADIS16485AMLZ Datasheet
735Kb / 28P
   Six Degrees of Freedom Inertial Sensor
REV. 0
ADIS16485AMLZ AD-ADIS16485AMLZ Datasheet
1Mb / 12P
   Evaluation Board User Guide
REV. B
More results

Similar Description - ADIS16485_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADIS16495 AD-ADIS16495 Datasheet
986Kb / 42P
   Tactical Grade, Six Degrees of Freedom Inertial Sensor
ADIS16497 AD-ADIS16497 Datasheet
769Kb / 43P
   Tactical Grade, Six Degrees of Freedom Inertial Sensor
ADIS16488A AD-ADIS16488A Datasheet
1Mb / 35P
   Tactical Grade, Ten Degrees of Freedom Inertial Sensor
ADIS16385 AD-ADIS16385 Datasheet
450Kb / 20P
   Six Degrees of Freedom Inertial Sensor
Rev. PrA
ADIS16362 AD-ADIS16362 Datasheet
512Kb / 20P
   Six Degrees of Freedom Inertial Sensor
REV. 0
ADIS16485 AD-ADIS16485 Datasheet
735Kb / 28P
   Six Degrees of Freedom Inertial Sensor
REV. 0
ADIS16486 AD-ADIS16486 Datasheet
1Mb / 38P
   Six Degrees of Freedom Inertial Sensor
ADIS16364 AD-ADIS16364 Datasheet
257Kb / 16P
   Six Degrees of Freedom Inertial Sensor
Rev. PrA
ADIS16446 AD-ADIS16446 Datasheet
590Kb / 23P
   Compact, Precision Six Degrees of Freedom Inertial Sensor
ADIS16460 AD-ADIS16460 Datasheet
598Kb / 26P
   Compact, Precision, Six Degrees of Freedom Inertial Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com