Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MTB60A06DH8 Datasheet(PDF) 3 Page - Cystech Electonics Corp.

Part # MTB60A06DH8
Description  Dual N-Channel Enhancement Mode Power MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTB60A06DH8 Datasheet(HTML) 3 Page - Cystech Electonics Corp.

  MTB60A06DH8 Datasheet HTML 1Page - Cystech Electonics Corp. MTB60A06DH8 Datasheet HTML 2Page - Cystech Electonics Corp. MTB60A06DH8 Datasheet HTML 3Page - Cystech Electonics Corp. MTB60A06DH8 Datasheet HTML 4Page - Cystech Electonics Corp. MTB60A06DH8 Datasheet HTML 5Page - Cystech Electonics Corp. MTB60A06DH8 Datasheet HTML 6Page - Cystech Electonics Corp. MTB60A06DH8 Datasheet HTML 7Page - Cystech Electonics Corp. MTB60A06DH8 Datasheet HTML 8Page - Cystech Electonics Corp. MTB60A06DH8 Datasheet HTML 9Page - Cystech Electonics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
CYStech Electronics Corp.
Spec. No. : C708H8
Issued Date : 2016.05.23
Revised Date : 2016.05.25
Page No. : 3/ 9
MTB60A06DH8
CYStek Product Specification
-
-
1
VDS =48V, VGS =0V
IDSS
-
-
25
μA
VDS =48V, VGS =0V, Tj=85
°C
-
34
43
VGS =10V, ID=5A
*RDS(ON)
-
38
50
VGS =4.5V, ID=5A
Dynamic
*Qg
-
17.4
26.1
*Qgs
-
3.1
-
*Qgd
-
2.9
-
nC
VDS=30V, ID=5A, VGS=10V
*td(ON)
-
9
13.5
*tr
-
17
25.5
*td(OFF)
-
34.8
52.2
*tf
-
7
10.5
ns
VDS=30V, ID=1A, VGS=10V, RG=6Ω
Ciss
-
882
1323
Coss
-
43
65
Crss
-
37
56
pF
VGS=0V, VDS=30V, f=1MHz
Rg
-
2.3
-
Ω
f=1MHz
Source-Drain Diode
*IS
-
-
15
*ISM
-
-
60
A
*VSD
-
0.81
1.2
V
IS=5A, VGS=0V
*trr
-
11.4
-
ns
*Qrr
-
7
-
nC
VGS=0V, IF=5A, dIF/dt=100A/μs
*Pulse Test : Pulse Width
≤300μs, Duty Cycle≤2%
Recommended Soldering Footprint


Similar Part No. - MTB60A06DH8

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
MTB60A06DH8-0-T6-G CYSTEKEC-MTB60A06DH8-0-T6-G Datasheet
694Kb / 10P
   Dual N-Channel Enhancement Mode Power MOSFET
MTB60A06DH8 CYSTEKEC-MTB60A06DH8_16 Datasheet
694Kb / 10P
   Dual N-Channel Enhancement Mode Power MOSFET
More results

Similar Description - MTB60A06DH8

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
GSS6982 GTM-GSS6982 Datasheet
482Kb / 7P
   DUAL N-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
Cystech Electonics Corp...
MTB095A10KRQ8 CYSTEKEC-MTB095A10KRQ8 Datasheet
457Kb / 9P
   Dual N-Channel Enhancement Mode Power MOSFET
MTB15A04DH8 CYSTEKEC-MTB15A04DH8 Datasheet
704Kb / 11P
   Dual N-Channel Enhancement Mode Power MOSFET
MTB20A04Q8 CYSTEKEC-MTB20A04Q8 Datasheet
422Kb / 9P
   Dual N-Channel Enhancement Mode Power MOSFET
MTE080A10Q8 CYSTEKEC-MTE080A10Q8 Datasheet
456Kb / 9P
   Dual N-Channel Enhancement Mode Power MOSFET
MTB100A10KRQ8 CYSTEKEC-MTB100A10KRQ8 Datasheet
456Kb / 9P
   Dual N-Channel Enhancement Mode Power MOSFET
MTDA0A10Q8 CYSTEKEC-MTDA0A10Q8 Datasheet
454Kb / 9P
   Dual N-Channel Enhancement Mode Power MOSFET
MTDN9971Q8 CYSTEKEC-MTDN9971Q8 Datasheet
468Kb / 5P
   Dual N-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
Shenzhen Huazhimei Semi...
HM4806B HMSEMI-HM4806B Datasheet
701Kb / 8P
   Dual N-Channel Enhancement Mode Power MOSFET
logo
Advanced Power Electron...
AP4804MT A-POWER-AP4804MT Datasheet
258Kb / 8P
   DUAL N-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP6A100M A-POWER-AP6A100M Datasheet
72Kb / 6P
   DUAL N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com