Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM7805 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # LM7805
Description  3-Terminal 1A Positive Voltage Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

LM7805 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  LM7805 Datasheet HTML 1Page - Fairchild Semiconductor LM7805 Datasheet HTML 2Page - Fairchild Semiconductor LM7805 Datasheet HTML 3Page - Fairchild Semiconductor LM7805 Datasheet HTML 4Page - Fairchild Semiconductor LM7805 Datasheet HTML 5Page - Fairchild Semiconductor LM7805 Datasheet HTML 6Page - Fairchild Semiconductor LM7805 Datasheet HTML 7Page - Fairchild Semiconductor LM7805 Datasheet HTML 8Page - Fairchild Semiconductor LM7805 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
©2001 Fairchild Semiconductor Corporation
www.fairchildsemi.com
Rev. 1.0.1
Features
• Output Current up to 1A
• Output Voltages of 5, 6, 8, 9, 10, 12, 15, 18, 24V
• Thermal Overload Protection
• Short Circuit Protection
• Output Transistor Safe Operating Area Protection
Description
The MC78XX/LM78XX/MC78XXA series of three
terminal positive regulators are available in the
TO-220/D-PAK package and with several fixed output
voltages, making them useful in a wide range of
applications. Each type employs internal current limiting,
thermal shut down and safe operating area protection,
making it essentially indestructible. If adequate heat sinking
is provided, they can deliver
over 1A output current.
Although designed primarily as fixed voltage regulators,
these devices can be used with external components to
obtain adjustable voltages and currents.
TO-220
D-PAK
1. Input 2. GND 3. Output
1
1
Internal Block Digram
MC78XX/LM78XX/MC78XXA
3-Terminal 1A Positive Voltage Regulator


Similar Part No. - LM7805

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LM7805 ETC-LM7805 Datasheet
175Kb / 6P
1.5A Positive Voltage Regulator
logo
Fairchild Semiconductor
LM7805 FAIRCHILD-LM7805 Datasheet
516Kb / 28P
3-TERMINAL 1A POSITIVE VOLTAGE REGULATORS
LM7805 FAIRCHILD-LM7805 Datasheet
335Kb / 23P
3-Terminal 1A Positive Voltage Regulator
logo
First Components Intern...
LM7805 FCI-LM7805 Datasheet
621Kb / 8P
LM7800 Series 3-Terminal fixed Voltage Regulators
logo
Tiger Electronic Co.,Lt...
LM7805 TGS-LM7805 Datasheet
74Kb / 1P
3-Terminal 1A Positive Voltage Regulator
More results

Similar Description - LM7805

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA7810A FAIRCHILD-KA7810A Datasheet
227Kb / 28P
3-Terminal 1A Positive Voltage Regulator
LM7805A FAIRCHILD-LM7805A Datasheet
335Kb / 23P
3-Terminal 1A Positive Voltage Regulator
MC780XXE FAIRCHILD-MC780XXE Datasheet
253Kb / 26P
3-Terminal 1A Positive Voltage Regulator
logo
Unisonic Technologies
LM78XX UTC-LM78XX_05 Datasheet
238Kb / 10P
3-TERMINAL 1A POSITIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA78XXE FAIRCHILD-KA78XXE_09 Datasheet
981Kb / 29P
3-Terminal 1A Positive Voltage Regulator
logo
Tiger Electronic Co.,Lt...
LM7805J TGS-LM7805J Datasheet
87Kb / 1P
3-Terminal 1A Positive Voltage Regulator
LM7815 TGS-LM7815 Datasheet
74Kb / 1P
3-Terminal 1A Positive Voltage Regulator
LM7908J TGS-LM7908J Datasheet
105Kb / 1P
3-Terminal 1A Positive Voltage Regulator
LM7918J TGS-LM7918J Datasheet
105Kb / 1P
3-Terminal 1A Positive Voltage Regulator
logo
Unisonic Technologies
LM78XX_1109 UTC-LM78XX_1109 Datasheet
333Kb / 13P
3-TERMINAL 1A POSITIVE VOLTAGE REGULATOR
logo
Tiger Electronic Co.,Lt...
LM7824J TGS-LM7824J_17 Datasheet
201Kb / 1P
3-Terminal 1A Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com