Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM7805 Datasheet(PDF) 10 Page - Fairchild Semiconductor

Part # LM7805
Description  3-Terminal 1A Positive Voltage Regulator
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

LM7805 Datasheet(HTML) 10 Page - Fairchild Semiconductor

Back Button LM7805 Datasheet HTML 6Page - Fairchild Semiconductor LM7805 Datasheet HTML 7Page - Fairchild Semiconductor LM7805 Datasheet HTML 8Page - Fairchild Semiconductor LM7805 Datasheet HTML 9Page - Fairchild Semiconductor LM7805 Datasheet HTML 10Page - Fairchild Semiconductor LM7805 Datasheet HTML 11Page - Fairchild Semiconductor LM7805 Datasheet HTML 12Page - Fairchild Semiconductor LM7805 Datasheet HTML 13Page - Fairchild Semiconductor LM7805 Datasheet HTML 14Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
MC78XX/LM78XX/MC78XXA
10
Electrical Characteristics (MC7824)
(Refer to test circuit ,0
°C < TJ < 125°C, IO = 500mA, VI =33V, CI= 0.33µF, CO=0.1µF, unless otherwise specified)
Note:
1. Load and line regulation are specified at constant junction temperature. Changes in VO due to heating effects must be taken
into account separately. Pulse testing with low duty is used.
Parameter
Symbol
Conditions
MC7824
Unit
Min.
Typ. Max.
Output Voltage
VO
TJ =+25
oC23
24
25
5.0mA
≤ IO ≤ 1.0A, PO ≤ 15W
VI = 27V to 38V
22.8
24
25.25
V
Line Regulation (Note1)
Regline
TJ =+25
oC
VI = 27V to 38V
-
17
480
mV
VI = 30V to 36V
-
6
240
Load Regulation (Note1)
Regload
TJ =+25
oC
IO = 5mA to 1.5A
-
15
480
mV
IO = 250mA to 750mA
-
5.0
240
Quiescent Current
IQ
TJ =+25
oC-
5.2
8.0
mA
Quiescent Current Change
∆IQ
IO = 5mA to 1.0A
-
0.1
0.5
mA
VI = 27V to 38V
-
0.5
1
Output Voltage Drift
∆VO/∆TIO = 5mA
-
-1.5
-
mV/ oC
Output Noise Voltage
VN
f = 10Hz to 100KHz, TA =+25
oC-
60
-
µV/Vo
Ripple Rejection
RR
f = 120Hz
VI = 28V to 38V
50
67
-
dB
Dropout Voltage
VDrop
IO = 1A, TJ=+25
oC-
2
-
V
Output Resistance
rO
f = 1KHz
-
28
-
m
Short Circuit Current
ISC
VI = 35V, TA=+25
oC
-
230
-
mA
Peak Current
IPK
TJ =+25
oC-
2.2
-
A


Similar Part No. - LM7805

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LM7805 ETC-LM7805 Datasheet
175Kb / 6P
1.5A Positive Voltage Regulator
logo
Fairchild Semiconductor
LM7805 FAIRCHILD-LM7805 Datasheet
516Kb / 28P
3-TERMINAL 1A POSITIVE VOLTAGE REGULATORS
LM7805 FAIRCHILD-LM7805 Datasheet
335Kb / 23P
3-Terminal 1A Positive Voltage Regulator
logo
First Components Intern...
LM7805 FCI-LM7805 Datasheet
621Kb / 8P
LM7800 Series 3-Terminal fixed Voltage Regulators
logo
Tiger Electronic Co.,Lt...
LM7805 TGS-LM7805 Datasheet
74Kb / 1P
3-Terminal 1A Positive Voltage Regulator
More results

Similar Description - LM7805

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA7810A FAIRCHILD-KA7810A Datasheet
227Kb / 28P
3-Terminal 1A Positive Voltage Regulator
LM7805A FAIRCHILD-LM7805A Datasheet
335Kb / 23P
3-Terminal 1A Positive Voltage Regulator
MC780XXE FAIRCHILD-MC780XXE Datasheet
253Kb / 26P
3-Terminal 1A Positive Voltage Regulator
logo
Unisonic Technologies
LM78XX UTC-LM78XX_05 Datasheet
238Kb / 10P
3-TERMINAL 1A POSITIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA78XXE FAIRCHILD-KA78XXE_09 Datasheet
981Kb / 29P
3-Terminal 1A Positive Voltage Regulator
logo
Tiger Electronic Co.,Lt...
LM7805J TGS-LM7805J Datasheet
87Kb / 1P
3-Terminal 1A Positive Voltage Regulator
LM7815 TGS-LM7815 Datasheet
74Kb / 1P
3-Terminal 1A Positive Voltage Regulator
LM7908J TGS-LM7908J Datasheet
105Kb / 1P
3-Terminal 1A Positive Voltage Regulator
LM7918J TGS-LM7918J Datasheet
105Kb / 1P
3-Terminal 1A Positive Voltage Regulator
logo
Unisonic Technologies
LM78XX_1109 UTC-LM78XX_1109 Datasheet
333Kb / 13P
3-TERMINAL 1A POSITIVE VOLTAGE REGULATOR
logo
Tiger Electronic Co.,Lt...
LM7824J TGS-LM7824J_17 Datasheet
201Kb / 1P
3-Terminal 1A Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com