Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC87413 Datasheet(PDF) 213 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87413
Description  LPC ServerI/O for Servers and Workstations
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87413 Datasheet(HTML) 213 Page - National Semiconductor (TI)

Back Button PC87413 Datasheet HTML 209Page - National Semiconductor (TI) PC87413 Datasheet HTML 210Page - National Semiconductor (TI) PC87413 Datasheet HTML 211Page - National Semiconductor (TI) PC87413 Datasheet HTML 212Page - National Semiconductor (TI) PC87413 Datasheet HTML 213Page - National Semiconductor (TI) PC87413 Datasheet HTML 214Page - National Semiconductor (TI) PC87413 Datasheet HTML 215Page - National Semiconductor (TI) PC87413 Datasheet HTML 216Page - National Semiconductor (TI) PC87413 Datasheet HTML 217Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 213 / 257 page
background image
9.0 System Wake-Up Control (SWC) (Continued)
Revision 1.2
213
www.national.com
9.4.12
General-Purpose Enable 1 Register 0 (GPE1_EN_0)
This register contains bits 0-7 of the GPE1_EN register. This register belongs to the General-Purpose Event 1 Group of the
ACPI fixed-feature space registers.
The enable bits behave according to the Enable Bit definition (the bit is read/write by software) in the ACPI Specification.
Power Well:VSB
Location: Offset 04h
Type:
R/W
9.4.13
General-Purpose Enable 1 Register 1 (GPE1_EN_1)
This register contains bits 8-15 of the GPE1_EN register. This register belongs to the General-Purpose Event 1 Group of
the ACPI fixed-feature space registers.
The enable bits behave according to the Enable Bit definition (the bit is read/write by software) in the ACPI Specification.
Power Well:VSB
Location: Offset 05h
Type:
R/W
Bit
76543210
Name
GPIOE17
_EN
GPIOE16
_EN
GPIOE15
_EN
GPIOE14
_EN
GPIOE13
_EN
GPIOE12
_EN
GPIOE11
_EN
GPIOE10
_EN
Reset
00000000
Bit
Description
7
GPIOE17_EN (GPIOE17 Event Enable). Enables an active event at pin 7 of the GPIOE Port 1 to generate a
power management interrupt (SIOSCI).
0: Disable SCI (default)
1: Enable SCI
6-0
GPIOE16_EN to GPIOE10_EN (GPIOE16 to GPIOE10 Event Enable). Same as above for pins 6-0 of GPIOE
Port 1.
Bit
76543210
Name
GPIOE47
_EN
GPIOE46
_EN
GPIOE45
_EN
GPIOE44
_EN
GPIOE43
_EN
GPIOE42
_EN
GPIOE41
_EN
GPIOE40
_EN
Reset
00000000
Bit
Description
7
GPIOE47_EN (GPIOE47 Event Enable). Enables an active event at pin 7 of the GPIOE Port 4 to generate a
power management interrupt (SIOSCI).
0: Disable SCI (default)
1: Enable SCI
6-0
GPIOE46_EN to GPIOE40_EN (GPIOE46 to GPIOE40 Event Enable). Same as above for pins 6-0 of the
GPIOE Port 4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com