Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCI9060ES Datasheet(PDF) 116 Page - List of Unclassifed Manufacturers

Part # PCI9060ES
Description  12O COMPATIBLE PCI BUS MASTER INTERFACE CHIP FOR ADAPTERS AND EMBEDDED SYSTEMS
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PCI9060ES Datasheet(HTML) 116 Page - List of Unclassifed Manufacturers

Back Button PCI9060ES Datasheet HTML 112Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 113Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 114Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 115Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 116Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 117Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 118Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 119Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 120Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 192 page
background image
SECTION 8
PCI 9080
TIMING DIAGRAMS
©PLX Technology, Inc., 1997
Page 107
Version 1.02
C Mode Direct Master
Timing Diagram 8-30. (C Mode) Local Bus Read from PCI 9080 CFG Registers
Timing Diagram 8-31. (C Mode) Local Bus Write to PCI 9080 CFG Registers
Timing Diagram 8-32. (C Mode) Local Bus Direct Master Single Memory Read
Timing Diagram 8-33. (C Mode) Local Bus Direct Master Single Memory Write Cycle
Timing Diagram 8-34. (C Mode) PCI 9080 Direct Master Memory Read, 12 Lword Burst
Timing Diagram 8-35. (C Mode) PCI 9080 Direct Master Memory Write of 12 Lwords
Timing Diagram 8-36. (C Mode) PCI 9080 Direct Master Memory Read with WAITI#
Timing Diagram 8-37. (C Mode) PCI 9080 Direct Master Memory Write with WAITI#
Timing Diagram 8-38. (C Mode) PCI 9080 Direct Master Configuration Read—Type 1 or Type 0
Timing Diagram 8-39. (C Mode) PCI 9080 Direct Master Configuration Write—Type 1 or Type 0
Timing Diagram 8-40. (C Mode) Local Bus Direct Master Read from PCI I/O
Timing Diagram 8-41. (C Mode) Direct Master Write to PCI I/O
Timing Diagram 8-42. (C Mode) PCI 9080 Direct Master Memory Read—Keep Bus
Timing Diagram 8-43. (C Mode) PCI 9080 Direct Master Memory Read—Drop Bus
Timing Diagram 8-44. (C Mode) PCI Bus Request (REQ#) Delay During Direct Master Write (8 PCI Clock Delay)
Timing Diagram 8-45. (C Mode) Direct Master Memory Read, Prefetch of 16
Timing Diagram 8-46. (C Mode) Direct Master Memory Write and Invalidate (MWI)—Cache Line Size of 8
Timing Diagram 8-47. (C Mode) Direct Master in BIGEND Local Bus with BIGEND# Input or Interrupt
Timing Diagram 8-48. (C Mode) Direct Master Burst, Memory Read Cycles (Changing LBE[3:0]#)
Timing Diagram 8-49. (C Mode) Direct Master Five Lword Burst Write (Changing LBE[3:0]#)
Timing Diagram 8-50. (C Mode) Direct Master Locked Read Followed by Write and Release (LLOCK# and LOCK#)
Timing Diagram 8-51. (C Mode) BREQo and Deadlock
C Mode DMA
Timing Diagram 8-52. (C Mode) DMA Aligned PCI Address to Aligned Local Address, Bterm Disabled
Timing Diagram 8-53. (C Mode) DMA Aligned Local Address to Aligned PCI Address, Bterm Enabled
Timing Diagram 8-54. (C Mode) DMA Aligned PCI Address to Aligned Local Address (External Generation of Wait States)
Timing Diagram 8-55. (C Mode) Read of DMA Chaining Parameters from PCI and Local Buses
Timing Diagram 8-56. (C Mode) PCI 9080 DMA Read of Chaining Parameters from Local Bus
Timing Diagram 8-57. (C Mode) Read of DMA Chaining Parameters from PCI Bus (Local to PCI Transfer)
Timing Diagram 8-58. (C Mode) Single Cycle DMA Demand Mode PCI to Local
Timing Diagram 8-59. (C Mode) Multiple Cycle (Burst) DMA Demand Mode PCI to Local with No Wait States
Timing Diagram 8-60. (C Mode) DMA Demand Mode Terminated with BLAST# (Local to PCI)
Timing Diagram 8-61. (C Mode) DMA Local to PCI, Terminated with EOT[1:0]#
Timing Diagram 8-62. (C Mode) DMA PCI to Local, Terminated with EOT[1:0]#
Timing Diagram 8-63. (C Mode) DMA PCI to Local with Local Pause Timer and Local Latency Timer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com