Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RTL8201BL Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # RTL8201BL
Description  REALTEK SINGLE CHIP SINGLE PORT 10/100M FAST ETHERNET PHYCEIVER RTL8201BL
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RTL8201BL Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  RTL8201BL Datasheet HTML 1Page - List of Unclassifed Manufacturers RTL8201BL Datasheet HTML 2Page - List of Unclassifed Manufacturers RTL8201BL Datasheet HTML 3Page - List of Unclassifed Manufacturers RTL8201BL Datasheet HTML 4Page - List of Unclassifed Manufacturers RTL8201BL Datasheet HTML 5Page - List of Unclassifed Manufacturers RTL8201BL Datasheet HTML 6Page - List of Unclassifed Manufacturers RTL8201BL Datasheet HTML 7Page - List of Unclassifed Manufacturers RTL8201BL Datasheet HTML 8Page - List of Unclassifed Manufacturers RTL8201BL Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
RTL8201BL
2002-03-29
Rev.1.2
1
REALTEK SINGLE CHIP
SINGLE PORT 10/100M
FAST ETHERNET PHYCEIVER
RTL8201BL
1. Features........................................................................... 2
2. General Description ....................................................... 2
3. Block Diagram................................................................ 3
4. Pin Assignments ............................................................. 4
5. Pin Description ............................................................... 5
5.1 100 Mbps MII & PCS Interface ................................ 5
5.2 SNI (Serial Network Interface): 10Mbps only .......... 5
5.3 Clock Interface .......................................................... 6
5.4 100Mbps Network Interface...................................... 6
5.5 Device Configuration Interface ................................. 6
5.6 LED Interface/PHY Address Config......................... 7
5.7 Reset and other pins .................................................. 7
5.8 Power and Ground pins............................................. 7
6. Register Descriptions ..................................................... 8
6.1 Register 0 Basic Mode Control Register................... 8
6.2 Register 1 Basic Mode Status Register ..................... 9
6.3. Register 2 PHY Identifier Register 1 ....................... 9
6.4. Register 3 PHY Identifier Register 2 ....................... 9
6.5.
Register
4
Auto-negotiation
Advertisement
Register(ANAR) ........................................................... 10
6.6 Register 5 Auto-Negotiation Link Partner Ability
Register(ANLPAR) ....................................................... 10
6.7
Register
6
Auto-negotiation
Expansion
Register(ANER)............................................................ 11
6.8 Register 16 Nway Setup Register(NSR) ................. 11
6.9 Register 17 Loopback, Bypass, Receiver Error Mask
Register(LBREMR) ...................................................... 12
6.10 Register 18 RX_ER Counter(REC)....................... 12
6.11 Register1910MbpsNetworkInterfaceConfigurationRegister... 12
6.12 Register 20 PHY 1_1 Register .............................. 13
6.13 Register 21 PHY 1_2 Register .............................. 13
6.14 Register 22 PHY 2 Register .................................. 13
6.15 Register 23 Twister_1 Register ............................. 13
6.16 Register 24 Twister_2 Register ............................. 13
6.17 Register 25 Test Register....................................... 13
7. Functional Description ................................................ 14
7.1 MII and Management Interface............................... 14
7.1.1 Data Transition ................................................ 14
7.1.2 Serial Management.......................................... 14
7.2 Auto-negotiation and Parallel Detection................. 15
7.3 Flow control support ............................................... 16
7.4 Hardware Configuration and Auto-negotiation................. 16
7.5 LED and PHY Address Configuration.................... 17
7.6 Serial Network Interface ......................................... 17
7.7 PowerDown,LinkDown,PowerSaving,andIsolationModes... 18
7.8 Media Interface ....................................................... 18
7.8.1 100Base TX..................................................... 18
7.8.2 100Base-FX Fiber Mode Operation ................ 18
7.8.3 10Base Tx/Rx.................................................. 19
7.9 Repeater Mode Operation ....................................... 19
7.10 Reset, and Transmit Bias(RTSET) ........................ 19
7.11 3.3V power supply and voltage conversion circuit 19
7.12 Far End Fault Indication (FEFI)............................ 20
8. Electrical Characteristics ............................................ 21
8.1 D.C. Characteristics ................................................ 21
8.1.1. Absolute Maximum Ratings........................... 21
8.1.2. Operating Conditions ..................................... 21
8.1.3. Power Dissipation........................................... 21
8.1.4 Supply Voltage: Vcc........................................ 21
8.2 A.C. Characteristics ................................................ 22
8.2.1 MII Timing of Transmission Cycle ................. 22
8.2.2 MII Timing of Reception Cycle ...................... 23
8.2.3 SNI Timing of Transmission Cycle ................. 24
8.2.4 SNI Timing of Reception Cycle ...................... 25
8.2.5 MDC/MDIO timing......................................... 26
8.2.6 Transmission Without Collision ...................... 26
8.2.7 Reception Without Error ................................. 26
8.3 Crystal and Transformer Specifications.................. 27
8.3.1 Crystal Specifications...................................... 27
8.3.2 Transformer Specifications.............................. 27
9. Mechanical Dimensions ............................................... 28
10. Revision History......................................................... 29


Similar Part No. - RTL8201BL

ManufacturerPart #DatasheetDescription
logo
Realtek Semiconductor C...
RTL8201CL REALTEK-RTL8201CL Datasheet
597Kb / 39P
   SINGLE-CHIP/SINGLE-PORT 10/100M FAST ETHERNET PHYCEIVER
Rev. 1.24 04 November 2005
RTL8201CL-LF REALTEK-RTL8201CL-LF Datasheet
597Kb / 39P
   SINGLE-CHIP/SINGLE-PORT 10/100M FAST ETHERNET PHYCEIVER
Rev. 1.24 04 November 2005
RTL8201CL-VD REALTEK-RTL8201CL-VD Datasheet
597Kb / 39P
   SINGLE-CHIP/SINGLE-PORT 10/100M FAST ETHERNET PHYCEIVER
Rev. 1.24 04 November 2005
RTL8201CL-VD-LF REALTEK-RTL8201CL-VD-LF Datasheet
597Kb / 39P
   SINGLE-CHIP/SINGLE-PORT 10/100M FAST ETHERNET PHYCEIVER
Rev. 1.24 04 November 2005
logo
List of Unclassifed Man...
RTL8201CP ETC1-RTL8201CP Datasheet
543Kb / 38P
   SINGLE-CHIP/SINGLE-PORT 10/100M FAST ETHERNET PHYCEIVER (With Auto Crossover)
More results

Similar Description - RTL8201BL

ManufacturerPart #DatasheetDescription
logo
Realtek Semiconductor C...
RTL8201CL REALTEK-RTL8201CL Datasheet
597Kb / 39P
   SINGLE-CHIP/SINGLE-PORT 10/100M FAST ETHERNET PHYCEIVER
Rev. 1.24 04 November 2005
RTL8201CP REALTEK-RTL8201CP Datasheet
438Kb / 37P
   SINGLE-CHIP/SINGLE-PORT 10/100M FAST ETHERNET PHYCEIVER
RTL8201F-VB-CG REALTEK-RTL8201F-VB-CG Datasheet
908Kb / 66P
   SINGLE-CHIP/PORT 10/100M ETHERNET PHYCEIVER
logo
List of Unclassifed Man...
RTL8201CP ETC1-RTL8201CP Datasheet
543Kb / 38P
   SINGLE-CHIP/SINGLE-PORT 10/100M FAST ETHERNET PHYCEIVER (With Auto Crossover)
logo
Realtek Semiconductor C...
RTL8201DL-GR REALTEK-RTL8201DL-GR_07 Datasheet
616Kb / 41P
   SINGLE-CHIP/PORT 10/100 FAST ETHERNET PHYCEIVER WITH AUTO MDIX
RTL8201N-GR REALTEK-RTL8201N-GR Datasheet
620Kb / 40P
   SINGLE-CHIP/PORT 10/100 FAST ETHERNET PHYCEIVER WITH AUTO MDIX
RTL8201N-GR_07 REALTEK-RTL8201N-GR_07_09 Datasheet
699Kb / 46P
   SINGLE-CHIP/PORT 10/100 FAST ETHERNET PHYCEIVER WITH AUTO MDIX
RTL8201DL-GR REALTEK-RTL8201DL-GR Datasheet
580Kb / 42P
   SINGLE-CHIP/PORT 10/100 FAST ETHERNET PHYCEIVER WITH AUTO MDIX
RTL8201N-GR REALTEK-RTL8201N-GR_07 Datasheet
616Kb / 39P
   SINGLE-CHIP/PORT 10/100 FAST ETHERNET PHYCEIVER WITH AUTO MDIX
logo
List of Unclassifed Man...
RTL8208 ETC-RTL8208 Datasheet
546Kb / 40P
   REALTEK SINGLE CHIP OCTAL 10/100 MBPS FAST ETHERNET TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com