Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RTL8201BL Datasheet(PDF) 16 Page - List of Unclassifed Manufacturers

Part # RTL8201BL
Description  REALTEK SINGLE CHIP SINGLE PORT 10/100M FAST ETHERNET PHYCEIVER RTL8201BL
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RTL8201BL Datasheet(HTML) 16 Page - List of Unclassifed Manufacturers

Back Button RTL8201BL Datasheet HTML 12Page - List of Unclassifed Manufacturers RTL8201BL Datasheet HTML 13Page - List of Unclassifed Manufacturers RTL8201BL Datasheet HTML 14Page - List of Unclassifed Manufacturers RTL8201BL Datasheet HTML 15Page - List of Unclassifed Manufacturers RTL8201BL Datasheet HTML 16Page - List of Unclassifed Manufacturers RTL8201BL Datasheet HTML 17Page - List of Unclassifed Manufacturers RTL8201BL Datasheet HTML 18Page - List of Unclassifed Manufacturers RTL8201BL Datasheet HTML 19Page - List of Unclassifed Manufacturers RTL8201BL Datasheet HTML 20Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 29 page
background image
RTL8201BL
2002-03-29
Rev.1.2
16
UTP mode and MII interface
ANE
(Pin 37)
SPEED
(Pin 39)
DUPLEX
(Pin 38)
Operation
H
L
L
Auto-negotiation enable, the ability field does not support 100Mbps and full duplex
mode operation
H
L
H
Auto-negotiation enable, the ability field does not support 100Mbps operation
H
H
L
Auto-negotiation enable, the ability field does not support full duplex mode operation
H
H
H
Default setup, auto-negotiation enable, the RTL8201BL will support 10BaseT
/100BaseTX, half/full duplex mode operation
L
L
L
Auto-negotiation disable, force the RTL8201BL into 10BaseT and half duplex mode
L
L
H
Auto-negotiation disable, force the RTL8201BL into 10BaseT and full duplex mode
L
H
L
Auto-negotiation disable, force the RTL8201BL into 100BaseTX and half duplex mode
L
H
H
Auto-negotiation disable, force the RTL8201BL into 100BaseTX and full duplex mode
UTP mode and SNI interface
SNI interface to MAC. It only works in 10Base-T when the SNI interface is enabled.
ANE
(Pin 37)
SPEED
(Pin 39)
DUPLEX
(Pin 38)
Operation
X
X
L
The duplex pin is pulled low to support the 10Base-T half duplex function.10Base-T
half duplex is the specified default mode in the SNI interface.
X
X
H
The RTL8201BL also supports full duplex in SNI mode. The duplex pin is pulled high
to support 10Base-T full duplex function.
Fiber mode and MII interface
The RTL8201BL only supports 100Base-FX when Fiber mode is enabled. Ignore ANE and Speed hardwire configuration.
ANE
(Pin 37)
SPEED
(Pin 39)
DUPLEX
(Pin 38)
Operation
X
X
H
The duplex pin is pulled high to support 100Base-FX full duplex function.
X
X
L
The duplex pin is pulled low to support 100Base-FX half duplex function.
7.3 Flow control support
The RTL8201BL supports flow control indications. The MAC can program the MII register to indicate to the PHY that flow
control is supported. When MAC supports the Flow Control mechanism, setting bit 10 of the ANAR register by MDC/MDIO
SMI interface, then the RTL8201BL will add the ability to its N-Way ability. If the Link partner also supports Flow Control,
then the RTL8201BL can recognize the Link partner’s N-Way ability by examining bit 10 of ANLPAR (register 5).
7.4 Hardware Configuration and Auto-negotiation
This section describes methods to configure the RTL8201BL and set the auto-negotiation mode. This list will show the various
pins and their setting to provide the desired result.
1) Isolate pin: Set high to isolate the RTL8201BL from the MAC. This will also isolate the MDC/MDIO management
interface. In this mode, power consumption is minimum. Please refer to the section covering Isolation mode and Power
Down mode.
2) RPTR pin: Pull high to set the RTL8201BL into repeater mode. This pin is pulled low by default. Please refer to the
section covering Repeater mode operation.
3) LDPS pin: Pull high to set the RTL8201BL into LDPS mode. This pin is pulled low by default. Please refer to the section
covering Power Down mode and Link Down Power Saving.


Similar Part No. - RTL8201BL

ManufacturerPart #DatasheetDescription
logo
Realtek Semiconductor C...
RTL8201CL REALTEK-RTL8201CL Datasheet
597Kb / 39P
   SINGLE-CHIP/SINGLE-PORT 10/100M FAST ETHERNET PHYCEIVER
Rev. 1.24 04 November 2005
RTL8201CL-LF REALTEK-RTL8201CL-LF Datasheet
597Kb / 39P
   SINGLE-CHIP/SINGLE-PORT 10/100M FAST ETHERNET PHYCEIVER
Rev. 1.24 04 November 2005
RTL8201CL-VD REALTEK-RTL8201CL-VD Datasheet
597Kb / 39P
   SINGLE-CHIP/SINGLE-PORT 10/100M FAST ETHERNET PHYCEIVER
Rev. 1.24 04 November 2005
RTL8201CL-VD-LF REALTEK-RTL8201CL-VD-LF Datasheet
597Kb / 39P
   SINGLE-CHIP/SINGLE-PORT 10/100M FAST ETHERNET PHYCEIVER
Rev. 1.24 04 November 2005
logo
List of Unclassifed Man...
RTL8201CP ETC1-RTL8201CP Datasheet
543Kb / 38P
   SINGLE-CHIP/SINGLE-PORT 10/100M FAST ETHERNET PHYCEIVER (With Auto Crossover)
More results

Similar Description - RTL8201BL

ManufacturerPart #DatasheetDescription
logo
Realtek Semiconductor C...
RTL8201CL REALTEK-RTL8201CL Datasheet
597Kb / 39P
   SINGLE-CHIP/SINGLE-PORT 10/100M FAST ETHERNET PHYCEIVER
Rev. 1.24 04 November 2005
RTL8201CP REALTEK-RTL8201CP Datasheet
438Kb / 37P
   SINGLE-CHIP/SINGLE-PORT 10/100M FAST ETHERNET PHYCEIVER
RTL8201F-VB-CG REALTEK-RTL8201F-VB-CG Datasheet
908Kb / 66P
   SINGLE-CHIP/PORT 10/100M ETHERNET PHYCEIVER
logo
List of Unclassifed Man...
RTL8201CP ETC1-RTL8201CP Datasheet
543Kb / 38P
   SINGLE-CHIP/SINGLE-PORT 10/100M FAST ETHERNET PHYCEIVER (With Auto Crossover)
logo
Realtek Semiconductor C...
RTL8201DL-GR REALTEK-RTL8201DL-GR_07 Datasheet
616Kb / 41P
   SINGLE-CHIP/PORT 10/100 FAST ETHERNET PHYCEIVER WITH AUTO MDIX
RTL8201N-GR REALTEK-RTL8201N-GR Datasheet
620Kb / 40P
   SINGLE-CHIP/PORT 10/100 FAST ETHERNET PHYCEIVER WITH AUTO MDIX
RTL8201N-GR_07 REALTEK-RTL8201N-GR_07_09 Datasheet
699Kb / 46P
   SINGLE-CHIP/PORT 10/100 FAST ETHERNET PHYCEIVER WITH AUTO MDIX
RTL8201DL-GR REALTEK-RTL8201DL-GR Datasheet
580Kb / 42P
   SINGLE-CHIP/PORT 10/100 FAST ETHERNET PHYCEIVER WITH AUTO MDIX
RTL8201N-GR REALTEK-RTL8201N-GR_07 Datasheet
616Kb / 39P
   SINGLE-CHIP/PORT 10/100 FAST ETHERNET PHYCEIVER WITH AUTO MDIX
logo
List of Unclassifed Man...
RTL8208 ETC-RTL8208 Datasheet
546Kb / 40P
   REALTEK SINGLE CHIP OCTAL 10/100 MBPS FAST ETHERNET TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com