Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM78P447S Datasheet(PDF) 10 Page - ELAN Microelectronics Corp

Part # EM78P447S
Description  8-BIT MICRO-CONTROLLER
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P447S Datasheet(HTML) 10 Page - ELAN Microelectronics Corp

Back Button EM78P447S Datasheet HTML 6Page - ELAN Microelectronics Corp EM78P447S Datasheet HTML 7Page - ELAN Microelectronics Corp EM78P447S Datasheet HTML 8Page - ELAN Microelectronics Corp EM78P447S Datasheet HTML 9Page - ELAN Microelectronics Corp EM78P447S Datasheet HTML 10Page - ELAN Microelectronics Corp EM78P447S Datasheet HTML 11Page - ELAN Microelectronics Corp EM78P447S Datasheet HTML 12Page - ELAN Microelectronics Corp EM78P447S Datasheet HTML 13Page - ELAN Microelectronics Corp EM78P447S Datasheet HTML 14Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 55 page
background image
EM78P447S
OTP ROM
Aaddress
R PAGE registers
IOC PAGE registers
00
R0
(Indirect Addressing Register)
Reserve
01
R1
(Time Clock Counter)
CONT (Control Register)
02
R2
(Program Counter)
Reserve
03
R3
(Status Register)
Reserve
04
R4
(RAM Select Register)
Reserve
05
R5
(Port5)
IOC5
(I/O Port Control Register)
06
R6
(Port6)
IOC6
(I/O Port Control Register)
07
R7
(Port7)
IOC7
(I/O Port Control Register)
08
General Register
Reserve
09
General Register
Reserve
0A
General Register
Reserve
0B
General Register
IOCB (Wake-Up Control Register for Port6 )
0C
General Register
Reverse
0D
General Register
Reverse
0E
General Register
IOCE (WDT,SLEEP2,Open Drain,R -Option
Control Register)
0F
General Register
IOCF (Interrupt Mask Register)
10
1F
General Registers
20
3E
Bank0
Bank1
Bank2
Bank3
3F
R3F
(Interrupt Status Register)
Fig. 4 Data Memory Configuration
This specification is subject to change without prior notice.
06.25.2003 (V1.1)
10


Similar Part No. - EM78P447S

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM78P447N EMC-EM78P447N Datasheet
1Mb / 57P
   8-BIT MICRO-CONTROLLER
EM78P447NAM EMC-EM78P447NAM Datasheet
1Mb / 57P
   8-BIT MICRO-CONTROLLER
EM78P447NAP EMC-EM78P447NAP Datasheet
1Mb / 57P
   8-BIT MICRO-CONTROLLER
EM78P447NAS EMC-EM78P447NAS Datasheet
1Mb / 57P
   8-BIT MICRO-CONTROLLER
EM78P447NBP EMC-EM78P447NBP Datasheet
1Mb / 57P
   8-BIT MICRO-CONTROLLER
More results

Similar Description - EM78P447S

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
MSU2956 MOSEL-MSU2956 Datasheet
68Kb / 1P
   8-Bit Micro-controller
MSU2955 MOSEL-MSU2955 Datasheet
71Kb / 1P
   8-Bit Micro-controller
MSU2957 MOSEL-MSU2957 Datasheet
70Kb / 1P
   8-Bit Micro-controller
logo
Micon Design Technology...
MDT10P57 MDTIC-MDT10P57 Datasheet
156Kb / 13P
   8-bit micro-controller
logo
RAIO Technology Inc.
RA8900 RAIO-RA8900 Datasheet
158Kb / 9P
   8-Bit Micro-Controller
RA8917 RAIO-RA8917 Datasheet
124Kb / 11P
   8-Bit Micro-Controller
logo
Micon Design Technology...
MDT10P05 MDTIC-MDT10P05 Datasheet
151Kb / 16P
   8-bit micro-controller
MDT2030CF MDTIC-MDT2030CF Datasheet
225Kb / 14P
   8-bit micro-controller
MDT10P7401 MDTIC-MDT10P7401 Datasheet
246Kb / 24P
   8-bit micro-controller
MDT10P7212 MDTIC-MDT10P7212 Datasheet
100Kb / 14P
   8-bit micro-controller
MDT10P73BA MDTIC-MDT10P73BA Datasheet
145Kb / 22P
   8-bit micro-controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com