Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS5444-EP Datasheet(PDF) 7 Page - Texas Instruments

Part # ADS5444-EP
Description  13-BIT 250-MSPS ANALOG-TO-DIGITAL CONVERTER
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS5444-EP Datasheet(HTML) 7 Page - Texas Instruments

Back Button ADS5444-EP_13 Datasheet HTML 3Page - Texas Instruments ADS5444-EP_13 Datasheet HTML 4Page - Texas Instruments ADS5444-EP_13 Datasheet HTML 5Page - Texas Instruments ADS5444-EP_13 Datasheet HTML 6Page - Texas Instruments ADS5444-EP_13 Datasheet HTML 7Page - Texas Instruments ADS5444-EP_13 Datasheet HTML 8Page - Texas Instruments ADS5444-EP_13 Datasheet HTML 9Page - Texas Instruments ADS5444-EP_13 Datasheet HTML 10Page - Texas Instruments ADS5444-EP_13 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
www.ti.com
ADS5444-EP
SGLS360 – AUGUST 2006
ELECTRICAL CHARACTERISTICS (continued)
Min, Typ, and Max values at T
A = 25°C, full temperature range is TMIN = –55°C to TMAX = 125°C, sampling rate = 250 MSPS,
50% clock duty cycle, AV
DD = 5 V, DRVDD = 3.3 V, –1-dBFS differential input, and 3-VPP differential clock (unless otherwise
noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
fIN = 10 MHz
69
fIN = 70 MHz
68
fIN = 100 MHz
67.6
SINAD
fIN = 170 MHz
66.5
dBc
fIN = 230 MHz
67
fIN = 300 MHz
65
fIN = 400 MHz
61
ENOB
Effective number of bits
fIN = 10 MHz
11.2
Bits
RMS idle channel noise
Inputs tied to common-mode
0.4
LSB
DIGITAL CHARACTERISTICS – LVDS DIGITAL OUTPUTS
Differential output voltage
0.247
0.452
V
Output offset voltage
1.125
1.25
1.375
V
7
Submit Documentation Feedback


Similar Part No. - ADS5444-EP_13

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5444-EP TI1-ADS5444-EP Datasheet
760Kb / 29P
13-BIT 250-MSPS ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADS5444-EP_13

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5444 TI1-ADS5444 Datasheet
1Mb / 29P
13-BIT 250 MSPS ANALOG-TO-DIGITAL CONVERTER
AD55444 TI-AD55444 Datasheet
770Kb / 25P
13-BIT 250 MSPS ANALOG-TO-DIGITAL CONVERTER
ADS5444 TI-ADS5444_08 Datasheet
1Mb / 29P
13-BIT 250 MSPS ANALOG-TO-DIGITAL CONVERTER
ADS5444-EP TI1-ADS5444-EP Datasheet
760Kb / 29P
13-BIT 250-MSPS ANALOG-TO-DIGITAL CONVERTER
ADS5444-SP TI1-ADS5444-SP Datasheet
679Kb / 23P
CLASS V, 13 BIT, 250 MSPS ANALOG-TO-DIGITAL CONVERTER
ADS5444-SP TI1-ADS5444-SP_15 Datasheet
538Kb / 22P
CLASS V, 13 BIT, 250 MSPS ANALOG-TO-DIGITAL CONVERTER
ADS5440 TI-ADS5440 Datasheet
556Kb / 11P
13-BIT 210 MSPS ANALOG-TO-DIGITAL CONVERTER
ADS5440 TI1-ADS5440_13 Datasheet
1Mb / 29P
13-BIT 210 MSPS ANALOG-TO-DIGITAL CONVERTER
ADS5440-EP TI1-ADS5440-EP_14 Datasheet
964Kb / 30P
13-BIT 210-MSPS ANALOG-TO-DIGITAL CONVERTER
ADS5440-EP TI1-ADS5440-EP Datasheet
1Mb / 29P
13-BIT 210-MSPS ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com