Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM12L458CIV/NOPB Datasheet(PDF) 7 Page - Texas Instruments

Part # LM12L458CIV/NOPB
Description  12-Bit Sign Data Acquisition System with Self-Calibration
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM12L458CIV/NOPB Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM12L458CIV/NOPB Datasheet HTML 3Page - Texas Instruments LM12L458CIV/NOPB Datasheet HTML 4Page - Texas Instruments LM12L458CIV/NOPB Datasheet HTML 5Page - Texas Instruments LM12L458CIV/NOPB Datasheet HTML 6Page - Texas Instruments LM12L458CIV/NOPB Datasheet HTML 7Page - Texas Instruments LM12L458CIV/NOPB Datasheet HTML 8Page - Texas Instruments LM12L458CIV/NOPB Datasheet HTML 9Page - Texas Instruments LM12L458CIV/NOPB Datasheet HTML 10Page - Texas Instruments LM12L458CIV/NOPB Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
LM12L458
www.ti.com
SNAS085B – JULY 1999 – REVISED MARCH 2013
Digital Characteristics
The following specifications apply for VA+ = VD+ = +3.3V, unless otherwise specified. Boldface limits apply for TA = TJ =
TMIN to TMAX; all other limits TA = TJ = 25°C.
(1) (2) (3)
Symbol
Parameter
Conditions
Typical(4)
Limits(5)
Units
VIN(1)
Logical “1” Input Voltage
VA+ = VD+ = +3.6V
2.0
V (min)
VA+ = VD+ = +3.0V ALE,
0.7
VIN(0)
Logical “0” Input Voltage
V (max)
Pin 22
0.6
1.0
μA (max)
IIN(1)
Logical “1” Input Current
VIN = +3.3V
0.005
2.0
μA (max)
−1.0
IIN(0)
Logical “0” Input Current
VIN = 0V
−0.005
μA (max)
−2.0
CIN
D0–D15 Input Capacitance
6
pF
VA+ = VD+ = 3.0V
VOUT(1)
Logical “1” Output Voltage
IOUT = −360 μA
2.4
V (min)
IOUT = −10 μA
2.85
V (min)
VA+ = VD+ = +3.0V
VOUT(0)
Logical “0” Output Voltage
IOUT = 1.6 mA
0.4
V (max)
IOUT = 10 μA
0.1
V (max)
VOUT = 0V
−0.01
−3.0
μA (max)
IOUT
TRI-STATE Output Leakage Current
VOUT = +3.3V
0.01
3.0
μA (max)
(1)
Two on-chip diodes are tied to each analog input through a series resistor, as shown below. Input voltage magnitude up to 5V above
VA+ or 5V below GND will not damage the LM12L458. However, errors in the A/D conversion can occur if these diodes are forward
biased by more than 100 mV. As an example, if VA+ is 3.0 VDC, full-scale input voltage must be =3.1 VDC to ensure accurate
conversions. See Figure 3
(2)
VA+ and VD+ must be connected together to the same power supply voltage and bypassed with separate capacitors at each V
+ pin to
assure conversion/comparison accuracy.
(3)
Accuracy is ensured when operating at fCLK = 6 MHz.
(4)
Typical figures are at TA = 25°C and represent most likely parametric norm.
(5)
Limits are specified to AOQL (Average Output Quality Level).
Digital Timing Characteristics
The following specifications apply for VA+ = VD+ = +3.3V, tr = tf = 3 ns, and CL = 100 pF on data I/O, INT and DMARQ lines
unless otherwise specified. Boldface limits apply for TA = TJ = TMIN to TMAX; all other limits TA = TJ = 25°C.
(1) (2) (3)
Symbol (See
Figure 28 Figure 29
Parameter
Conditions
Typical(4)
Limits(5)
Units
Figure 30)
1, 3
CS or Address Valid to ALE Low Set-Up Time
40
ns (min)
2, 4
CS or Address Valid to ALE Low Hold Time
20
ns (min)
5
ALE Pulse Width
45
ns (min)
6
RD High to Next ALE High
35
ns (min)
7
ALE Low to RD Low
20
ns (min)
8
RD Pulse Width
100
ns (min)
9
RD High to Next RD or WR Low
100
ns (min)
10
ALE Low to WR Low
20
ns (min)
11
WR Pulse Width
60
ns (min)
12
WR High to Next ALE High
75
ns (min)
13
WR High to Next RD or WR Low
140
ns (min)
(1)
Two on-chip diodes are tied to each analog input through a series resistor, as shown below. Input voltage magnitude up to 5V above
VA+ or 5V below GND will not damage the LM12L458. However, errors in the A/D conversion can occur if these diodes are forward
biased by more than 100 mV. As an example, if VA+ is 3.0 VDC, full-scale input voltage must be =3.1 VDC to ensure accurate
conversions. See Figure 3
(2)
VA+ and VD+ must be connected together to the same power supply voltage and bypassed with separate capacitors at each V
+ pin to
assure conversion/comparison accuracy.
(3)
Accuracy is ensured when operating at fCLK = 6 MHz.
(4)
Typical figures are at TA = 25°C and represent most likely parametric norm.
(5)
Limits are specified to AOQL (Average Output Quality Level).
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM12L458


Similar Part No. - LM12L458CIV/NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM12L458CIV NSC-LM12L458CIV Datasheet
695Kb / 36P
12-Bit Sign Data Acquisition System with Self-Calibration
LM12L458CIV NSC-LM12L458CIV Datasheet
884Kb / 29P
12-Bit Sign Data Acquisition System with Self-Calibration
More results

Similar Description - LM12L458CIV/NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM12454 NSC-LM12454 Datasheet
991Kb / 43P
12-Bit Sign Data Acquisition System with Self-Calibration
LM12L458 NSC-LM12L458 Datasheet
695Kb / 36P
12-Bit Sign Data Acquisition System with Self-Calibration
logo
Sipex Corporation
SP8121 SIPEX-SP8121 Datasheet
168Kb / 13P
Monolithic, 12-Bit Data Acquisition System
logo
Micro Linear Corporatio...
ML2200 MICRO-LINEAR-ML2200 Datasheet
1Mb / 28P
12-Bit Plus Sign Data Acquisition Peripheral
logo
National Semiconductor ...
LM12434 NSC-LM12434 Datasheet
1Mb / 80P
Sign Data Acquisition System with Serial I/O and Self-Calibration
logo
Sipex Corporation
SP8481 SIPEX-SP8481 Datasheet
208Kb / 12P
Monolithic, 12-Bit Data Acquisition System
logo
National Semiconductor ...
LM12L458 NSC-LM12L458_06 Datasheet
884Kb / 29P
12-Bit Sign Data Acquisition System with Self-Calibration
LM12454 NSC-LM12454_06 Datasheet
1Mb / 36P
12-Bit Sign Data Acquisition System with Self-Calibration
logo
Texas Instruments
LM12454 TI1-LM12454_14 Datasheet
1Mb / 45P
LM12454/LM12458/LM12H458 12-Bit Sign Data Acquisition System with Self-Calibration
LM12454 TI1-LM12454 Datasheet
1Mb / 43P
12-Bit Sign Data Acquisition System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com