Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC87393 Datasheet(PDF) 119 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87393
Description  100-Pin LPC SuperI/O Devices for Portable Applications
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87393 Datasheet(HTML) 119 Page - National Semiconductor (TI)

Back Button PC87393 Datasheet HTML 115Page - National Semiconductor (TI) PC87393 Datasheet HTML 116Page - National Semiconductor (TI) PC87393 Datasheet HTML 117Page - National Semiconductor (TI) PC87393 Datasheet HTML 118Page - National Semiconductor (TI) PC87393 Datasheet HTML 119Page - National Semiconductor (TI) PC87393 Datasheet HTML 120Page - National Semiconductor (TI) PC87393 Datasheet HTML 121Page - National Semiconductor (TI) PC87393 Datasheet HTML 122Page - National Semiconductor (TI) PC87393 Datasheet HTML 123Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 148 page
background image
7.0 X-Bus Extension (Continued)
119
www.national.com
XA3-0
HA3-0
XD7-0
HA11-4
XA18-12
HA18-12
XSTB0
FXASTB
XRDY
HIOCHRDY
PIRQA-D
IRQ11, IRQ8, IRQ12, and IRQ1 respectively
GND
HMEMCS
If any of the functions multiplexed on XA18-12 (Game Port or Serial Port 2) are needed, use an external latch for these
signals.
Use the XRDY signal that is enabled upon reset. Either of the XIORD and XIOWR signals may be used. Set proper sys-
tem configuration before accessing a PC87570 or any I/O device with separate read and write signals for I/O and mem-
ory transactions.
2. Bear in mind the following system design hints for asynchronous X-Bus use:
q
The chip select signal should be used as a qualifier with the address when partial address decoding is in use for mul-
tiple device access control.
q
In read cycles, the system may drive the data until the read signal XRD is de-asserted to guarantee the proper
PC8739x sampling.
q
In write cycles, use either the falling or rising edge of the write control signal (XWR) to latch the data in the device.
3. Address multiplexing on XDT7-0 and the XSTB2-0 is designed for glueless interface with off-chip latch components. See
the example using 74HCT373 latches in Figure 29.
Figure 29. Latched Mode X-Bus Transactions External Logic
(74HCT373)
D7-0
A27-20
A19-12
A3-0
XA3-0
XDT7-0
A11-4
Latch
(74HCT373)
Latch
(74HCT373)
Latch
XSTB0
XSTB1
XSTB2
PC8739



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com