Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320DM641 Datasheet(PDF) 138 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM641
Description  Video/Imaging Fixed-Point Digital Signal Processors
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM641 Datasheet(HTML) 138 Page - Texas Instruments

Back Button TMS320DM641 Datasheet HTML 134Page - Texas Instruments TMS320DM641 Datasheet HTML 135Page - Texas Instruments TMS320DM641 Datasheet HTML 136Page - Texas Instruments TMS320DM641 Datasheet HTML 137Page - Texas Instruments TMS320DM641 Datasheet HTML 138Page - Texas Instruments TMS320DM641 Datasheet HTML 139Page - Texas Instruments TMS320DM641 Datasheet HTML 140Page - Texas Instruments TMS320DM641 Datasheet HTML 141Page - Texas Instruments TMS320DM641 Datasheet HTML 142Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 171 page
background image
Multichannel Buffered Serial Port (McBSP)
138
June 2003 − Revised August 2004
SPRS222C
4.12.2
McBSP Electrical Data/Timing
4.12.2.1 Multichannel Buffered Serial Port (McBSP) Timing
Table 4−43. Timing Requirements for McBSP† (see Figure 4−42)
NO.
−400
−500
−600
UNIT
MIN
MAX
2
tc(CKRX)
Cycle time, CLKR/X
CLKR/X ext
4P or 6.67‡§
ns
3
tw(CKRX)
Pulse duration, CLKR/X high or CLKR/X low
CLKR/X ext
0.5tc(CKRX) − 1¶
ns
5
tsu(FRH-CKRL)
Setup time, external FSR high before CLKR low
CLKR int
9
ns
5
tsu(FRH-CKRL)
Setup time, external FSR high before CLKR low
CLKR ext
1.3
ns
6
th(CKRL-FRH)
Hold time, external FSR high after CLKR low
CLKR int
6
ns
6
th(CKRL-FRH)
Hold time, external FSR high after CLKR low
CLKR ext
3
ns
7
tsu(DRV-CKRL)
Setup time, DR valid before CLKR low
CLKR int
8
ns
7
tsu(DRV-CKRL)
Setup time, DR valid before CLKR low
CLKR ext
0.9
ns
8
th(CKRL-DRV)
Hold time, DR valid after CLKR low
CLKR int
3
ns
8
th(CKRL-DRV)
Hold time, DR valid after CLKR low
CLKR ext
3.1
ns
10
tsu(FXH-CKXL)
Setup time, external FSX high before CLKX low
CLKX int
9
ns
10
tsu(FXH-CKXL)
Setup time, external FSX high before CLKX low
CLKX ext
1.3
ns
11
th(CKXL-FXH)
Hold time, external FSX high after CLKX low
CLKX int
6
ns
11
th(CKXL-FXH)
Hold time, external FSX high after CLKX low
CLKX ext
3
ns
† CLKRP = CLKXP = FSRP = FSXP = 0. If polarity of any of the signals is inverted, then the timing references of that signal are also inverted.
‡ P = 1/CPU clock frequency in ns. For example, when running parts at 600 MHz, use P = 1.67 ns.
§ Use whichever value is greater. Minimum CLKR/X cycle times must be met, even when CLKR/X is generated by an internal clock source. The
minimum CLKR/X cycle times are based on internal logic speed; the maximum usable speed may be lower due to EDMA limitations and AC timing
requirements.
¶ This parameter applies to the maximum McBSP frequency. Operate serial clocks (CLKR/X) in the reasonable range of 40/60 duty cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com