Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320DM641 Datasheet(PDF) 143 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM641
Description  Video/Imaging Fixed-Point Digital Signal Processors
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM641 Datasheet(HTML) 143 Page - Texas Instruments

Back Button TMS320DM641 Datasheet HTML 139Page - Texas Instruments TMS320DM641 Datasheet HTML 140Page - Texas Instruments TMS320DM641 Datasheet HTML 141Page - Texas Instruments TMS320DM641 Datasheet HTML 142Page - Texas Instruments TMS320DM641 Datasheet HTML 143Page - Texas Instruments TMS320DM641 Datasheet HTML 144Page - Texas Instruments TMS320DM641 Datasheet HTML 145Page - Texas Instruments TMS320DM641 Datasheet HTML 146Page - Texas Instruments TMS320DM641 Datasheet HTML 147Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 171 page
background image
Multichannel Buffered Serial Port (McBSP)
143
June 2003 − Revised August 2004
SPRS222C
Table 4−50. Timing Requirements for McBSP as SPI Master or Slave:
CLKSTP = 10b, CLKXP = 1†‡ (see Figure 4−46)
NO.
−400
−500
−600
UNIT
NO.
MASTER
SLAVE
UNIT
MIN
MAX
MIN
MAX
4
tsu(DRV-CKXH) Setup time, DR valid before CLKX high
12
2 − 12P
ns
5
th(CKXH-DRV)
Hold time, DR valid after CLKX high
4
5 + 24P
ns
† P = 1/CPU clock frequency in ns. For example, when running parts at 600 MHz, use P = 1.67 ns.
‡ For all SPI Slave modes, CLKG is programmed as 1/4 of the CPU clock by setting CLKSM = CLKGDV = 1.
Table 4−51. Switching Characteristics Over Recommended Operating Conditions for McBSP as
SPI Master or Slave: CLKSTP = 10b, CLKXP = 1†‡ (see Figure 4−46)
NO.
PARAMETER
−400
−500
−600
UNIT
NO.
PARAMETER
MASTER§
SLAVE
UNIT
MIN
MAX
MIN
MAX
1
th(CKXH-FXL)
Hold time, FSX low after CLKX high¶
T − 2
T + 3
ns
2
td(FXL-CKXL)
Delay time, FSX low to CLKX low#
H − 2.5
H + 3
ns
3
td(CKXL-DXV)
Delay time, CLKX low to DX valid
−2
4
12P + 3
20P + 17
ns
6
tdis(CKXH-DXHZ)
Disable time, DX high impedance following last data bit
from CLKX high
H − 2
H + 3
ns
7
tdis(FXH-DXHZ)
Disable time, DX high impedance following last data bit
from FSX high
4P + 3
12P + 17
ns
8
td(FXL-DXV)
Delay time, FSX low to DX valid
8P + 2
16P + 17
ns
† P = 1/CPU clock frequency in ns. For example, when running parts at 600 MHz, use P = 1.67 ns.
‡ For all SPI Slave modes, CLKG is programmed as 1/4 of the CPU clock by setting CLKSM = CLKGDV = 1.
§ S = Sample rate generator input clock = 4P if CLKSM = 1 (P = 1/CPU clock frequency)
=
Sample rate generator input clock = P_clks if CLKSM = 0 (P_clks = CLKS period)
T =
CLKX period = (1 + CLKGDV) * S
H =
CLKX high pulse width = (CLKGDV/2 + 1) * S if CLKGDV is even
= (CLKGDV + 1)/2 * S if CLKGDV is odd or zero
L =
CLKX low pulse width
= (CLKGDV/2) * S if CLKGDV is even
= (CLKGDV + 1)/2 * S if CLKGDV is odd or zero
¶ FSRP = FSXP = 1. As a SPI Master, FSX is inverted to provide active-low slave-enable output. As a Slave, the active-low signal input on FSX
and FSR is inverted before being used internally.
CLKXM = FSXM = 1, CLKRM = FSRM = 0 for Master McBSP
CLKXM = CLKRM = FSXM = FSRM = 0 for Slave McBSP
# FSX should be low before the rising edge of clock to enable Slave devices and then begin a SPI transfer at the rising edge of the Master clock
(CLKX).
Bit 0
Bit(n-1)
(n-2)
(n-3)
(n-4)
Bit 0
Bit(n-1)
(n-2)
(n-3)
(n-4)
5
4
3
8
7
6
2
1
CLKX
FSX
DX
DR
Figure 4−46. McBSP Timing as SPI Master or Slave: CLKSTP = 10b, CLKXP = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com