Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320DM641 Datasheet(PDF) 151 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM641
Description  Video/Imaging Fixed-Point Digital Signal Processors
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM641 Datasheet(HTML) 151 Page - Texas Instruments

Back Button TMS320DM641 Datasheet HTML 147Page - Texas Instruments TMS320DM641 Datasheet HTML 148Page - Texas Instruments TMS320DM641 Datasheet HTML 149Page - Texas Instruments TMS320DM641 Datasheet HTML 150Page - Texas Instruments TMS320DM641 Datasheet HTML 151Page - Texas Instruments TMS320DM641 Datasheet HTML 152Page - Texas Instruments TMS320DM641 Datasheet HTML 153Page - Texas Instruments TMS320DM641 Datasheet HTML 154Page - Texas Instruments TMS320DM641 Datasheet HTML 155Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 171 page
background image
Video Port
151
June 2003 − Revised August 2004
SPRS222C
Table 4−59. Switching Characteristics Over Recommended Operating Conditions in Video
Display Mode for Video Data and Control Output Shown With Respect to
VPxCLKINx and VPxCLKOUTx†‡ (see Figure 4−51)
NO.
PARAMETER
−400
−500
−600
UNIT
MIN
MAX
1
tc(VKO)
Cycle time, VPxCLKOUTx
V − 0.7
V + 0.7
ns
2
tw(VKOH)
Pulse duration, VPxCLKOUTx high
VH − 0.7
VH + 0.7
ns
3
tw(VKOL)
Pulse duration, VPxCLKOUTx low
VL − 0.7
VL + 0.7
ns
4
tt(VKO)
Transition time, VPxCLKOUTx
1.8
ns
5
td(VKIH-VKOH)
Delay time, VPxCLKINx high to VPxCLKOUTx high§
1.1
5.7
ns
6
td(VKIL-VKOL)
Delay time, VPxCLKINx low to VPxCLKOUTx low§
1.1
5.7
ns
7
td(VKIH-VKOL)
Delay time, VPxCLKINx high to VPxCLKOUTx low
1.1
5.7
ns
8
td(VKIL-VKOH)
Delay time, VPxCLKINx low to VPxCLKOUTx high
1.1
5.7
ns
9
td(VKIH-VPOUTV) Delay time, VPxCLKINx high to VPxOUT valid¶
9
ns
10
td(VKIH-VPOUTIV) Delay time, VPxCLKINx high to VPxOUT invalid¶
1.7
ns
11
td(VKOH-VPOUTV) Delay time, VPxCLKOUTx high to VPxOUT valid†¶
4.3
ns
12
td(VKOH-VPOUTIV) Delay time, VPxCLKOUTx high to VPxOUT invalid†¶
−0.2
ns
† V = the video input clock (VPxCLKINx) period in ns.
‡ VH is the high period of V (video input clock period) in ns and VL is the low period of V (video input clock period) in ns.
§ Assuming non-inverted VPxCLKOUTx signal.
¶ VPxOUT consists of VPxCTLx and VPxD[7:0]
VPxCLKINx
VPxCLKOUTx
[VCLK2P = 0]
VPxCLKOUTx
(Inverted)
[VCLK2P = 1]
VPxCTLx,
VPxD[7:0]
(Outputs)
VPxCTLx
(Input)
5
7
1
3
2
6
8
9
13
10
14
11
12
15
16
4
4
Figure 4−51. Video Port Display Data Output Timing and Control Input/Output Timing
With Respect to VPxCLKINx and VPxCLKOUTx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com