Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320DM647 Datasheet(PDF) 168 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM647
Description  Digital Media Processor
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM647 Datasheet(HTML) 168 Page - Texas Instruments

Back Button TMS320DM647 Datasheet HTML 164Page - Texas Instruments TMS320DM647 Datasheet HTML 165Page - Texas Instruments TMS320DM647 Datasheet HTML 166Page - Texas Instruments TMS320DM647 Datasheet HTML 167Page - Texas Instruments TMS320DM647 Datasheet HTML 168Page - Texas Instruments TMS320DM647 Datasheet HTML 169Page - Texas Instruments TMS320DM647 Datasheet HTML 170Page - Texas Instruments TMS320DM647 Datasheet HTML 171Page - Texas Instruments TMS320DM647 Datasheet HTML 172Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 168 / 190 page
background image
TMS320DM647
TMS320DM648
SPRS372H – MAY 2007 – REVISED APRIL 2012
www.ti.com
Table 6-78. Ethernet Switch Registers (continued)
HEX ADDRESS RANGE
REGISTER ACRONYM
DESCRIPTION
0x02D0 3234
RX5_HDP
CPDMA Rx 5 Channel 5 Head Desc Pointer
0x02D0 3238
RX6_HDP
CPDMA Rx 6 Channel 6 Head Desc Pointer
0x02D0 323C
RX7_HDP
CPDMA Rx 7 Channel 7 Head Desc Pointer
0x02D0 3240
TX0_CP
CPDMA Tx Channel 0 Completion Pointer Register
0x02D0 3244
TX1_CP
CPDMA Tx Channel 1 Completion Pointer Register
0x02D0 3248
TX2_CP
CPDMA Tx Channel 2 Completion Pointer Register
0x02D0 324C
TX3_CP
CPDMA Tx Channel 3 Completion Pointer Register
0x02D0 3250
TX4_CP
CPDMA Tx Channel 4 Completion Pointer Register
0x02D0 3254
TX5_CP
CPDMA Tx Channel 5 Completion Pointer Register
0x02D0 3258
TX6_CP
CPDMA Tx Channel 6 Completion Pointer Register
0x02D0 325C
TX7_CP
CPDMA Tx Channel 7 Completion Pointer Register
0x02D0 3260
RX0_CP
CPDMA Rx Channel 0 Completion Pointer Register
0x02D0 3264
RX1_CP
CPDMA Rx Channel 1 Completion Pointer Register
0x02D0 3268
RX2_CP
CPDMA Rx Channel 2 Completion Pointer Register
0x02D0 326C
RX3_CP
CPDMA Rx Channel 3 Completion Pointer Register
0x02D0 3270
RX4_CP
CPDMA Rx Channel 4 Completion Pointer Register
0x02D0 3274
RX5_CP
CPDMA Rx Channel 5 Completion Pointer Register
0x02D0 3278
RX6_CP
CPDMA Rx Channel 6 Completion Pointer Register
0x02D0 327C
RX7_CP
CPDMA Rx Channel 7 Completion Pointer Register
0x02D0 3280 - 0x02D0 32BF
reserved
0x02D0 32C0 - 0x02D0 32FC
reserved
0x02D0 3300 - 0x02D0 337C
reserved
0x02D0 3380 - 0x02D0 33FC
reserved
0x02D0 3400
RXGOODFRAMES
CPSW_STATS Total number of good frames received
0x02D0 3404
RXBROADCASTFRAMES
CPSW_STATS Total number of good broadcast frames
received
0x02D0 3408
RXMULTICASTFRAMES
CPSW_STATS Total number of good multicast frames
received
0x02D0 340C
RXPAUSEFRAMES
CPSW_STATS PauseRxFrames
0x02D0 3410
RXCRCERRORS
CPSW_STATS Total number of CRC errors frames received
0x02D0 3414
RXALIGNCODEERRORS
CPSW_STATS Total number of alignment/code errors
received
0x02D0 3418
RXOVERSIZEDFRAMES
CPSW_STATS Total number of oversized frames received
0x02D0 341C
RXJABBERFRAMES
CPSW_STATS Total number of jabber frames received
0x02D0 3420
RXUNDERSIZEDFRAMES
CPSW_STATS Total number of undersized frames received
0x02D0 3424
RXFRAGMENTS
CPSW_STATS RxFragments received
0x02D0 3428
reserved
0x02D0 342C
reserved
0x02D0 3430
RXOCTETS
CPSW_STATS Total number of received bytes in good
frames
0x02D0 3434
TXGOODFRAMES
CPSW_STATS GoodTxFrames
0x02D0 3438
TXBROADCASTFRAMES
CPSW_STATS BroadcastTxFrames
0x02D0 343C
TXMULTICASTFRAMES
CPSW_STATS MulticastTxFrames
0x02D0 3440
TXPAUSEFRAMES
CPSW_STATS PauseTxFrames
0x02D0 3444
TXDEFERREDFRAMES
CPSW_STATS Deferred Frames
0x02D0 3448
TXCOLLISIONFRAMES
CPSW_STATS Collisions
0x02D0 344C
TXSINGLECOLLFRAMES
CPSW_STATS SingleCollisionTxFrames
0x02D0 3450
TXMULTCOLLFRAMES
CPSW_STATS MultipleCollisionTxFrames
168
Peripheral Information and Electrical Specifications
Copyright © 2007–2012, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320DM647 TMS320DM648



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com