Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC87591L Datasheet(PDF) 193 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591L
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591L Datasheet(HTML) 193 Page - National Semiconductor (TI)

Back Button PC87591L Datasheet HTML 189Page - National Semiconductor (TI) PC87591L Datasheet HTML 190Page - National Semiconductor (TI) PC87591L Datasheet HTML 191Page - National Semiconductor (TI) PC87591L Datasheet HTML 192Page - National Semiconductor (TI) PC87591L Datasheet HTML 193Page - National Semiconductor (TI) PC87591L Datasheet HTML 194Page - National Semiconductor (TI) PC87591L Datasheet HTML 195Page - National Semiconductor (TI) PC87591L Datasheet HTML 196Page - National Semiconductor (TI) PC87591L Datasheet HTML 197Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 193 / 437 page
background image
Embedded Controller Modules (Continued)
Revision 1.07
193
www.national.com
All DAC channels are automatically disabled when entering Idle mode if ENIDLE bit in DACCTRL register is cleared to 0.
This happens regardless of the state of DACENn (n=0 to 3) bit in DACCTRL register. In this case, the DA0-3 outputs drive
0V.
If the ENIDLE bit is set to 1, entering the Idle mode does not affect DAC operation, and DA0-3 outputs drive the voltage level
set by DACDATn (n=0 to 3) registers.
4.12.5 DAC Registers
The DAC interfaces with the core using one control and four data registers. These registers are mapped to the core address
space, as defined in Appendix A on page 408.
DAC Register Map
DAC Control Register (DACCTRL)
This register controls the operation of the DAC module. DACCTRL is cleared (0016) on reset.
Location: 00 FF4016
Type: R/W
Mnemonic
Register Name
Type
DACCTRL
DAC Control
R/W
DACDAT0
DAC Data Channel 0
R/W
DACDAT1
DAC Data Channel 1
R/W
DACDAT2
DAC Data Channel 2
R/W
DACDAT3
DAC Data Channel 3
R/W
Bit
76543210
Name
Reserved
ENIDLE
DACEN3
DACEN2
DACEN1
DACEN0
Reset
00000000
Bit
Description
0
DACEN0 (DAC Channel 0 Enable). Enables the DAC channel. The DA0 output pin drives a voltage level,
according to the value written into the corresponding DACDAT0 register.
When cleared, the DA0 output pin drives 0V.
0: Disabled (default)
1: Enabled
1
DACEN1 (DAC Channel 1 Enable). Same as DACEN0 bit description, using DA1 output and DACDAT1
register.
2
DACEN2 (DAC Channel 2 Enable). Same as DACEN0 bit description, using DA2 output and DACDAT2
register.
3
DACEN3 (DAC Channel 3 Enable). Same as DACEN0 bit description, using DA3 output and DACDAT3
register.
4
ENIDLE (Enable in Idle). Controls the DAn (n=0 to 3) outputs in Idle mode.
0: Disabled - DAn outputs drive 0V (default)
1: Enabled - DAn outputs according to DACENn bits and DACDATn registers
7-5
Reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com