Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC87591L Datasheet(PDF) 260 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591L
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591L Datasheet(HTML) 260 Page - National Semiconductor (TI)

Back Button PC87591L Datasheet HTML 256Page - National Semiconductor (TI) PC87591L Datasheet HTML 257Page - National Semiconductor (TI) PC87591L Datasheet HTML 258Page - National Semiconductor (TI) PC87591L Datasheet HTML 259Page - National Semiconductor (TI) PC87591L Datasheet HTML 260Page - National Semiconductor (TI) PC87591L Datasheet HTML 261Page - National Semiconductor (TI) PC87591L Datasheet HTML 262Page - National Semiconductor (TI) PC87591L Datasheet HTML 263Page - National Semiconductor (TI) PC87591L Datasheet HTML 264Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 260 / 437 page
background image
Embedded Controller Modules (Continued)
www.national.com
260
Revision 1.07
SCAN_ABORT_MASK
The SCAN_ABORT_MASK instruction switches the data scan path to ABORT_MASK register. In Capture-DR state, a par-
allel update of the shift register occurs with the DBGMASKS values. Parallel load is performed in Update-DR state to update
the DBGMASKS values.
ASSERT_DBG_RST
A Debugger reset is asserted in Update-DR state. Serial data is switched to the BYPASS register.
4.19.7 TAP Data Registers, Debugger Interface
Bit Arrangement and Mapping
Figure 84 shows the bit allocation for a parallel load operation between any pair of serial shift registers and a peripheral bus
addressable register.
Figure 84. Bit Allocation Arrangement
Functionality in Various TAP Controller States
When data is shifted through a data register, data applied to TDI appears without inversion at TDO following an appropriate
number of TCK transitions, when the TAP controller is in Shift-DR state.
The data register connected between TDI and TDO shifts data one stage towards TDO after each rising edge of TCK in
Shift-DR state.
In TAP-Reset state, all data registers either perform their system function (if one exists) or do not interfere with the operation
of the on-chip system logic.
If, in response to the current instruction, a data register loads data from a parallel input, the data is loaded on the rising edge
of TCK following entry into Capture-DR state.
If the data register connected between TDI and TDO in response to the current instruction is provided with latched parallel
data outputs, the data is latched into the parallel output buffers on the falling edge of TCK, during Update-DR or Run-
Test/Idle states, as appropriate.
If, in response to a current instruction, no operation of a selected data register is required in a given controller state, the
register retains its last state unchanged.
When the TAP controller state machine is in TAP-Reset state during Power-Up reset, IR register is reset.
Data registers that are not selected by the current instruction are set to perform their functions, as described in Section 4.19;
specifically, see “TX Data Link” on page 250, “Debugger Reset Circuit” on page 250 and “ISE Interrupt Control” on page 250.
Table 40. Data Register Operation in Each Controller State
Controller State
Action
Capture-DR
Load data at parallel input into shift register stage. Parallel output registers, or latch, retains last state.
Shift-DR
Shift data towards serial output. Parallel output register, or latch where provided, retains state.
Exit1-DR
Exit2-DR
Pause-DR
Retain last state.
Update-DR
Load parallel output register or latch from the shift register stage. Shift register stage retains state.
All other controller
states
Registers that have a parallel output maintain the last state of this output; otherwise undefined.
15
0
15
0
15
0
15
0
15
0
15
0
TDI
TDO
ADD XXXN
ADD XXX(N-1)
ADD XXX0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com