Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC87591L Datasheet(PDF) 295 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591L
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591L Datasheet(HTML) 295 Page - National Semiconductor (TI)

Back Button PC87591L Datasheet HTML 291Page - National Semiconductor (TI) PC87591L Datasheet HTML 292Page - National Semiconductor (TI) PC87591L Datasheet HTML 293Page - National Semiconductor (TI) PC87591L Datasheet HTML 294Page - National Semiconductor (TI) PC87591L Datasheet HTML 295Page - National Semiconductor (TI) PC87591L Datasheet HTML 296Page - National Semiconductor (TI) PC87591L Datasheet HTML 297Page - National Semiconductor (TI) PC87591L Datasheet HTML 298Page - National Semiconductor (TI) PC87591L Datasheet HTML 299Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 295 / 437 page
background image
5.0 Host Controller Interface Modules (Continued)
Revision 1.07
295
www.national.com
Host Interface PM n Interrupt Control Register (HIPMnIC)
The HIPMnIC register and its bits affect operation in Enhanced mode only (i.e., when EME bit in HIPMnCTL register is set).
In PC87570 Legacy mode, the bits in this registers are ignored. HIPMnIC controls the PM n interrupt signals mode of oper-
ation. HIPMnCTL is 4116 on reset.
Location: Channel 1 - 00 FEBA16
Channel 2 - 00 FECC16
Type: R/W
Bit
76543210
Name
SCIIS
SMIPOL
PLMM
SCIB
SMIB
IRQB
Reset
01000001
Bit
Description
0
IRQB (Host Interrupt Request Control Bit). When the IRQ signal is configured for direct control by the
firmware (HIRQE in HIPMnIE register is 0), IRQB bit is output to the PMnIRQ signal. When read, IRQB bit
returns the current value of the PMnIRQ signal. IRQn signal’s value can be read regardless of the state of
HIRQE in HIPMnIE register.
1
SMIB (Host SMI Request Control Bit). When the SMI signal is configured for direct control by the firmware
(HSMIE in HIPMnIE register is 0), SMIB bit is output to the PMnSMI signal (if SMIPOL=0, SMIB is output; if
SMIPOL=1, SMIB is inverted before output). When read, SMIB bit returns the current value of the SMI pin. The
SMI signal’s value can be read regardless of the state of HSMIE in HIPMnIE register.
2
SCIB (Host SCI Request Control Bit). When the SCI signal is configured for direct control by the firmware
(HSCIE in HIPMnIE register is 0), SMIB bit is output to the PMnSCI signal (if SCIPOL=0, SCIB is output; if
SCIPOL=1, SCIB is inverted before output). When read, SCIB bit returns the current value of the SCI pin. The
ECSCI signal value can be read regardless of the state of HSCIE bit in HIPMnIE register.
5-3
PLMM (Pulse Level Mode SMI). Sets the hardware-controlled SMI signal mode to Level or Pulse and sets the
pulse width.
When PLMM = 0002, the SCI signal functions in Level mode. In this mode, the SMI pulse shaper output value is
low, and a high level is set to issue an interrupt (i.e., the respective OBF is set).
When PLMM
≠ 0, the host interrupts are in Pulse mode. In this mode, the SMI pulse shaper output value is low,
and it toggles high to issue an interrupt (i.e., when the respective output buffer register is written).
The pulse widths are:
Bits
5 4 3
Pulse Width
0 0 0:
Level interrupt
0 0 1:
1-Cycle Pulse
0 1 0:
2-Cycle Pulse
0 1 1:
4-Cycle Pulse
1 0 0:
8-Cycle Pulse
1 0 1:
16-Cycle Pulse
Other:
Reserved
6
SMIPOL (SMI Negative Polarity).
0: SMI output inactive value is low and its active (asserted) value is high
1: Inverted polarity is used. When SMIPOL is set, the SMI signal is either the inverse of what is stored in SMIB or
the output of the SMI pulse shaper.
This bit affects the SMI signal polarity in both PC87570 Legacy and Enhanced modes
7
SCIIS (SIC on IBF Start). A write of 1 to this bit starts an SCI interrupt on IBF cleared. A write of 0 to SCIIS is
ignored. When read, this bit always return 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com