Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC87591L Datasheet(PDF) 300 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591L
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591L Datasheet(HTML) 300 Page - National Semiconductor (TI)

Back Button PC87591L Datasheet HTML 296Page - National Semiconductor (TI) PC87591L Datasheet HTML 297Page - National Semiconductor (TI) PC87591L Datasheet HTML 298Page - National Semiconductor (TI) PC87591L Datasheet HTML 299Page - National Semiconductor (TI) PC87591L Datasheet HTML 300Page - National Semiconductor (TI) PC87591L Datasheet HTML 301Page - National Semiconductor (TI) PC87591L Datasheet HTML 302Page - National Semiconductor (TI) PC87591L Datasheet HTML 303Page - National Semiconductor (TI) PC87591L Datasheet HTML 304Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 300 / 437 page
background image
Host Controller Interface Modules (Continued)
www.national.com
300
Revision 1.07
5.3.3
Indirect Memory Read and Write Transaction
The following I/O mapped registers can be utilized instead of memory mapping to perform a core bus transaction using an
LPC I/O transaction:
●
Four Indirect Memory Address registers (IMA3-IMA0), representing host address bits 31 to 0
●
One Indirect Memory Data register (IMD), representing data bits 7 to 0
An LPC I/O write to the IMD register triggers a core bus memory write cycle using the addresses and data from IMA3-IMA0
and IMD registers, respectively. The LPC I/O write is completed when the core bus transaction is completed.
An LPC I/O read cycle from IMD register triggers a core bus memory read cycle using the addresses from IMA3-IMA0. The
data returned from the core bus cycle is used to complete the LPC I/O read cycle from IMD register.
Read/write cycles from/to IMA3-IMA0 registers drive Short Wait on the Sync field. Read/write cycles from/to IMD register
drive Long Wait on the Sync field until a transaction is actually performed and completed on the core bus.
Indirect memory read/write transactions are subject to the same memory mapping, locking mechanism and host access pro-
tection as memory and FWH memory read/write transactions. For more details, see Sections 5.3.2, 5.3.4 and 5.3.5.
5.3.4
Locking Between Domains
For read operations, hardware handles arbitration between the host and core. For program and erase operations, the
PC87591x provides the means for enabling exclusive use for any particular access path over a sequence of operations.
By default, the core has access permission to the on-chip flash, and the HLOCK bit is cleared (0). In this case, if a program
or erase operation starts, any host read operation is deferred or aborted, as defined by HERES field in SMCCST register.
When host erase or program operation is required, the Signaling interface (Section 5.3.7 on page 303) or one of the other
host/core communication channels should be used to request control of the flash from the core. The core should go into a
state in which the flash is not written or erased and then set the HLOCK bit. Note that core reads from the flash may be
delayed in this case; therefore, it is recommended for critical code to be copied to RAM. Once the host access to the flash
is completed, the host should indicate this to the core, allowing it to clear the HLOCK bit and resume normal operation.
00 000016
Main Block Top Address (MBTA)
1F FFFF16
F FFFF16
F FFFF16 - MBTA
0 000016
10 000016
00 E00016
01 000016
1
2
0 000016 - MBTA
1
2
Host Address
Core Address
~
~
~
~
Figure 101. Host to Core Address Translation: Non-BIOS Mode
~
~
~
~
Expansion Memory
On-Chip Flash
Reserved (Out-of-Range)
Numbers (1,2) indicate the links
between host memory and core
memory maps.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com