Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC87591L Datasheet(PDF) 373 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591L
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591L Datasheet(HTML) 373 Page - National Semiconductor (TI)

Back Button PC87591L Datasheet HTML 369Page - National Semiconductor (TI) PC87591L Datasheet HTML 370Page - National Semiconductor (TI) PC87591L Datasheet HTML 371Page - National Semiconductor (TI) PC87591L Datasheet HTML 372Page - National Semiconductor (TI) PC87591L Datasheet HTML 373Page - National Semiconductor (TI) PC87591L Datasheet HTML 374Page - National Semiconductor (TI) PC87591L Datasheet HTML 375Page - National Semiconductor (TI) PC87591L Datasheet HTML 376Page - National Semiconductor (TI) PC87591L Datasheet HTML 377Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 373 / 437 page
background image
7.0 Device Specifications (Continued)
Revision 1.07
373
www.national.com
7.1.3
Capacitance
7.1.4
Power Supply Current Consumption under Recommended Operating Conditions
7.1.5
Voltage Thresholds
Symbol
Parameter
Min2
Typ1
1. TA = 25°C; f = 1 MHz.
Max2
2. Not tested; guaranteed by characterization.
Unit
CIN
Input Pin Capacitance
5
7
pF
CIN1
Clock Input Capacitance
5
8
12
pF
CIO
I/O Pin Capacitance
10
12
pF
CO
Output Pin Capacitance
6
8
pF
Symbol
Parameter
Conditions1
1. All parameters specified for 0
°C ≤ T
A ≤ 70°C; VDD and VCC = 3.3V ±10% unless otherwise specified.
Typ
Max
Unit
IDD
VDD Average Main Supply Current
VIL = 0.5V, VIH = 2.4V
No Load
23
mA
IDDLP
VDD Quiescent Main Supply Current in Low
Power Mode
VIL = GND, VIH =VDD
No Load
30
50
µA
ICC
VCC Active Supply Current
tCLK = 250 ns
15
mA
tCLK =50ns
23
30
mA
ICCW
VCC Active Executing WAIT Supply Current
tCLK = 250 ns
6.6
mA
tCLK =50ns
10
mA
ICCI
VCC Idle Mode Supply Current
Idle Mode
VIL = GND, VIH =VCC
No Load
15
µA
IBAT
VBAT Battery Supply Current
Power Off Mode
0.9
1.5
µA
Symbol
Parameter
Conditions1
1. All parameters specified for 0
°C
≤ T
A ≤ 70°C.
Min
Typ
Max
Unit
VCCON
VCC Detected as Power-On
2.5
2.95
V
VCC2PP
VCC detected for use as source for VPP
2.3
2.4
V
VPP2CC
VCC detected inactive for use of VBAT as
source for VPP
1.9
2.2
V
VDDON
VDD Detected as on
2.5
2.95
V
VBATDTC
Battery Detected
1.0
1.2
V
VLOWBAT
Low Battery Voltage
1.3
1.9
V
VBATMIN
Workable Battery Voltage
2.4
V
VBATMAX
Battery Input Voltage
3.6
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com