Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC87591L Datasheet(PDF) 128 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591L
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591L Datasheet(HTML) 128 Page - National Semiconductor (TI)

Back Button PC87591L Datasheet HTML 124Page - National Semiconductor (TI) PC87591L Datasheet HTML 125Page - National Semiconductor (TI) PC87591L Datasheet HTML 126Page - National Semiconductor (TI) PC87591L Datasheet HTML 127Page - National Semiconductor (TI) PC87591L Datasheet HTML 128Page - National Semiconductor (TI) PC87591L Datasheet HTML 129Page - National Semiconductor (TI) PC87591L Datasheet HTML 130Page - National Semiconductor (TI) PC87591L Datasheet HTML 131Page - National Semiconductor (TI) PC87591L Datasheet HTML 132Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 437 page
background image
Embedded Controller Modules (Continued)
www.national.com
128
Revision 1.07
After each of the next seven falling edges of the clock line, one more data bit (bits 1 through 7) is driven on the data line of
the active channel (either PSDAT1, PSDAT2, PSDAT3 or PSDAT4).
On the ninth falling edge of the clock, the parity bit is output. The parity bit is high (1) if the number of bits with a value of 1
in the transmitted data was even (i.e., odd parity).
The tenth falling edge causes a 1 to be output as a stop bit. The data signal remains high to allow the PS/2 device to send
the line control bit.
The auxiliary device then completes the transfer by sending the line-control bit. The line-control bit, is identified by the data
signal being low after the 11th falling edge of the clock.
End of Transmission
The End-Of-Transmission state is entered when the line-control bit is detected. In response, the shift mechanism holds all
clock signals low, and if the internal pull-up is enabled, all data signals are pulled high by the internal pull-up.
The End-Of-Transaction flag (EOT in PSTAT register) is set to indicate that the transmit operation was completed; in addi-
tion, if EOTIE bit in PSIEN register is set, the interrupt signal to the ICU is set high.
The shift mechanism stays at this state until being reset.
Figure 43 illustrates the transmit byte sequence, as defined by the PS/2 standard.
Transfer Abort
At each stage of a receive or transmit operation, the transaction can be aborted by clearing all four channel enable bits
(CLK4-1) in PS/2 Output Signal register (PSOSIG) to 0. This resets the shifter state machine and puts it in the Enabled In-
active state. If the shift mechanism is in Transmit Inactive or Transmit Idle state, WDAT4-1 bits should also be set.
4.6.5
PS/2 Interface Registers
For a summary of the abbreviations used for Register Type, see “Register Abbreviations and Access” on page 34.
CLK
DATA
Bit 0
Parity Bit
Stop Bit
Start Bit
1st
CLK
2nd
CLK
9th
CLK
11th
CLK
I/O
Inhibit
10th
CLK
Figure 43. PS/2 Transmit Data Byte Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com