Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC87591L Datasheet(PDF) 163 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591L
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591L Datasheet(HTML) 163 Page - National Semiconductor (TI)

Back Button PC87591L Datasheet HTML 159Page - National Semiconductor (TI) PC87591L Datasheet HTML 160Page - National Semiconductor (TI) PC87591L Datasheet HTML 161Page - National Semiconductor (TI) PC87591L Datasheet HTML 162Page - National Semiconductor (TI) PC87591L Datasheet HTML 163Page - National Semiconductor (TI) PC87591L Datasheet HTML 164Page - National Semiconductor (TI) PC87591L Datasheet HTML 165Page - National Semiconductor (TI) PC87591L Datasheet HTML 166Page - National Semiconductor (TI) PC87591L Datasheet HTML 167Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 163 / 437 page
background image
Embedded Controller Modules (Continued)
Revision 1.07
163
www.national.com
The baud rate register is programed with a baud rate divisor of 4 (N = baud rate divisor +1). This produces a baud clock of:
BR = (5x10
6)/(16x5x6.5) = 9615.385
% error = (9615.385-9600)/9600 = 0.16
Note that the percent error is much lower than would be possible without the non-integer pre-scaler factor. Refer to the table
below for more examples.
Calculating the Baud Rate in Synchronous Mode
The equation for calculating the baud rate is:
BR = SYS_CLK/(2xNxP)
where:
●
BR is the baud rate
●
SYS_CLK is the system clock
●
N is the value of the baud rate divisor + 1
●
P is the pre-scaler divide factor selected by the value in the PSR register
The same procedure is used for determining the values of N and P, as in Asynchronous mode. However, non-integer pre-
scale values are not allowed.
System Clock
Desired
Baud Rate
N
P
Actual Baud Rate
Percent Error
4 MHz
9600
2
13
9615.385
0.16
5 MHz
9600
5
6.5
9615.385
0.16
10 MHz
19200
5
6.5
19230.769
0.16
20 MHz
19200
5
13
19230.769
0.16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com