Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC87591L Datasheet(PDF) 179 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591L
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591L Datasheet(HTML) 179 Page - National Semiconductor (TI)

Back Button PC87591L Datasheet HTML 175Page - National Semiconductor (TI) PC87591L Datasheet HTML 176Page - National Semiconductor (TI) PC87591L Datasheet HTML 177Page - National Semiconductor (TI) PC87591L Datasheet HTML 178Page - National Semiconductor (TI) PC87591L Datasheet HTML 179Page - National Semiconductor (TI) PC87591L Datasheet HTML 180Page - National Semiconductor (TI) PC87591L Datasheet HTML 181Page - National Semiconductor (TI) PC87591L Datasheet HTML 182Page - National Semiconductor (TI) PC87591L Datasheet HTML 183Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 179 / 437 page
background image
Embedded Controller Modules (Continued)
Revision 1.07
179
www.national.com
ADC Configuration Register (ADCCNF)
This register controls the operation and global configuration of the ADC module. ADCCNF is cleared (0016) on reset.
Location: 00 FF2216
Type: R/W
ADC Clock Control Register (ACLKCTL)
This register controls the system clock to ADC clock division. ACLKCTL is set to 3F16 on reset.
Location: 00 FF2416
Type: R/W
Bit
76543210
Name
Reserved
INTOSEN
INTOTEN
INTECEN
REMDEN
ADCEN
Reset
00000000
Bit
Description
0
ADCEN (ADC Module Enable). Controls the operation of the ADC to minimize power consumption and prevent
glitch effects during configuration changes; see “Enabling and Disabling the ADC” on page 174.
0: ADC disabled (default)
1: ADC enabled
1
REMDEN (Remote Temperature Diode Enable). Controls the utilization of the package pins for either the
remote diode (DP, DN) or the AI8 and AI9 voltage inputs (AD8, AD9).
0: AI8, AI9 voltage inputs enabled (default) - forces RDMEASEN in TCHANCTL register to 0; only the local diode
is measured by the temperature channel.
1: Remote diode enabled - if RDMEASEN in TCHANCTL register is set, the temperature channel measures both
the remote and the local diodes in successive cycles.
2
INTECEN (Interrupt from End-of-Cycle Event Enable). Enables generation of an ADC interrupt on an End-of
ADC-cycle event (EOCEV in ADCSTS register).
0: Disabled (default)
1: Enabled - ADC Interrupt from EOCEV
3
INTOTEN (Interrupt from Overtemperature Event Enable). Enables generation of an ADC interrupt on an
Overtemperature event (OTSEV in ADCSTS register).
0: Disabled (default)
1: Enabled - ADC Interrupt from OTSEV
4
INTOSEN (Interrupt from Open/Short Event Enable). Enables generation of an ADC interrupt on an
Open/Short event (OPSHEV in ADCSTS register).
0: Disabled (default)
1: Enabled - ADC Interrupt from OPSHEV
7-5
Reserved.
Bit
76543210
Name
Reserved
SCLKDIV
Reset
00111111
Bit
Description
5-0
SCLKDIV (System Clock Division Factor). Used to divide the system clock in order to obtain the ADC clock.
The system clock frequency is set separately (see Figure 78 on page 239). The resulting ADC clock frequency
should be equal to 0.5 MHz.
Range: 4 to 63 (default is 63, decimal values); values 0 to 3 are illegal and may result in undetermined ADC behavior.
7-6
Reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com