| Electronic Components Datasheet Search |
|
ST72561 Datasheet(PDF) 139 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST72561 Datasheet(HTML) 139 Page - STMicroelectronics |
|
139 / 262 page ![]() ST72561 139/262 LIN SCI SERIAL COMMUNICATION INTERFACE (LIN Mode) 10.7.9 LIN Mode - Functional Description. The block diagram of the Serial Control Interface, in LIN slave mode is shown in Figure 81. It uses 6 registers: – Three control registers: SCICR1, SCICR2 and SCICR3 – Two status registers: the SCISR register and the LHLR register mapped at the SCIERPR address – A baud rate register: LPR mapped at the SCI- BRR address and an associated fraction register LPFR mapped at the SCIETPR address The bits dedicated to LIN are located in the SCICR3. Refer to the register descriptions in Sec- tion 10.7.10for the definitions of each bit. 10.7.9.1 Entering LIN Mode To use the LINSCI in LIN mode the following con- figuration must be set in SCICR3 register: – Clear the M bit to configure 8-bit word length. – Set the LINE bit. Master To enter master mode the LSLV bit must be reset In this case, setting the SBK bit will send 13 low bits. Then the baud rate can programmed using the SCIBRR, SCIERPR and SCIETPR registers. In LIN master mode, the Conventional and / or Ex- tended Prescaler define the baud rate (as in stand- ard SCI mode) Slave Set the LSLV bit in the SCICR3 register to enter LIN slave mode. In this case, setting the SBK bit will have no effect. In LIN Slave mode the LIN baud rate generator is selected instead of the Conventional or Extended Prescaler. The LIN baud rate generator is com- mon to the transmitter and the receiver. Then the baud rate can be programmed using LPR and LPRF registers. Note: It is mandatory to set the LIN configuration first before programming LPR and LPRF, because the LIN configuration uses a different baud rate generator from the standard one. 10.7.9.2 LIN Transmission In LIN mode the same procedure as in SCI mode has to be applied for a LIN transmission. To transmit the LIN Header the proceed as fol- lows: – First set the SBK bit in the SCICR2 register to start transmitting a 13-bit LIN Synch Break – reset the SBK bit – Load the LIN Synch Field (0x55) in the SCIDR register to request Synch Field transmission – Wait until the SCIDR is empty (TDRE bit set in the SCISR register) – Load the LIN message Identifier in the SCIDR register to request Identifier transmission. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |