Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE42664G Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # TLE42664G
Description  Low Dropout Fixed Voltage Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE42664G Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button TLE42664G Datasheet HTML 6Page - Infineon Technologies AG TLE42664G Datasheet HTML 7Page - Infineon Technologies AG TLE42664G Datasheet HTML 8Page - Infineon Technologies AG TLE42664G Datasheet HTML 9Page - Infineon Technologies AG TLE42664G Datasheet HTML 10Page - Infineon Technologies AG TLE42664G Datasheet HTML 11Page - Infineon Technologies AG TLE42664G Datasheet HTML 12Page - Infineon Technologies AG TLE42664G Datasheet HTML 13Page - Infineon Technologies AG TLE42664G Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Data Sheet
10
Rev. 1.1, 2014-07-03
TLE42664
Application Information
6
Application Information
Note: The following information is given as a hint for the implementation of the device only and shall not be
regarded as a description or warranty of a certain functionality, condition or quality of the device.
6.1
Application Diagram
Figure 3
Application Diagram
6.2
Selection of External Components
6.2.1
Input Pin
The typical input circuitry for a linear voltage regulator is shown in the application diagram above.
A ceramic capacitor at the input, in the range of 100 nF to 470 nF, is recommended to filter out the high frequency
disturbances imposed by the line e.g. ISO pulses 3a/b. This capacitor must be placed very close to the input pin
of the linear voltage regulator on the PCB.
An aluminum electrolytic capacitor in the range of 10 µF to 470 µF is recommended as an input buffer to smooth
out high energy pulses, such as ISO pulse 2a. This capacitor should be placed close to the input pin of the linear
voltage regulator on the PCB.
An overvoltage suppressor diode can be used to further suppress any high voltage beyond the maximum rating
of the linear voltage regulator and protect the device against any damage due to over-voltage.
The external components at the input are not mandatory for the operation of the voltage regulator, but they are
recommended in case of possible external disturbances.
6.2.2
Output Pin
An output capacitor is mandatory for the stability of linear voltage regulators.
The requirement to the output capacitor is given in “Functional Range” on Page 5. The graph “Region Of
Stability: Output Capacitor’s ESR ESR(CQ) versus Output Current IQ” on Page 9 shows the stable operation
range of the device.
Supply
100nF
10µF
CI1
CI2
Regulated
Output Voltage
IQ
CQ
<45V
DI
Load
(e.g.
Micro
Controller)
GND
II
10µF
(ESR<2Ω)
Bandgap
Reference
GND
Q
I
Temperature
Shutdown
EN
Enable
Current
Limitation
E.g.
Ignition


Similar Part No. - TLE42664G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE42664G INFINEON-TLE42664G Datasheet
286Kb / 12P
Low Dropout Fixed Voltage Regulator
Rev. 1.01, Sep 2009
More results

Similar Description - TLE42664G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE42664 INFINEON-TLE42664 Datasheet
286Kb / 12P
Low Dropout Fixed Voltage Regulator
Rev. 1.01, Sep 2009
TLE42644 INFINEON-TLE42644 Datasheet
262Kb / 12P
Low Dropout Fixed Voltage Regulator
Rev. 1.01, Sep 2009
TLE42694 INFINEON-TLE42694 Datasheet
993Kb / 29P
Low Dropout Fixed Voltage Regulator
Rev. 1.1, October 2008
TLE42794 INFINEON-TLE42794 Datasheet
548Kb / 28P
Low Dropout Fixed Voltage Regulator
Rev. 1.1, October 2008
TLE42994 INFINEON-TLE42994 Datasheet
543Kb / 30P
Low Dropout Fixed Voltage Regulator
Rev. 1.1, 2009-05-19
TLE42694 INFINEON-TLE42694_10 Datasheet
756Kb / 29P
Low Dropout Fixed Voltage Regulator
Rev. 1.2, November 2010
TLE42994V33 INFINEON-TLE42994V33 Datasheet
1Mb / 25P
Low Dropout Fixed Voltage Regulator
Rev. 1.01, 2010-10-14
TLF80511EJ INFINEON-TLF80511EJ_15 Datasheet
1Mb / 20P
Low Dropout Linear Fixed Voltage Regulator
Rev. 1.0, 2014-11-17
TLE42694 INFINEON-TLE42694_14 Datasheet
1Mb / 33P
Low Dropout Fixed Voltage Regulator
TLE42694-2 INFINEON-TLE42694-2 Datasheet
1Mb / 20P
Low Dropout Fixed Voltage Regulator
Rev. 1.0, 2012-07-03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com