Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE42664G Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # TLE42664G
Description  Low Dropout Fixed Voltage Regulator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE42664G Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button TLE42664G Datasheet HTML 7Page - Infineon Technologies AG TLE42664G Datasheet HTML 8Page - Infineon Technologies AG TLE42664G Datasheet HTML 9Page - Infineon Technologies AG TLE42664G Datasheet HTML 10Page - Infineon Technologies AG TLE42664G Datasheet HTML 11Page - Infineon Technologies AG TLE42664G Datasheet HTML 12Page - Infineon Technologies AG TLE42664G Datasheet HTML 13Page - Infineon Technologies AG TLE42664G Datasheet HTML 14Page - Infineon Technologies AG TLE42664G Datasheet HTML 15Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
TLE42664
Application Information
Data Sheet
11
Rev. 1.1, 2014-07-03
TLE42664 is designed to be stable with extremely low ESR capacitors. According to the automotive environment,
ceramic capacitors with X5R or X7R dielectrics are recommended.
The output capacitor should be placed as close as possible to the regulator’s output and GND pins and on the
same side of the PCB as the regulator itself.
In case of rapid transients of input voltage or load current, the capacitance should be dimensioned in accordance
and verified in the real application that the output stability requirements are fulfilled.
6.3
Thermal Considerations
Knowing the input voltage, the output voltage and the load profile of the application, the total power dissipation
can be calculated:
(1)
with
P
D: continuous power dissipation
V
I: input voltage
V
Q: output voltage
I
Q: output current
I
q: quiescent current
The maximum acceptable thermal resistance
R
thJA can then be calculated:
(2)
with
T
j,max: maximum allowed junction temperature
T
a: ambient temperature
Based on the above calculation the proper PCB type and the necessary heat sink area can be determined with
reference to the specification in “Thermal Resistance” on Page 6.
Example
Application conditions:
V
I = 13.5 V
V
Q = 5 V
I
Q = 50 mA
T
a = 105 °C
Calculation of
R
thJA,max:
P
D =(VI VQ) • IQ + VI Iq
= (13.5 V – 5 V) • 50 mA + 13.5 V • 4 mA
= 0.425 W + 0.054 W
=0.479 W
PD
VI VQ
() I
Q
VI Iq
×
+
×
=
RthJA max
,
Tjmax
,
Ta
PD
----------------------------
=


Similar Part No. - TLE42664G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE42664G INFINEON-TLE42664G Datasheet
286Kb / 12P
   Low Dropout Fixed Voltage Regulator
Rev. 1.01, Sep 2009
More results

Similar Description - TLE42664G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE42644 INFINEON-TLE42644 Datasheet
262Kb / 12P
   Low Dropout Fixed Voltage Regulator
Rev. 1.01, Sep 2009
TLE42994V33 INFINEON-TLE42994V33 Datasheet
1Mb / 25P
   Low Dropout Fixed Voltage Regulator
Rev. 1.01, 2010-10-14
TLE42794 INFINEON-TLE42794 Datasheet
548Kb / 28P
   Low Dropout Fixed Voltage Regulator
Rev. 1.1, October 2008
TLE42694 INFINEON-TLE42694_10 Datasheet
756Kb / 29P
   Low Dropout Fixed Voltage Regulator
Rev. 1.2, November 2010
TLE42694 INFINEON-TLE42694_14 Datasheet
1Mb / 33P
   Low Dropout Fixed Voltage Regulator
TLE42994 INFINEON-TLE42994 Datasheet
543Kb / 30P
   Low Dropout Fixed Voltage Regulator
Rev. 1.1, 2009-05-19
TLE42664 INFINEON-TLE42664 Datasheet
286Kb / 12P
   Low Dropout Fixed Voltage Regulator
Rev. 1.01, Sep 2009
TLE42694 INFINEON-TLE42694 Datasheet
993Kb / 29P
   Low Dropout Fixed Voltage Regulator
Rev. 1.1, October 2008
TLE42694-2 INFINEON-TLE42694-2 Datasheet
1Mb / 20P
   Low Dropout Fixed Voltage Regulator
Rev. 1.0, 2012-07-03
TLF80511EJ INFINEON-TLF80511EJ_15 Datasheet
1Mb / 20P
   Low Dropout Linear Fixed Voltage Regulator
Rev. 1.0, 2014-11-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com