Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE42664G Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # TLE42664G
Description  Low Dropout Fixed Voltage Regulator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE42664G Datasheet(HTML) 2 Page - Infineon Technologies AG

  TLE42664G Datasheet HTML 1Page - Infineon Technologies AG TLE42664G Datasheet HTML 2Page - Infineon Technologies AG TLE42664G Datasheet HTML 3Page - Infineon Technologies AG TLE42664G Datasheet HTML 4Page - Infineon Technologies AG TLE42664G Datasheet HTML 5Page - Infineon Technologies AG TLE42664G Datasheet HTML 6Page - Infineon Technologies AG TLE42664G Datasheet HTML 7Page - Infineon Technologies AG TLE42664G Datasheet HTML 8Page - Infineon Technologies AG TLE42664G Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
PG-SOT223-4
Type
Package
Marking
TLE42664G
PG-SOT223-4
42664
Data Sheet
2
Rev. 1.1, 2014-07-03
Low Dropout Fixed Voltage Regulator
TLE42664G
1Overview
Features
Output Voltage 5 V ± 2 % up to Output Currents of 50 mA
Output Voltage 5 V ± 3 % up to Output Currents 100 mA
Very Low Dropout Voltage
Very Low Current Consumption: typ. 40 µA
Enable Input
Output Current Limitation
Reverse Polarity Protection
Overtemperature Shutdown
Wide Temperature Range From -40 °C up to 150 °C
Suitable for Use in Automotive Electronics
Green Product (RoHS compliant)
AEC Qualified
Description
The TLE42664 is a monolithic integrated low dropout fixed voltage regulator for load currents up to 100 mA. It is
the 1-to-1 replacement product for the TLE4266-2. It is functional compatible to the TLE4266, but has a reduced
quiescent current of typ. 40 µA. The TLE42664 is especially designed for applications requiring very low standby
currents, e.g. with a permanent connection to the car’s battery. It can be disabled/enabled by the integrated EN
pin. The device is available in the small surface mounted PG-SOT223-4 package and is pin compatible to the
TLE4266-2 and the TLE4266. The device is designed for the harsh environment of automotive applications.
Therefore it is protected against overload, short circuit and overtemperature conditions by the implemented output
current limitation and the overtemperature shutdown circuit. The TLE42664 can be also used in all other
applications requiring a stabilized 5 V voltage.
An input voltage up to 45 V is regulated to
V
Q,nom = 5 V with a precision of ±3 %. An accuracy of ±2 % is kept for
load currents up to 50 mA. A logical “HIGH” at the ENABLE pin enables the device.


Similar Part No. - TLE42664G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE42664G INFINEON-TLE42664G Datasheet
286Kb / 12P
   Low Dropout Fixed Voltage Regulator
Rev. 1.01, Sep 2009
More results

Similar Description - TLE42664G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE42644 INFINEON-TLE42644 Datasheet
262Kb / 12P
   Low Dropout Fixed Voltage Regulator
Rev. 1.01, Sep 2009
TLE42994V33 INFINEON-TLE42994V33 Datasheet
1Mb / 25P
   Low Dropout Fixed Voltage Regulator
Rev. 1.01, 2010-10-14
TLE42794 INFINEON-TLE42794 Datasheet
548Kb / 28P
   Low Dropout Fixed Voltage Regulator
Rev. 1.1, October 2008
TLE42694 INFINEON-TLE42694_10 Datasheet
756Kb / 29P
   Low Dropout Fixed Voltage Regulator
Rev. 1.2, November 2010
TLE42694 INFINEON-TLE42694_14 Datasheet
1Mb / 33P
   Low Dropout Fixed Voltage Regulator
TLE42994 INFINEON-TLE42994 Datasheet
543Kb / 30P
   Low Dropout Fixed Voltage Regulator
Rev. 1.1, 2009-05-19
TLE42664 INFINEON-TLE42664 Datasheet
286Kb / 12P
   Low Dropout Fixed Voltage Regulator
Rev. 1.01, Sep 2009
TLE42694 INFINEON-TLE42694 Datasheet
993Kb / 29P
   Low Dropout Fixed Voltage Regulator
Rev. 1.1, October 2008
TLE42694-2 INFINEON-TLE42694-2 Datasheet
1Mb / 20P
   Low Dropout Fixed Voltage Regulator
Rev. 1.0, 2012-07-03
TLF80511EJ INFINEON-TLF80511EJ_15 Datasheet
1Mb / 20P
   Low Dropout Linear Fixed Voltage Regulator
Rev. 1.0, 2014-11-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com