Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM12L458 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM12L458
Description  12-Bit Sign Data Acquisition System with Self-Calibration
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM12L458 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM12L458 Datasheet HTML 1Page - National Semiconductor (TI) LM12L458 Datasheet HTML 2Page - National Semiconductor (TI) LM12L458 Datasheet HTML 3Page - National Semiconductor (TI) LM12L458 Datasheet HTML 4Page - National Semiconductor (TI) LM12L458 Datasheet HTML 5Page - National Semiconductor (TI) LM12L458 Datasheet HTML 6Page - National Semiconductor (TI) LM12L458 Datasheet HTML 7Page - National Semiconductor (TI) LM12L458 Datasheet HTML 8Page - National Semiconductor (TI) LM12L458 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
LM12L458
12-Bit + Sign Data Acquisition System with
Self-Calibration
General Description
The LM12L458 is a highly integrated 3.3V Data Acquisition
System. It combines a fully-differential self-calibrating (cor-
recting linearity and zero errors) 13-bit (12-bit + sign)
analog-to-digital converter (ADC) and sample-and-hold
(S/H) with extensive analog functions and digital functional-
ity. Up to 32 consecutive conversions, using two’s comple-
ment format, can be stored in an internal 32-word (16-bit
wide) FIFO data buffer. An internal 8-word RAM can store
the conversion sequence for up to eight acquisitions through
the LM12L458’s eight-input multiplexer. The LM12L458 can
also operate with 8-bit + sign resolution and in a supervisory
“watchdog” mode that compares an input signal against two
programmable limits. Programmable acquisition times and
conversion rates are possible through the use of internal
clock-driven timers.
All registers, RAM, and FIFO are directly addressable
through the high speed microprocessor interface to either an
8-bit or 16-bit databus. The LM12L458 includes a direct
memory access (DMA) interface for high-speed conversion
data transfer.
Applications
n Data Logging
n Process Control
n Energy Management
n Medical Instrumentation
Key Specifications
(f
CLK = 6 MHz)
n Resolution
12-bit + sign or 8-bit + sign
n 13-bit conversion time
7.3 µs
n 9-bit conversion time
3.5 µs
n 13-bit Through-put rate
106k samples/s (min)
n Comparison time (“watchdog” mode)
1.8 µs (max)
n ILE
±1 LSB (max)
n VIN range
GND to V
A
+
n Power dissipation
15 mW (max)
n Stand-by mode
5 µW (typ)
n Single supply
3V to 5.5V
Features
n Three operating modes: 12-bit + sign, 8-bit + sign, and
“watchdog”
n Single-ended or differential inputs
n Built-in Sample-and-Hold
n Instruction RAM and event sequencer
n 8-channel multiplexer
n 32-word conversion FIFO
n Programmable acquisition times and conversion rates
n Self-calibration and diagnostic mode
n 8- or 16-bit wide databus microprocessor or DSP
interface
n CMOS compatible I/O
TRI-STATE® is a registered trademark of National Semiconductor Corporation.
AT® is a registered trademark of International Business Machines Corporation.
July 1999
© 1999 National Semiconductor Corporation
DS011711
www.national.com


Similar Part No. - LM12L458

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM12L458 NSC-LM12L458 Datasheet
884Kb / 29P
12-Bit Sign Data Acquisition System with Self-Calibration
logo
Texas Instruments
LM12L458 TI1-LM12L458 Datasheet
803Kb / 38P
12-Bit Sign Data Acquisition System with Self-Calibration
logo
National Semiconductor ...
LM12L458CIV NSC-LM12L458CIV Datasheet
884Kb / 29P
12-Bit Sign Data Acquisition System with Self-Calibration
logo
Texas Instruments
LM12L458CIV TI1-LM12L458CIV Datasheet
803Kb / 38P
12-Bit Sign Data Acquisition System with Self-Calibration
LM12L458CIV/NOPB TI1-LM12L458CIV/NOPB Datasheet
803Kb / 38P
12-Bit Sign Data Acquisition System with Self-Calibration
More results

Similar Description - LM12L458

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM12454 NSC-LM12454 Datasheet
991Kb / 43P
12-Bit Sign Data Acquisition System with Self-Calibration
logo
Sipex Corporation
SP8121 SIPEX-SP8121 Datasheet
168Kb / 13P
Monolithic, 12-Bit Data Acquisition System
logo
Micro Linear Corporatio...
ML2200 MICRO-LINEAR-ML2200 Datasheet
1Mb / 28P
12-Bit Plus Sign Data Acquisition Peripheral
logo
National Semiconductor ...
LM12434 NSC-LM12434 Datasheet
1Mb / 80P
Sign Data Acquisition System with Serial I/O and Self-Calibration
logo
Sipex Corporation
SP8481 SIPEX-SP8481 Datasheet
208Kb / 12P
Monolithic, 12-Bit Data Acquisition System
logo
National Semiconductor ...
LM12L458 NSC-LM12L458_06 Datasheet
884Kb / 29P
12-Bit Sign Data Acquisition System with Self-Calibration
LM12454 NSC-LM12454_06 Datasheet
1Mb / 36P
12-Bit Sign Data Acquisition System with Self-Calibration
logo
Texas Instruments
LM12454 TI1-LM12454_14 Datasheet
1Mb / 45P
LM12454/LM12458/LM12H458 12-Bit Sign Data Acquisition System with Self-Calibration
LM12L458 TI1-LM12L458_16 Datasheet
803Kb / 38P
12-Bit Sign Data Acquisition System with Self-Calibration
LM12454 TI1-LM12454 Datasheet
1Mb / 43P
12-Bit Sign Data Acquisition System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com