Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM12L458 Datasheet(PDF) 17 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM12L458
Description  12-Bit Sign Data Acquisition System with Self-Calibration
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM12L458 Datasheet(HTML) 17 Page - National Semiconductor (TI)

Back Button LM12L458 Datasheet HTML 13Page - National Semiconductor (TI) LM12L458 Datasheet HTML 14Page - National Semiconductor (TI) LM12L458 Datasheet HTML 15Page - National Semiconductor (TI) LM12L458 Datasheet HTML 16Page - National Semiconductor (TI) LM12L458 Datasheet HTML 17Page - National Semiconductor (TI) LM12L458 Datasheet HTML 18Page - National Semiconductor (TI) LM12L458 Datasheet HTML 19Page - National Semiconductor (TI) LM12L458 Datasheet HTML 20Page - National Semiconductor (TI) LM12L458 Datasheet HTML 21Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 36 page
background image
Pin Description
V
A+, VD+
Analog and digital supply voltage pins. The
LM12L458’s supply voltage operating range is
+3.0V to +5.5V. Accuracy is guaranteed only if
V
A+ and VD+ are connected to the same power
supply. Each pin should have a parallel combi-
nation of 10 µF (electrolytic or tantalum) and
0.1 µF (ceramic) bypass capacitors connected
between it and ground.
D0–D15
The internal data input/output TRI-STATE buff-
ers are connected to these pins. These buffers
are designed to drive capacitive loads of 100 pF
or less. External buffers are necessary for driv-
ing higher load capacitances. These pins allows
the user a means of instruction input and data
output. With a logic high applied to the BW pin,
data lines D8–D15 are placed in a high imped-
ance state and data lines D0–D7 are used for in-
struction input and data output when the
LM12L458 is connected to an 8-bit wide data
bus. A logic low on the BW pin allows the
LM12L458 to exchange information over a 16-bit
wide data bus.
RD
Input for the active low READ bus control signal.
The data input/output TRI-STATE buffers, as se-
lected by the logic signal applied to the BW pin,
are enabled when RD and CS are both low. This
allows the LM12L458 to transmit information
onto the databus.
WR
Input for the active low WRITE bus control sig-
nal. The data input/output TRI-STATE buffers, as
selected by the logic signal applied to the BW
pin, are enabled when WR and CS are both low.
This allows the LM12L458 to receive information
from the databus.
CS
Input for the active low Chip Select control sig-
nal. A logic low should be applied to this pin only
during a READ or WRITE access to the
LM12L458. The internal clocking is halted and
conversion stops while Chip Select is low. Con-
version resumes when the Chip Select input sig-
nal returns high.
ALE
Address Latch Enable input. It is used in sys-
tems containing a multiplexed databus. When
ALE is asserted high, the LM12L458 accepts in-
formation on the databus as a valid address. A
high-to-low transition will latch the address data
on A0–A4 and the logic state on the CS input.
Any changes on A0–A4 and CS while ALE is low
will not affect the LM12L458. See
Figure 10.
When a non-multiplexed bus is used, ALE is
continuously asserted high. See
Figure 11.
CLK
External clock input pin. The LM12L458 oper-
ates with an input clock frequency in the range of
0.05 MHz to 8 MHz.
A0–A4
The LM12L458’s address lines. They are used
to access all internal registers, Conversion
FIFO, and Instruction RAM.
SYNC
Synchronization input/output. When used as an
output, it is designed to drive capacitive loads of
100 pF or less. External buffers are necessary
for driving higher load capacitances. SYNC is an
input if the Configuration register’s “I/O Select”
bit is low. A rising edge on this pin causes the in-
ternal S/H to hold the input signal. The next ris-
ing clock edge either starts a conversion or
makes a comparison to a programmable limit
depending on which function is requested by a
programming instruction. This pin will be an out-
put if “I/O Select” is set high. The SYNC output
goes high when a conversion or a comparison is
started and low when completed. (See Section
2.2). An internal reset after power is first applied
to the LM12L458 automatically sets this pin as
an input.
BW
Bus Width input pin. This input allows the
LM12L458 to interface directly with either an 8-
or 16-bit databus. A logic high sets the width to 8
bits and places D8–D15 in a high impedance
state. A logic low sets the width to 16 bits.
INT
Active low interrupt output. This output is de-
signed to drive capacitive loads of 100 pF or
less. External buffers are necessary for driving
higher load capacitances. An interrupt signal is
generated any time a non-masked interrupt con-
dition takes place. There are eight different con-
ditions that can cause an interrupt. Any interrupt
is reset by reading the Interrupt Status register.
(See Section 2.3.)
DMARQ
Active high Direct Memory Access Request out-
put. This output is designed to drive capacitive
loads of 100 pF or less. External buffers are nec-
essary for driving higher load capacitances. It
goes high whenever the number of conversion
results in the conversion FIFO equals a pro-
grammable value stored in the Interrupt Enable
register. It returns to a logic low when the FIFO is
empty.
GND
Ground connection. It should be connected to a
low resistance and inductance analog ground re-
turn that connects directly to the system power
supply ground.
IN0–IN7
These are the eight analog inputs. A given chan-
nel is selected through the instruction RAM. Any
of the channels can be configured as an inde-
pendent single-ended input. Any pair of chan-
nels, whether adjacent or non-adjacent, can op-
erate as a fully differential pair.
V
REF−
This is the negative reference input. The
LM12L458 operates with 0V
≤ V
REF− ≤ VREF+.
This pin should be bypassed to ground with a
parallel combination of 10 µF and 0.1 µF (ce-
ramic) capacitors.
V
REF+
Positive reference input. The LM12L458 operate
with 0V
≤ V
REF+ ≤ VA+. This pin should be by-
passed to ground with a parallel combination of
10 µF and 0.1 µF (ceramic) capacitors.
N.C.
This is a no connect pin.
www.national.com
17


Similar Part No. - LM12L458

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM12L458 NSC-LM12L458 Datasheet
884Kb / 29P
12-Bit Sign Data Acquisition System with Self-Calibration
logo
Texas Instruments
LM12L458 TI1-LM12L458 Datasheet
803Kb / 38P
12-Bit Sign Data Acquisition System with Self-Calibration
logo
National Semiconductor ...
LM12L458CIV NSC-LM12L458CIV Datasheet
884Kb / 29P
12-Bit Sign Data Acquisition System with Self-Calibration
logo
Texas Instruments
LM12L458CIV TI1-LM12L458CIV Datasheet
803Kb / 38P
12-Bit Sign Data Acquisition System with Self-Calibration
LM12L458CIV/NOPB TI1-LM12L458CIV/NOPB Datasheet
803Kb / 38P
12-Bit Sign Data Acquisition System with Self-Calibration
More results

Similar Description - LM12L458

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM12454 NSC-LM12454 Datasheet
991Kb / 43P
12-Bit Sign Data Acquisition System with Self-Calibration
logo
Sipex Corporation
SP8121 SIPEX-SP8121 Datasheet
168Kb / 13P
Monolithic, 12-Bit Data Acquisition System
logo
Micro Linear Corporatio...
ML2200 MICRO-LINEAR-ML2200 Datasheet
1Mb / 28P
12-Bit Plus Sign Data Acquisition Peripheral
logo
National Semiconductor ...
LM12434 NSC-LM12434 Datasheet
1Mb / 80P
Sign Data Acquisition System with Serial I/O and Self-Calibration
logo
Sipex Corporation
SP8481 SIPEX-SP8481 Datasheet
208Kb / 12P
Monolithic, 12-Bit Data Acquisition System
logo
National Semiconductor ...
LM12L458 NSC-LM12L458_06 Datasheet
884Kb / 29P
12-Bit Sign Data Acquisition System with Self-Calibration
LM12454 NSC-LM12454_06 Datasheet
1Mb / 36P
12-Bit Sign Data Acquisition System with Self-Calibration
logo
Texas Instruments
LM12454 TI1-LM12454_14 Datasheet
1Mb / 45P
LM12454/LM12458/LM12H458 12-Bit Sign Data Acquisition System with Self-Calibration
LM12L458 TI1-LM12L458_16 Datasheet
803Kb / 38P
12-Bit Sign Data Acquisition System with Self-Calibration
LM12454 TI1-LM12454 Datasheet
1Mb / 43P
12-Bit Sign Data Acquisition System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com