Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM12L458 Datasheet(PDF) 23 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM12L458
Description  12-Bit Sign Data Acquisition System with Self-Calibration
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM12L458 Datasheet(HTML) 23 Page - National Semiconductor (TI)

Back Button LM12L458 Datasheet HTML 19Page - National Semiconductor (TI) LM12L458 Datasheet HTML 20Page - National Semiconductor (TI) LM12L458 Datasheet HTML 21Page - National Semiconductor (TI) LM12L458 Datasheet HTML 22Page - National Semiconductor (TI) LM12L458 Datasheet HTML 23Page - National Semiconductor (TI) LM12L458 Datasheet HTML 24Page - National Semiconductor (TI) LM12L458 Datasheet HTML 25Page - National Semiconductor (TI) LM12L458 Datasheet HTML 26Page - National Semiconductor (TI) LM12L458 Datasheet HTML 27Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 36 page
background image
2.0 Internal User-Programmable
Registers (Continued)
29 will go high at the start of a conversion or “watchdog”
comparison and remain high until either have finished. See
Instruction RAM “00”, Bit 8.
Bits 8 and 9 form the RAM Pointer that is used to select
each of a 48-bit instruction’s three 16-bit sections during
read or write actions. A “00” selects Instruction RAM section
one, “01” selects section two, and “10” selects section three.
Bit 10 activates the Test mode that is used only during pro-
duction testing. Leave this bit reset to “0”.
Bit 11 is the Diagnostic bit and is available only in the
LM12L458. It can be activated by setting it to a “1” (the Test
bit must be reset to a “0”). The Diagnostic mode, along with
a correctly chosen instruction, allows verification that the
LM12L458’s ADC is performing correctly. When activated,
the inverting and non-inverting inputs are connected as
shown in
Table 1. As an example, an instruction with “001”
for both V
IN+ and VIN− while using the Diagnostic mode typi-
cally results in a full-scale output.
2.3 INTERRUPTS
The LM12L458 has eight possible interrupts, all with the
same priority. Any of these interrupts will cause a hardware
interrupt to appear on the INT pin (31) if they are not masked
(by the Interrupt Enable register). The Interrupt Status regis-
ter is then read to determine which of the eight interrupts has
been issued.
TABLE 1. LM12L458 Input Multiplexer
Channel Configuration Showing Normal
Mode and Diagnostic Mode
Channel
Selection
Data
Normal
Diagnostic
Mode
Mode
V
IN+
V
IN−
V
IN+
V
IN−
000
IN0
GND
001
IN1
IN1
V
REF+
V
REF−
010
IN2
IN2
IN2
IN2
011
IN3
IN3
IN3
IN3
100
IN4
IN4
IN4
IN4
101
IN5
IN5
IN5
IN5
110
IN6
IN6
IN6
IN6
111
IN7
IN7
IN7
IN7
The Interrupt Status register, 1010 (A4–A1, BW = 0) or
1010x (A4–A0, BW = 1) must be cleared by reading it after
writing to the Interrupt Enable register. This removes any
spurious interrupts on the INT pin generated during an Inter-
rupt Enable register access.
Interrupt 0 is generated whenever the analog input voltage
on a selected multiplexer channel crosses a limit while the
LM12L458 are operating in the “watchdog” comparison
mode. Two sequential comparisons are made when the
LM12L458 are executing a “watchdog” instruction. Depend-
ing on the logic state of Bit 9 in the Instruction RAM’s second
and third sections, an interrupt will be generated either when
the input signal’s magnitude is greater than or less than the
programmable limits. (See the Instruction RAM, Bit 9 de-
scription.) The Limit Status register will indicate which pre-
programmed limit, #1or #2 and which instruction was ex-
ecuting when the limit was crossed.
Interrupt 1 is generated when the Sequencer reaches the
instruction counter value specified in the Interrupt Enable
register’s bits 8–10. This flag appears before the instruc-
tion’s execution.
Interrupt 2 is activated when the Conversion FIFO holds a
number of conversions equal to the programmable value
stored in the Interrupt Enable register’s Bits 11–15. This
value ranges from 0001 to 1111, representing 1 to 31 conver-
sions stored in the FIFO. A user-programmed value of 0000
has no meaning. See Section 3.0 for more FIFO information.
The completion of the short, single-sampled auto-zero cali-
bration generates Interrupt 3.
The
completion
of
a
full
auto-zero
and
linearity
self-calibration generates Interrupt 4.
Interrupt 5 is generated when the Sequencer encounters an
instruction that has its Pause bit (Bit 1 in Instruction RAM
“00”) set to “1”.
Interrupt 7 is issued after a short delay (10 ms typ) while the
LM12L458 returns from Standby mode to active operation
using the Configuration register’s Bit 4. This short delay al-
lows the internal analog circuitry to settle sufficiently, ensur-
ing accurate conversion results.
2.4 INTERRUPT ENABLE REGISTER
The Interrupt Enable register at address location 1001
(A4–A1, BW = 0) or 1001x (A4–A0, BW = 1) has READ/
WRITE capability. An individual interrupt’s ability to produce
an external interrupt at pin 31 (INT) is accomplished by plac-
ing a “1” in the appropriate bit location. Any of the internal
interrupt-producing operations will set their corresponding
bits to “1” in the Interrupt Status register regardless of the
state of the associated bit in the Interrupt Enable register.
See Section 2.3 for more information about each of the eight
internal interrupts.
Bit 0 enables an external interrupt when an internal “watch-
dog” comparison limit interrupt has taken place.
Bit 1 enables an external interrupt when the Sequencer has
reached the address stored in Bits 8–10 of the Interrupt En-
able register.
Bit 2 enables an external interrupt when the Conversion
FIFO’s limit, stored in Bits 11–15 of the Interrupt Enable reg-
ister, has been reached.
Bit 3 enables an external interrupt when the single-sampled
auto-zero calibration has been completed.
Bit 4 enables an external interrupt when a full auto-zero and
linearity self-calibration has been completed.
Bit 5 enables an external interrupt when an internal Pause
interrupt has been generated.
Bit 6 is a “Don’t Care”.
Bit 7 enables an external interrupt when the LM12L458 re-
turn from power-down to active mode.
Bits
8–10
form
the
storage
location
of
the
user-programmable value against which the Sequencer’s
address is compared. When the Sequencer reaches an ad-
dress that is equal to the value stored in Bits 8–10, an inter-
nal interrupt is generated and appears in Bit 1 of the Interrupt
Status register. If Bit 1 of the Interrupt Enable register is set
to “1”, an external interrupt will appear at pin 31 (INT).
The value stored in bits 8–10 ranges from 000 to 111, repre-
senting 0 to 7 instructions stored in the Instruction RAM. Af-
ter the Instruction RAM has been programmed and the RE-
SET bit is set to “1”, the Sequencer is started by placing a “1”
in the Configuration register’s START bit. Setting the INT 1
trigger value to 000 does not generate an INT 1 the first
www.national.com
23


Similar Part No. - LM12L458

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM12L458 NSC-LM12L458 Datasheet
884Kb / 29P
12-Bit Sign Data Acquisition System with Self-Calibration
logo
Texas Instruments
LM12L458 TI1-LM12L458 Datasheet
803Kb / 38P
12-Bit Sign Data Acquisition System with Self-Calibration
logo
National Semiconductor ...
LM12L458CIV NSC-LM12L458CIV Datasheet
884Kb / 29P
12-Bit Sign Data Acquisition System with Self-Calibration
logo
Texas Instruments
LM12L458CIV TI1-LM12L458CIV Datasheet
803Kb / 38P
12-Bit Sign Data Acquisition System with Self-Calibration
LM12L458CIV/NOPB TI1-LM12L458CIV/NOPB Datasheet
803Kb / 38P
12-Bit Sign Data Acquisition System with Self-Calibration
More results

Similar Description - LM12L458

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM12454 NSC-LM12454 Datasheet
991Kb / 43P
12-Bit Sign Data Acquisition System with Self-Calibration
logo
Sipex Corporation
SP8121 SIPEX-SP8121 Datasheet
168Kb / 13P
Monolithic, 12-Bit Data Acquisition System
logo
Micro Linear Corporatio...
ML2200 MICRO-LINEAR-ML2200 Datasheet
1Mb / 28P
12-Bit Plus Sign Data Acquisition Peripheral
logo
National Semiconductor ...
LM12434 NSC-LM12434 Datasheet
1Mb / 80P
Sign Data Acquisition System with Serial I/O and Self-Calibration
logo
Sipex Corporation
SP8481 SIPEX-SP8481 Datasheet
208Kb / 12P
Monolithic, 12-Bit Data Acquisition System
logo
National Semiconductor ...
LM12L458 NSC-LM12L458_06 Datasheet
884Kb / 29P
12-Bit Sign Data Acquisition System with Self-Calibration
LM12454 NSC-LM12454_06 Datasheet
1Mb / 36P
12-Bit Sign Data Acquisition System with Self-Calibration
logo
Texas Instruments
LM12454 TI1-LM12454_14 Datasheet
1Mb / 45P
LM12454/LM12458/LM12H458 12-Bit Sign Data Acquisition System with Self-Calibration
LM12L458 TI1-LM12L458_16 Datasheet
803Kb / 38P
12-Bit Sign Data Acquisition System with Self-Calibration
LM12454 TI1-LM12454 Datasheet
1Mb / 43P
12-Bit Sign Data Acquisition System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com