Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST7MC1 Datasheet(PDF) 259 Page - STMicroelectronics

Part # ST7MC1
Description  8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, BRUSHLESS MOTOR CONTROL, FIVE TIMERS, SPI, LINSCI
PDF  308 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC1 Datasheet(HTML) 259 Page - STMicroelectronics

Back Button ST7MC1 Datasheet HTML 255Page - STMicroelectronics ST7MC1 Datasheet HTML 256Page - STMicroelectronics ST7MC1 Datasheet HTML 257Page - STMicroelectronics ST7MC1 Datasheet HTML 258Page - STMicroelectronics ST7MC1 Datasheet HTML 259Page - STMicroelectronics ST7MC1 Datasheet HTML 260Page - STMicroelectronics ST7MC1 Datasheet HTML 261Page - STMicroelectronics ST7MC1 Datasheet HTML 262Page - STMicroelectronics ST7MC1 Datasheet HTML 263Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 259 / 308 page
background image
ST7MC1/ST7MC2
259/308
12.6 MEMORY CHARACTERISTICS
12.6.1 RAM and Hardware Registers
12.6.2 FLASH Memory
Notes:
1. Minimum VDD supply voltage without losing data stored in RAM (in HALT mode or under RESET) or in hardware reg-
isters (only in HALT mode). Not tested in production.
2. Data based on characterization results, not tested in production.
3. VPP must be applied only during the programming or erasing operation and not permanently for reliability reasons.
4. Data based on simulation results, not tested in production
5. In Write/Erase mode the IDD supply current consumption is the same as in Run mode (section 12.4.1 on page 251)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VRM
Data retention mode 1)
HALT mode (or RESET)
1.6
V
DUAL VOLTAGE HDFLASH MEMORY
Symbol
Parameter
Conditions
Min 2)
Typ
Max 2)
Unit
fCPU
Operating frequency
Read mode
0
8
MHz
Write / Erase mode
1
8
VPP
Programming voltage 3)
4.5V
V
DD 5.5V
11.4
12.6
V
IPP
VPP current
4) 5)
Read (VPP=12V)
200
µA
Write / Erase
30
mA
tVPP
Internal VPP stabilization time
10
µs
tRET
Data retention
TA=85°C
40
years
TA=105°C
25
TA=125°C
10
NRW
Write erase cycles
TA=25°C
100
cycles
TPROG
TERASE
Programming or erasing tempera-
ture range
-40
25
85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com