Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST7MC1 Datasheet(PDF) 280 Page - STMicroelectronics

Part # ST7MC1
Description  8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, BRUSHLESS MOTOR CONTROL, FIVE TIMERS, SPI, LINSCI
PDF  308 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC1 Datasheet(HTML) 280 Page - STMicroelectronics

Back Button ST7MC1 Datasheet HTML 276Page - STMicroelectronics ST7MC1 Datasheet HTML 277Page - STMicroelectronics ST7MC1 Datasheet HTML 278Page - STMicroelectronics ST7MC1 Datasheet HTML 279Page - STMicroelectronics ST7MC1 Datasheet HTML 280Page - STMicroelectronics ST7MC1 Datasheet HTML 281Page - STMicroelectronics ST7MC1 Datasheet HTML 282Page - STMicroelectronics ST7MC1 Datasheet HTML 283Page - STMicroelectronics ST7MC1 Datasheet HTML 284Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 280 / 308 page
background image
ST7MC1/ST7MC2
280/308
12.14 10-BIT ADC CHARACTERISTICS
Subject to general operating conditions for VDD, fOSC, and TA unless otherwise specified.
Figure 157. RAIN max. vs fADC with CAIN=0pF
3)
Figure 158. Recommended CAIN & RAIN values.
4)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VAREF
Analog Reference Voltage
3
VDD
V
fADC
ADC clock frequency
4
MHz
VAIN
Conversion voltage range 1)
VSSA
VAREF
V
Ilkg
Positive input leakage current for
analog input
±1
µA
Negative input leakage current on
analog pins
VIN<VSS, | IIN |< 400µA on
adjacent analog pin
56
µA
RAIN
External input impedance
see
Figure
157 and
Figure
158 2)3)4)
k
CAIN
External capacitor on analog input
pF
fAIN
Variation freq. of analog input signal
Hz
CADC
Internal sample and hold capacitor
6
pF
tADC
Conversion time (Sample+Hold)
fCPU=8MHz, fADC=4MHz,
ADSTS bit in MCCBCR
register = 0
3.5
µs
- Sample capacitor loading time
- Hold conversion time
4
10
1/fADC
Conversion time (Sample+Hold)
fCPU=8MHz, fADC=4MHz,
ADSTS bit in MCCBCR
register = 1
6.5
µs
- Sample capacitor loading time
- Hold conversion time
16
10
1/fADC
RAREF
Analog Reference Input Resistor
11
k
0
5
10
15
20
25
30
35
40
45
010
30
70
CPARASITIC (pF)
2 MHz
1 MHz
0.1
1
10
100
1000
0.01
0.1
1
10
fAIN(KHz)
Cain 10 nF
Cain 22 nF
Cain 47 nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com