Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST7MC2 Datasheet(PDF) 176 Page - STMicroelectronics

Part # ST7MC2
Description  8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, BRUSHLESS MOTOR CONTROL, FIVE TIMERS, SPI, LINSCI
PDF  308 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC2 Datasheet(HTML) 176 Page - STMicroelectronics

Back Button ST7MC2 Datasheet HTML 172Page - STMicroelectronics ST7MC2 Datasheet HTML 173Page - STMicroelectronics ST7MC2 Datasheet HTML 174Page - STMicroelectronics ST7MC2 Datasheet HTML 175Page - STMicroelectronics ST7MC2 Datasheet HTML 176Page - STMicroelectronics ST7MC2 Datasheet HTML 177Page - STMicroelectronics ST7MC2 Datasheet HTML 178Page - STMicroelectronics ST7MC2 Datasheet HTML 179Page - STMicroelectronics ST7MC2 Datasheet HTML 180Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 176 / 308 page
background image
ST7MC1/ST7MC2
176/308
MOTOR CONTROLLER (Cont’d)
Figure 96. Simulated commutation event generation with only 1 Hall effect sensor (SC bit =1)
Note: If the SC bit is set during Z event interrupt,
then the 8*8 bit hardware multiplication result must
be overwritten in the MCOMP register. Otherwise,
when the SC bit is set, the result of the multiplica-
tion is not taken into account after a Z event.
Figure 97. Simulated commutation and Z event
CH
CH
Z
CS
Z
Z
CS
D
C interrupt
SC set in MCRC
After C interrupt
MCOMP is written for Cs event
if MCOMP<=MTIM
Immediate CS generation
CS
CS
D
C interrupt
SC reset in MCRB
Next C event = CH with 8*8 bit multiplication
Z zero-crossing event
D Demagnetisation event
CH Hardware commutation
CS Simulated commutation
t
Cs
CH
Z
Z
Z
D
SC bit is reset
D
Z zero-crossing event
D Demagnetisation event
CH Hardware commutation
CS Simulated commutation
MCOMP
register
the result of the
hardware multiplication is put
in MCOMP-->CH and compared
SC bit is set during Z IT
the hardware multiplication is taken
into account but the value in MCOMP
can be overwritten
Cs
Z
D
SC bit is already set when Z IT
occurs. The hardware multipli-
-cation is not taken into account
A value has to be written
in the MCOMP register
t
with MTIM once written
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com