Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM12L458CIV Datasheet(PDF) 28 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM12L458CIV
Description  12-Bit Sign Data Acquisition System with Self-Calibration
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM12L458CIV Datasheet(HTML) 28 Page - National Semiconductor (TI)

Back Button LM12L458CIV Datasheet HTML 24Page - National Semiconductor (TI) LM12L458CIV Datasheet HTML 25Page - National Semiconductor (TI) LM12L458CIV Datasheet HTML 26Page - National Semiconductor (TI) LM12L458CIV Datasheet HTML 27Page - National Semiconductor (TI) LM12L458CIV Datasheet HTML 28Page - National Semiconductor (TI) LM12L458CIV Datasheet HTML 29Page - National Semiconductor (TI) LM12L458CIV Datasheet HTML 30Page - National Semiconductor (TI) LM12L458CIV Datasheet HTML 31Page - National Semiconductor (TI) LM12L458CIV Datasheet HTML 32Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 36 page
background image
6.0 Application Circuits (Continued)
greatly attenuates noise that may be present on the comput-
er’s power supply lines. However, your application may only
need an LC filter.
Figure 16 also shows the recommended supply (V
A+ and
V
D+) and reference input (VREF+ and VREF−) bypassing. The
digital and analog supply pins can be connected together to
the same supply voltage. However, they need separate, mul-
tiple bypass capacitors. Multiple capacitors on the supply
pins and the reference inputs ensures a low impedance by-
pass path over a wide frequency range.
All digital interface control signals (IOR, IOW, and AEN),
data lines (DB0–DB7), address lines (A0–A9), and IRQ (in-
terrupt request) lines (IRQ2, IRQ3, and IRQ5) connections
are made through the motherboard slot connector. All analog
signals applied to, or received by, the input multiplexer
(IN0–IN7 for the LM12(H)458 and IN0–IN3, MUXOUT+,
MUXOUT−, S/H IN+ and S/H IN− for the LM12454), V
REF+,
V
REF−,VREFOUT, and the SYNC signal input/ output are ap-
plied through a DB-37 connector on the rear side of the
board.
Figure 16 shows that there are numerous analog
ground connections available on the DB-37 connector.
The voltage applied to V
REF− and VREF+ is selected using
two jumpers, JP1 and JP2. JP1 selects between the voltage
applied to the DB-37’s pin 24 or GND and applies it to the
LM12(H)454/8’s V
REF−
input. JP2 selects between the
LM12(H)454/8’s internal reference output, V
REFOUT, and the
voltage applied to the DB-37’s pin 22 and applies it to the
LM12(H)454/8’s V
REF+ input.
TABLE 2. LM12(H)454/8 Evaluation/Interface
Board SW DIP-8 Switch Settings
for Available I/O Memory Locations
Hexidecimal
SW DIP-8
I/O Memory
Base
SW1
SW2
SW3
SW4
Address
(SEL0)
(SEL1)
(SEL2)
(SEL3)
100
ON
ON
ON
ON
120
OFF
ON
ON
ON
Hexidecimal
SW DIP-8
I/O Memory
Base
SW1
SW2
SW3
SW4
Address
(SEL0)
(SEL1)
(SEL2)
(SEL3)
140
ON
OFF
ON
ON
160
OFF
OFF
ON
ON
180
ON
ON
OFF
ON
1A0
OFF
ON
OFF
ON
1C0
ON
OFF
OFF
ON
300
OFF
OFF
OFF
ON
340
ON
ON
ON
OFF
280
OFF
ON
ON
OFF
2A0
ON
OFF
ON
OFF
The board allows the use of one of three Interrupt Request
(IRQ) lines IRQ2, IRQ3, and IRQ5. The individual IRQ line
can be selected using switches 5, 6, and 7 of SW DIP-8.
When using any of these three IRQs, the user needs to en-
sure that there are no conflicts between the evaluation board
and any other boards attached to the computer’s mother-
board.
Switches 1–4, along with address lines A5–A9 are used as
inputs to GAL16V8 Programmable Gate Array (U2). This de-
vice forms the interface between the computer’s control and
address lines and generates the control signals used by the
LM12(H)454/8 for CS, WR, and RD. It also generates the
signal that controls the data buffers. Several address ranges
within the computer’s I/O memory map are available. Refer
to
Table 2 for the switch settings that gives the desired I/O
memory address range. Selection of an address range must
be done so that there are no conflicts between the evaluation
board and any other boards attached to the computer’s
motherboard. The GAL equations are shown in
Figure 17.
The GAL functional block diagram is shown in
Figure 18.
Figures 19, 20, 21, 22 show the layout of each layer in the
3-layer evaluation/interface board plus the silk-screen layout
showing parts placement.
Figure 20 is the top or component
side,
Figure 21 is the middle or ground plane layer, Figure 22
is the circuit side, and
Figure 19 is the parts layout.
www.national.com
28


Similar Part No. - LM12L458CIV

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM12L458CIV NSC-LM12L458CIV Datasheet
884Kb / 29P
12-Bit Sign Data Acquisition System with Self-Calibration
logo
Texas Instruments
LM12L458CIV TI1-LM12L458CIV Datasheet
803Kb / 38P
12-Bit Sign Data Acquisition System with Self-Calibration
LM12L458CIV/NOPB TI1-LM12L458CIV/NOPB Datasheet
803Kb / 38P
12-Bit Sign Data Acquisition System with Self-Calibration
More results

Similar Description - LM12L458CIV

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM12454 NSC-LM12454 Datasheet
991Kb / 43P
12-Bit Sign Data Acquisition System with Self-Calibration
LM12454 NSC-LM12454_06 Datasheet
1Mb / 36P
12-Bit Sign Data Acquisition System with Self-Calibration
logo
Texas Instruments
LM12L458 TI1-LM12L458_16 Datasheet
803Kb / 38P
12-Bit Sign Data Acquisition System with Self-Calibration
logo
National Semiconductor ...
LM12L458 NSC-LM12L458_06 Datasheet
884Kb / 29P
12-Bit Sign Data Acquisition System with Self-Calibration
logo
Texas Instruments
LM12454 TI1-LM12454_14 Datasheet
1Mb / 45P
LM12454/LM12458/LM12H458 12-Bit Sign Data Acquisition System with Self-Calibration
LM12454 TI1-LM12454 Datasheet
1Mb / 43P
12-Bit Sign Data Acquisition System
logo
National Semiconductor ...
LM12434 NSC-LM12434 Datasheet
1Mb / 80P
Sign Data Acquisition System with Serial I/O and Self-Calibration
logo
Micro Linear Corporatio...
ML2200 MICRO-LINEAR-ML2200 Datasheet
1Mb / 28P
12-Bit Plus Sign Data Acquisition Peripheral
logo
Sipex Corporation
SP8121 SIPEX-SP8121 Datasheet
168Kb / 13P
Monolithic, 12-Bit Data Acquisition System
SP8481 SIPEX-SP8481 Datasheet
208Kb / 12P
Monolithic, 12-Bit Data Acquisition System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com