Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM12L458CIV Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM12L458CIV
Description  12-Bit Sign Data Acquisition System with Self-Calibration
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM12L458CIV Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button LM12L458CIV Datasheet HTML 8Page - National Semiconductor (TI) LM12L458CIV Datasheet HTML 9Page - National Semiconductor (TI) LM12L458CIV Datasheet HTML 10Page - National Semiconductor (TI) LM12L458CIV Datasheet HTML 11Page - National Semiconductor (TI) LM12L458CIV Datasheet HTML 12Page - National Semiconductor (TI) LM12L458CIV Datasheet HTML 13Page - National Semiconductor (TI) LM12L458CIV Datasheet HTML 14Page - National Semiconductor (TI) LM12L458CIV Datasheet HTML 15Page - National Semiconductor (TI) LM12L458CIV Datasheet HTML 16Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 36 page
background image
Digital Timing Characteristics (Continued)
Typical Performance Characteristics The following curves apply for 12-bit + sign mode after
auto-calibration with V
A+ = VD+ = 3.3V, VREF+ = 2.5V, VREF− = 0V, TA = 25˚C, and fCLK = 6 MHz unless otherwise specified.
The performance for 8-bit + sign and “watchdog” modes is equal to or better than shown. (Note 9)
DS011711-11
FIGURE 7. Simplified Error Curve vs Output Code after Auto-Calibration Cycle
DS011711-12
FIGURE 8. Offset or Zero Error Voltage
Linearity Error Change
vs Clock Frequency
DS011711-34
Linearity Error Change
vs Temperature
DS011711-35
Linearity Error Change
vs Reference Voltage
DS011711-36
www.national.com
12


Similar Part No. - LM12L458CIV

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM12L458CIV NSC-LM12L458CIV Datasheet
884Kb / 29P
12-Bit Sign Data Acquisition System with Self-Calibration
logo
Texas Instruments
LM12L458CIV TI1-LM12L458CIV Datasheet
803Kb / 38P
12-Bit Sign Data Acquisition System with Self-Calibration
LM12L458CIV/NOPB TI1-LM12L458CIV/NOPB Datasheet
803Kb / 38P
12-Bit Sign Data Acquisition System with Self-Calibration
More results

Similar Description - LM12L458CIV

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM12454 NSC-LM12454 Datasheet
991Kb / 43P
12-Bit Sign Data Acquisition System with Self-Calibration
logo
Sipex Corporation
SP8121 SIPEX-SP8121 Datasheet
168Kb / 13P
Monolithic, 12-Bit Data Acquisition System
logo
Micro Linear Corporatio...
ML2200 MICRO-LINEAR-ML2200 Datasheet
1Mb / 28P
12-Bit Plus Sign Data Acquisition Peripheral
logo
National Semiconductor ...
LM12434 NSC-LM12434 Datasheet
1Mb / 80P
Sign Data Acquisition System with Serial I/O and Self-Calibration
logo
Sipex Corporation
SP8481 SIPEX-SP8481 Datasheet
208Kb / 12P
Monolithic, 12-Bit Data Acquisition System
logo
National Semiconductor ...
LM12L458 NSC-LM12L458_06 Datasheet
884Kb / 29P
12-Bit Sign Data Acquisition System with Self-Calibration
LM12454 NSC-LM12454_06 Datasheet
1Mb / 36P
12-Bit Sign Data Acquisition System with Self-Calibration
logo
Texas Instruments
LM12454 TI1-LM12454_14 Datasheet
1Mb / 45P
LM12454/LM12458/LM12H458 12-Bit Sign Data Acquisition System with Self-Calibration
LM12L458 TI1-LM12L458_16 Datasheet
803Kb / 38P
12-Bit Sign Data Acquisition System with Self-Calibration
LM12454 TI1-LM12454 Datasheet
1Mb / 43P
12-Bit Sign Data Acquisition System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com