Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST92185B2T1 Datasheet(PDF) 105 Page - STMicroelectronics

Part # ST92185B2T1
Description  16K/24K/32K ROM HCMOS MCU WITH ON-SCREEN-DISPLAY
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92185B2T1 Datasheet(HTML) 105 Page - STMicroelectronics

Back Button ST92185B2T1 Datasheet HTML 101Page - STMicroelectronics ST92185B2T1 Datasheet HTML 102Page - STMicroelectronics ST92185B2T1 Datasheet HTML 103Page - STMicroelectronics ST92185B2T1 Datasheet HTML 104Page - STMicroelectronics ST92185B2T1 Datasheet HTML 105Page - STMicroelectronics ST92185B2T1 Datasheet HTML 106Page - STMicroelectronics ST92185B2T1 Datasheet HTML 107Page - STMicroelectronics ST92185B2T1 Datasheet HTML 108Page - STMicroelectronics ST92185B2T1 Datasheet HTML 109Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 178 page
background image
105/178
ST92185B - ON SCREEN DISPLAY (OSD)
ON SCREEN DISPLAY (Cont’d)
7.4.4.5 Rules When Using Size Attributes
Secondary effects can be generated when the
shape format is not respected.
The 3 figures below describe the combination of
parallel size attributes to obtain the different char-
acter sizes:
· Double Width
· Double Height
· Double Size
7.4.4.6
Example
of
using
Double
Width
Attribute
In parallel mode, double width on character can be
obtained using the following rule (Figure 16):
It is important to set Double Width (bit 3 of the
shape attribute) on the current character attribute
and Single Size on the following one. The second
character location can be either a serial attribute or
another character.
On the contrary, if a new color or a Double Width
attribute is set in the second attribute location, the
second part of the character is overlapped.
Figure 64. Double Width Examples
Attributes
location
Characters
location
Double width
A
New foreground
(serial attribute)
NF
A
SS
DW
Simple size
Double
width
1 ROW
Double width
A B
A
NC
DW
New color
Double
width
New foreground
(parallel attribute)
1 ROW
B
first half of the second
character is displayed
VR02115G



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com