Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST92185B2T1 Datasheet(PDF) 110 Page - STMicroelectronics

Part # ST92185B2T1
Description  16K/24K/32K ROM HCMOS MCU WITH ON-SCREEN-DISPLAY
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92185B2T1 Datasheet(HTML) 110 Page - STMicroelectronics

Back Button ST92185B2T1 Datasheet HTML 106Page - STMicroelectronics ST92185B2T1 Datasheet HTML 107Page - STMicroelectronics ST92185B2T1 Datasheet HTML 108Page - STMicroelectronics ST92185B2T1 Datasheet HTML 109Page - STMicroelectronics ST92185B2T1 Datasheet HTML 110Page - STMicroelectronics ST92185B2T1 Datasheet HTML 111Page - STMicroelectronics ST92185B2T1 Datasheet HTML 112Page - STMicroelectronics ST92185B2T1 Datasheet HTML 113Page - STMicroelectronics ST92185B2T1 Datasheet HTML 114Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 178 page
background image
110/178
ST92185B - ON SCREEN DISPLAY (OSD)
ON SCREEN DISPLAY (Cont’d)
7.4.4.11 Cursor Control
s
Horizontal position (by character)
s
Vertical position (by row)
s
Color or Underline Cursor Modes
s
Color Cursor with inverted foreground / inverted
background
s
Flash or Steady mode Color Cursor
Cursor display is controlled using two registers:
– Cursor Horizontal Position R246 (F6h) Page 32
– Cursor Vertical Position R247 (F7h) Page 32.
Notes:
1. Cursor operation in “Underline” mode: any
screen location where the foreground color is
identical to the background color behaves as a
“lost cursor” (i.e. cursor not visible). Assuming a
serial mode display, the screen location placed
on the lower row after a double height character
will lead to a “lost cursor”.
2. Ghost fringing: assuming a cursor operation in
color inversion mode, assuming a serial mode
display, assuming the fringe is activated, the
screen location placed on the lower row after a
double height character may show a “ghost
fringing” effect (the ghost color being an
inverted background one).
3. Static or flash cursor Mode: the horizontal cur-
sor value indicates the character position (i.e.
first character pointed with a “1” value); in
Underline Mode, the horizontal cursor value
gives the position minus “1”.
7.4.5 Vertical Scrolling Control
s
Top-Down or Bottom-Up shift
s
Freeze Display function
s
Shift speed control
s
Double Height Display scrolling
Scrolling is performed in a programmable rolling
window if the characters are in normal height.
In Line mode, the scrolling window must be entire-
ly filled by programmed rows (each scrolled loca-
tion is defined by one of the 11 available rows).
Notes:
1. 80-characters combined with scrolling can only
be used in Line mode
2. In Parallel (Level 1+) mode, scrolling is possible
without serial attributes DS and DH.
Use these two registers to control scrolling:
– Scrolling Control Low R248 (F8h) Page 32
– Scrolling Control High R249 (F9h) Page 32
7.4.5.1 RGB & FB DAC and TSLU Outputs
The R, G, B and FB pins of the ST92195/
ST92R195 are analog outputs controlled by true
Digital to Analog Converters. These outputs are
specially designed to directly drive the Video Pro-
cessor.
The R, G and B outputs are referred to Ground
and they can drive up to 1.0V; they are loaded on-
chip by a 0.5K ohms typical load.
The effective DAC output level is controlled by a 3
bit digital code issued by the display control logic
with respect to the real time value of R, G or B and
the Half-Intensity control bit, as follows:
The FB (fast switch) output is also referred to
Ground and can drive up to 3.0V with an on-chip
0.5K ohm load. This analog FB output provides the
best phase matching with the R, G, B signals.
An example of the Fast Blanking Signal is shown
in Figure 6.
The TLSU pin is a digital output (0-5V).
R/G/B DAC code
Display aspect during FB
0
0
0
No Color
0
1
1
Half-
Intensity Color
1
1
1
Full-
Intensity Color



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com