Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST92185B2T1 Datasheet(PDF) 133 Page - STMicroelectronics

Part # ST92185B2T1
Description  16K/24K/32K ROM HCMOS MCU WITH ON-SCREEN-DISPLAY
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92185B2T1 Datasheet(HTML) 133 Page - STMicroelectronics

Back Button ST92185B2T1 Datasheet HTML 129Page - STMicroelectronics ST92185B2T1 Datasheet HTML 130Page - STMicroelectronics ST92185B2T1 Datasheet HTML 131Page - STMicroelectronics ST92185B2T1 Datasheet HTML 132Page - STMicroelectronics ST92185B2T1 Datasheet HTML 133Page - STMicroelectronics ST92185B2T1 Datasheet HTML 134Page - STMicroelectronics ST92185B2T1 Datasheet HTML 135Page - STMicroelectronics ST92185B2T1 Datasheet HTML 136Page - STMicroelectronics ST92185B2T1 Datasheet HTML 137Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 178 page
background image
133/178
ST92185B - ON SCREEN DISPLAY (OSD)
7.4.10 Application Software Examples
Before starting an OSD Display, it is very important to start all the internal clock/timings
To understand the software routines given below, make a thorough study of the chapters on the Reset
and Clock Control Unit (RCCU) and the TDSRAM Interface.
Initialization of the Internal Clock
;=========================================================================
;
MAIN CLOCK INIT
;=========================================================================
CLOCKS::
;--------- CPU MAIN CLOCK ------------
; C K M A I N
provided by the freq. multplier
spp #TCCR_PG; Timings & clock Controller registers page
; page 39 or 27
ld MCCR,#0x05; program the frequency multiplier down
; counter in the feed-back loop (253 =FD)
; freq=(5+1)*2 =12Mhz
; freq=(7+1)*2 =16Mhz
; freq=(8+1)*2 =18Mhz
ld MCCR,#0x85; enable the freq. multiplier
srp #BK20
ldw rr0,#0x2FFF;
time_stab1:
; for frequency multiplier stabilization
decw rr0; change CPU source clock & wait clock stabilization
cpw rr0,#0x00;
jxnz time_stab1;
ld MCCR,#0xC5 ; select the freq. multiplier as main clock
pop ppr
;=========================================================================
;
SYNCHRO START
;=========================================================================
spp #SYCR_PG
; set page pointer to page 23h or 35 decimal
ld CSYCTR,#000h; R243, Hsync and Vsync from deflection part
(external)
ld CSYSUR,#0C4h; R242 Sync Controller Set-up register
; Standard mode, Positive polarity of Hsync & Vsync
; delay on Hsync/Vsync HSF(3:0)=9
;=========================================================================
;
DISPLAY PIXEL CLOCK
;=========================================================================
;
spp #TCCR_PG; Timings & clock Controller registers page
; set page pointer to page 39 decimal
ld SKCCR, #0x09; FE, Skew clock control register
; program the frequency multiplier down
; counter in the feed-back loop



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com