Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST7MC1K2TC Datasheet(PDF) 156 Page - STMicroelectronics

Part # ST7MC1K2TC
Description  8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, BRUSHLESS MOTOR CONTROL, FIVE TIMERS, SPI, LINSCI
PDF  308 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC1K2TC Datasheet(HTML) 156 Page - STMicroelectronics

Back Button ST7MC1K2TC Datasheet HTML 152Page - STMicroelectronics ST7MC1K2TC Datasheet HTML 153Page - STMicroelectronics ST7MC1K2TC Datasheet HTML 154Page - STMicroelectronics ST7MC1K2TC Datasheet HTML 155Page - STMicroelectronics ST7MC1K2TC Datasheet HTML 156Page - STMicroelectronics ST7MC1K2TC Datasheet HTML 157Page - STMicroelectronics ST7MC1K2TC Datasheet HTML 158Page - STMicroelectronics ST7MC1K2TC Datasheet HTML 159Page - STMicroelectronics ST7MC1K2TC Datasheet HTML 160Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 156 / 308 page
background image
ST7MC1/ST7MC2
156/308
MOTOR CONTROLLER (Cont’d)
10.6.6.7 Protection for ZH event detection
To avoid an erroneous detection of a hardware
zero-crossing event, a filter can be enabled by set-
ting the PZ bit in the MCRA register. This filter will
ensure the detection of a ZH event on an edge
transition between D event and ZH event.
Without this protection, ZH event detection is done
directly on the current sample in comparison with
the expected state at the output of the phase com-
parator. For example, if a falling edge transition
(meaning a transition from 1 to 0 at the output of
the phase comparator) is configured for ZH event
through the CPB bit in MCRB register, then, the
state 0 is expected at the comparator output and
once this state is detected, the ZH event is gener-
ated without any verification that the state at the
comparator output of the previous sample was 1.
The purpose of this protection filter is to be sure
that the state of the comparator output at the sam-
ple before was really the opposite of the current
state which is generating the ZH event. With this
filter, the ZH event generation is done on edge
transition level comparison.
This filter is not needed in sensor mode (SR=1)
and for simulated zero-crossing event (ZS) gener-
ation.
When the PZ bit is set, the Z event filter ZEF[3:0] in
the MZFR register is ignored.
Figure 83. Protection of ZH event detection
+
-
D
CP
S
Q
Q
R
D
CP
S
Q
Q
R
D
CP
S
Q
Q
R
V
I
F
D
Rz
Sampling clock
Current sample
Previous sample
Phase
Comparator
Falling/Rising Edge
MCRB register MPOL register
CPB* bit
Direct/Filter PZ
MCRA register
bit 1
ZVD bit
V Voltage mode
I Current mode
Rz Rising edge zero-crossing
Fz Falling edge zero-crossing
C Commutation event
Fz
Instantaneous
edge
Z
C
Fz
CRz
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com