Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST7MC1K2TC Datasheet(PDF) 232 Page - STMicroelectronics

Part # ST7MC1K2TC
Description  8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, BRUSHLESS MOTOR CONTROL, FIVE TIMERS, SPI, LINSCI
PDF  308 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC1K2TC Datasheet(HTML) 232 Page - STMicroelectronics

Back Button ST7MC1K2TC Datasheet HTML 228Page - STMicroelectronics ST7MC1K2TC Datasheet HTML 229Page - STMicroelectronics ST7MC1K2TC Datasheet HTML 230Page - STMicroelectronics ST7MC1K2TC Datasheet HTML 231Page - STMicroelectronics ST7MC1K2TC Datasheet HTML 232Page - STMicroelectronics ST7MC1K2TC Datasheet HTML 233Page - STMicroelectronics ST7MC1K2TC Datasheet HTML 234Page - STMicroelectronics ST7MC1K2TC Datasheet HTML 235Page - STMicroelectronics ST7MC1K2TC Datasheet HTML 236Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 232 / 308 page
background image
ST7MC1/ST7MC2
232/308
10.7 OPERATIONAL AMPLIFIER (OA)
10.7.1 Introduction
The ST7 Op-Amp module is designed to cover
various
types
of
microcontroller
applications
where analog signals amplifiers are used.
It may be used to perform a variety of functions
such as: differential voltage amplifier, comparator/
threshold detector, ADC zooming, impedance
adaptor, general purpose operational amplifier.
10.7.2 Main Features
This module includes:
■ 1 stand alone Op-Amp that may be externally
connected using I/O pins
■ Op-Amp output can be internally connected to
the ADC inputs as well as to the motor control
current feedback comparator input
■ Input offset compensation with optional average
■ On/Off bit to reduce power consumption and to
enable
the
input/output
connections
with
external pins
10.7.3 General Description
This Op-Amp can be used with 3 external pins
(see device pinout description) and can be inter-
nally connected to the ADC and the Motor Control
cells. The gain must be fixed with external compo-
nents.
The input/output pins are connected to the Op-
Amp as soon as it is switched ON (through the
OACSR register).
The analog input ports must be configured as in-
put, no pull-up, no interrupt. Refer to the “I/O ports”
chapter. Using these pins as analog inputs does
not affect the ability of the port to be read as a logic
input.
The output is not connected (HiZ) when the Op-
Amp is OFF. However the pin can still be used as
an ADC or MTC input in this case.
When the Op-Amp is ON the output is connected
to a dedicated pin which is not a standard I/O port.
The output can be also be connected to the ADC
or the MTC. The switches are controlled software
(refer to the MTC and ADC chapters).
10.7.4 Input Offset Compensation
The Op-Amp incorporates a method to minimize
the input offset which is dependant on process lot.
It is useable by setting the OFFCMP bit of the con-
trol register, which launch the compensation cycle.
The CMPVR bit is set by hardware as soon as this
cycle is completed. The compensation is valid as
long as the OFFCMP bit is high. It can be re-per-
formed by cycling OFFCMP ‘0’ then ‘1’.
The compensation can be improved by averaging
the calculation (over 16 times) setting the AVGC-
MP bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com