Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XR76201 Datasheet(PDF) 8 Page - Exar Corporation

Part # XR76201
Description  40V PowerBloxTM 1.5A Synchronous Step-Down COT Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR76201 Datasheet(HTML) 8 Page - Exar Corporation

Back Button XR76201 Datasheet HTML 4Page - Exar Corporation XR76201 Datasheet HTML 5Page - Exar Corporation XR76201 Datasheet HTML 6Page - Exar Corporation XR76201 Datasheet HTML 7Page - Exar Corporation XR76201 Datasheet HTML 8Page - Exar Corporation XR76201 Datasheet HTML 9Page - Exar Corporation XR76201 Datasheet HTML 10Page - Exar Corporation XR76201 Datasheet HTML 11Page - Exar Corporation XR76201 Datasheet HTML 12Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
XR
76201
8/16
REV1A
Typical Performance Characteristics (Continued)
Unless otherwise noted: VIN = 24V, VOUT = 3.3V, IOUT = 1.5A, f = 600kHz, TA = 25°C. Application Circuit from the Application
Information section.
SW
VOUT
AC-coupled 20MHz
IL
24mVp-p
400µs/div
SW
VOUT
AC-coupled 20MHz
IL
33mVp-p
2µs/div
Figure 13.
Steady State, IOUT = 1.5A
Figure 14.
Steady State, DCM, IOUT = 0A
VIN
EN
IL
VOUT
4ms/div
VIN
EN
IL
VOUT
4ms/div
Figure 15.
Power Up, Forced CCM
Figure 16.
Power Up, DCM/CCM
92mV
172mV
Di/Dt = 2.5A/µs
SW
VOUT
AC-coupled 20MHz
IOUT
100µs/div
90mV
68mV
Di/Dt = 2.5A/µs
SW
VOUT
AC-coupled 20MHz
IOUT
20µs/div
Figure 17.
Load Step, Forced CCM, 0A-0.8A
Figure 18.
Load Step, DCM/CCM, 0.05A-0.85A


Similar Part No. - XR76201

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR76203 EXAR-XR76203 Datasheet
1Mb / 20P
3A/5A/8A Synchronous Step Down COT Regulator
XR76203-Q EXAR-XR76203-Q Datasheet
689Kb / 20P
AEC-Q100 Qualified 40V PowerBlox 3A/5A/8A Synchronous Step Down COT Regulator
XR76203EL-F EXAR-XR76203EL-F Datasheet
1Mb / 20P
3A/5A/8A Synchronous Step Down COT Regulator
XR76203EL-Q EXAR-XR76203EL-Q Datasheet
689Kb / 20P
AEC-Q100 Qualified 40V PowerBlox 3A/5A/8A Synchronous Step Down COT Regulator
XR76203ELMTR-F EXAR-XR76203ELMTR-F Datasheet
1Mb / 20P
3A/5A/8A Synchronous Step Down COT Regulator
More results

Similar Description - XR76201

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM34919 NSC-LM34919 Datasheet
369Kb / 18P
40V, 600 mA Step Down COT Switching Regulator
logo
Torex Semiconductor
XC9260 TOREX-XC9260 Datasheet
1Mb / 28P
COT Control, 1.5A Synchronous Step-Down DC/DC Converters
XC9262 TOREX-XC9262 Datasheet
972Kb / 26P
COT Control, 1.5A Synchronous Step-Down DC/DC Converters
logo
Exar Corporation
XR75100 EXAR-XR75100 Datasheet
3Mb / 15P
40V Synchronous Step Down COT Controller
XR76115 EXAR-XR76115 Datasheet
2Mb / 16P
15A Synchronous Step Down COT Regulator
XR76121 EXAR-XR76121 Datasheet
1Mb / 18P
PowerBloxTM 20A Synchronous Step-Down COT Regulators
XR76208EL-Q EXAR-XR76208EL-Q Datasheet
689Kb / 21P
AEC-Q100 Qualified 40V PowerBloxTM 3A/5A/8A Synchronous Step Down COT Regulator
XR79206EL-F EXAR-XR79206EL-F Datasheet
2Mb / 20P
40V, 6A Synchronous Step-Down COT Power Module
logo
Torex Semiconductor
XD9260 TOREX-XD9260 Datasheet
1Mb / 27P
COT Control, 1.5A Synchronous Step-Down DC/DC Converters
logo
ACE Technology Co., LTD...
ACE735N ACE-ACE735N Datasheet
190Kb / 3P
High Efficiency, 1.5A 40V Input Synchronous Step-Down Regulator
VER 1.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com