Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OMAP3530ECBB72 Datasheet(PDF) 173 Page - Texas Instruments

Click here to check the latest version.
Part # OMAP3530ECBB72
Description  OMAP3530 and OMAP3525 Applications Processors
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OMAP3530ECBB72 Datasheet(HTML) 173 Page - Texas Instruments

Back Button OMAP3530ECBB72 Datasheet HTML 169Page - Texas Instruments OMAP3530ECBB72 Datasheet HTML 170Page - Texas Instruments OMAP3530ECBB72 Datasheet HTML 171Page - Texas Instruments OMAP3530ECBB72 Datasheet HTML 172Page - Texas Instruments OMAP3530ECBB72 Datasheet HTML 173Page - Texas Instruments OMAP3530ECBB72 Datasheet HTML 174Page - Texas Instruments OMAP3530ECBB72 Datasheet HTML 175Page - Texas Instruments OMAP3530ECBB72 Datasheet HTML 176Page - Texas Instruments OMAP3530ECBB72 Datasheet HTML 177Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 173 / 265 page
background image
OMAP3530, OMAP3525
www.ti.com
SPRS507H – FEBRUARY 2008 – REVISED OCTOBER 2013
Table 6-10. GPMC/NAND Flash Interface Asynchronous Timing – Internal Parameters(1) (2) (continued)
NO.
PARAMETER
1.15 V
1.0 V
0.9 V
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
GNFI3
Maximum device select generation delay from
6.5
9.1
13.7
ns
internal functional clock
GNFI4
Maximum address latch enable generation delay
6.5
9.1
13.7
ns
from internal functional clock
GNFI5
Maximum command latch enable generation
6.5
9.1
13.7
ns
delay from internal functional clock
GNFI6
Maximum output enable generation delay from
6.5
9.1
13.7
ns
internal functional clock
GNFI7
Maximum write enable generation delay from
6.5
9.1
13.7
ns
internal functional clock
GNFI8
Maximum functional clock skew
100
170
200
ps
Table 6-11. GPMC/NAND Flash Interface Timing Requirements
NO.
PARAMETER
1.15 V
1.0 V
0.9 V
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
GNF12(1) tacc(DAT)
Data maximum access time
J(2)
J(2)
J(2)
GPMC_FCLK
cycles
(1)
The GNF12 parameter illustrates the amount of time required to internally sample input data. It is expressed in number of GPMC
functional clock cycles. From start of the read cycle and after GNF12 functional clock cycles, input data is internally sampled by the
active functional clock edge. The GNF12 value must be stored inside AccessTime register bit field.
(2)
J = AccessTime * (TimeParaGranularity + 1)
Table 6-12. GPMC/NAND Flash Interface Switching Characteristics
NO.
PARAMETER
1.15 V
1.0 V
0.9 V
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
tR(DO)
Rise time, output
2.0
2.0
2.0
ns
data
tF(DO)
Fall time, output
2.0
2.0
2.0
ns
data
GNF0
tw(nWEV)
Pulse duration,
A(1)
A(1)
A(1)
ns
gpmc_nwe valid
time
GNF1
td(nCSV-nWEV)
Delay time,
B(2) – 0.2
B(2) + 2.0
B(2) – 0.2
B(2) + 2.6
B(2) – 0.2
B(2) + 3.7
ns
gpmc_ncsx(13)
valid to
gpmc_nwe valid
GNF2
tw(CLEH-nWEV)
Delay time,
C(3) – 0.2
C(3) + 2.0
C(3) – 0.2
C(3) + 2.6
C(3) – 0.2
C(3) + 3.7
ns
gpmc_nbe0_cle
high to gpmc_nwe
valid
GNF3
tw(nWEV-DV)
Delay time,
D(4) – 0.2
D(4) + 2.0
D(4) – 0.2
D(4) + 2.6
D(4) – 0.2
D(4) + 3.7
ns
gpmc_d[15:0]
valid to
gpmc_nwe valid
GNF4
tw(nWEIV-DIV)
Delay time,
E(5) – 0.2
E(5) + 2.0
E(5) – 0.2
E(5) + 2.6
E(5) – 0.2
E(5) + 3.7
ns
gpmc_nwe invalid
to gpmc_d[15:0]
invalid
GNF5
tw(nWEIV-CLEIV)
Delay time,
F(6) – 0.2
F(6) + 2.0
F(6) – 0.2
F(6) + 2.6
F(6) – 0.2
F(6) + 3.7
ns
gpmc_nwe invalid
to
gpmc_nbe0_cle
invalid
Copyright © 2008–2013, Texas Instruments Incorporated
TIMING REQUIREMENTS AND SWITCHING CHARACTERISTICS
173
Submit Documentation Feedback
Product Folder Links: OMAP3530 OMAP3525



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com