Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OMAP3530ECBB72 Datasheet(PDF) 212 Page - Texas Instruments

Click here to check the latest version.
Part # OMAP3530ECBB72
Description  OMAP3530 and OMAP3525 Applications Processors
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OMAP3530ECBB72 Datasheet(HTML) 212 Page - Texas Instruments

Back Button OMAP3530ECBB72 Datasheet HTML 208Page - Texas Instruments OMAP3530ECBB72 Datasheet HTML 209Page - Texas Instruments OMAP3530ECBB72 Datasheet HTML 210Page - Texas Instruments OMAP3530ECBB72 Datasheet HTML 211Page - Texas Instruments OMAP3530ECBB72 Datasheet HTML 212Page - Texas Instruments OMAP3530ECBB72 Datasheet HTML 213Page - Texas Instruments OMAP3530ECBB72 Datasheet HTML 214Page - Texas Instruments OMAP3530ECBB72 Datasheet HTML 215Page - Texas Instruments OMAP3530ECBB72 Datasheet HTML 216Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 212 / 265 page
background image
mcspix_cs0(EPOL=1)
mcspix_clk(POL=0)
mcspix_clk(POL=1)
mcspix_simo
mcspix_somi
mcspix_cs0(EPOL=1)
mcspix_clk(POL=0)
mcspix_clk(POL=1)
mcspix_simo
mcspix_somi
Bitn-1
Bitn-2
Bitn-3
Bitn-4
Bit0
Bitn-1
Bitn-2
Bitn-3
Bitn-4
Bit0
Bitn-1
Bitn-2
Bitn-3
Bit1
Bit0
Bitn-1
Bitn-2
Bitn-3
Bit1
Bit0
SS4
SS5
SS6
SS3
SS1
SS0
SS2
SS1
SS0
SS4
SS5
SS3
SS1
SS0
SS1
SS0
SS2
SS6
SS7
Mode0&2
Mode1&3
030-076
OMAP3530, OMAP3525
SPRS507H – FEBRUARY 2008 – REVISED OCTOBER 2013
www.ti.com
Figure 6-41. McSPI Interface – Transmit and Receive in Slave Mode(1) (2)
(1) The active clock edge (rising or falling) on which mcspi_somi is driven and mcspi_simo data is latched is software configurable with the
bit MSPI_CHCONFx[0] = PHA and the bit MSPI_CHCONFx[1] = POL.
(2) The polarity of mcspix_csi is software configurable with the bit MSPI_CHCONFx[6] = EPOL In mcspix, x is equal to 1, 2, 3, or 4.
6.6.2.2
McSPI in Master Mode
Table 6-73 and Table 6-74 assume testing over the recommended operating conditions (see Figure 6-42).
Table 6-73. McSPI1, 2, and 4 Interface Timing Requirements – Master Mode(1) (2)
NO.
PARAMETER
1.15 V
1.0 V
UNIT
MIN
MAX
MIN
MAX
SM2
tsu(SOMIV-CLKAE)
Setup time, mcspix_somi valid before mcspix_clk
1.1
1.5
ns
active edge
SM3
th(SOMIV-CLKAE)
Hold time, mcspix_somi valid after mcspix_clk active
1.9
2.8
ns
edge
(1)
The input timing requirements are given by considering a rise time and a fall time of 4 ns.
(2)
In mcspix, x is equal to 1, 2, or 4. In mcspix_csn, n is equal to 0, 1, 2, or 3 for x equal to 1, n is equal to 0 or 1 for x equal to 2 and 4.
212
TIMING REQUIREMENTS AND SWITCHING CHARACTERISTICS
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: OMAP3530 OMAP3525



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com