Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OMAP3530ECBB72 Datasheet(PDF) 250 Page - Texas Instruments

Click here to check the latest version.
Part # OMAP3530ECBB72
Description  OMAP3530 and OMAP3525 Applications Processors
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OMAP3530ECBB72 Datasheet(HTML) 250 Page - Texas Instruments

Back Button OMAP3530ECBB72 Datasheet HTML 246Page - Texas Instruments OMAP3530ECBB72 Datasheet HTML 247Page - Texas Instruments OMAP3530ECBB72 Datasheet HTML 248Page - Texas Instruments OMAP3530ECBB72 Datasheet HTML 249Page - Texas Instruments OMAP3530ECBB72 Datasheet HTML 250Page - Texas Instruments OMAP3530ECBB72 Datasheet HTML 251Page - Texas Instruments OMAP3530ECBB72 Datasheet HTML 252Page - Texas Instruments OMAP3530ECBB72 Datasheet HTML 253Page - Texas Instruments OMAP3530ECBB72 Datasheet HTML 254Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 250 / 265 page
background image
etk_clk
etk_ctl
etk_d[15:0]
ETM0
ETM2
ETM3
ETM2
ETM1
ETM3
030-110
OMAP3530, OMAP3525
SPRS507H – FEBRUARY 2008 – REVISED OCTOBER 2013
www.ti.com
6.8
Test Interfaces
The emulation and trace interfaces allow tracing activities of the following CPUs:
•
ARM1136JF-STM through an Embedded Trace Macro-cell (ETM11) dedicated to enable real-time
trace of the ARM subsystem operations and a Serial Debug Trace Interface (SDTI)
•
IVA2 DSP through a high-speed real-time data exchange (HS-RTDX) controller
All processors can be emulated via JTAG ports.
6.8.1
Embedded Trace Macro Interface (ETM)
Table 6-142 assumes testing over the recommended operating conditions (see Figure 6-69).
Table 6-142. Embedded Trace Macro Interface Switching Characteristics(1)
NO.
PARAMETER
1.15 V
UNIT
MIN
MAX
f
1/tc(CLK)
Frequency, etk_clk
166
MHz
ETM0
tc(CLK)
Cycle time(2), etk_clk
6
ns
ETM1
tW(CLK)
Clock pulse width, etk_clk
2.7
ns
ETM2
td(CLK-CTL)
Delay time, etk_clk clock edge to etk_ctl transition
–0.5
0.5
ns
ETM3
td(CLK-D)
Delay time, etk_clk clock high to etk_d[15:0] transition
–0.5
0.5
ns
(1)
The capacitive load is equivalent to 25 pF.
(2)
Cycle time is given by considering a jitter of 5%.
Figure 6-69. Embedded Trace Macro Interface
6.8.2
System Debug Trace Interface (SDTI)
The system debug trace interface (SDTI) module provides real-time software tracing functionality to the
OMAP3530/25 device.
The trace interface has four trace data pins and a trace clock pin.
This interface is a dual-edge interface: the data are available on rising and falling edges of sdti_clk but can
be also configured in single edge mode where data are available on falling edge of sdti_clk.
Serial interface operates in clock stop regime: serial clock is not free running, when there is no trace data
there is no trace clock.
6.8.2.1
System Debug Trace Interface in Dual-Edge Mode
Table 6-144 assumes testing over the recommended operating conditions and electrical characteristic
conditions (see Figure 6-70).
250
TIMING REQUIREMENTS AND SWITCHING CHARACTERISTICS
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: OMAP3530 OMAP3525



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com